Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT27C516 Datasheet(PDF) 5 Page - ATMEL Corporation

Part No. AT27C516
Description  512K 32K x 16 OTP CMOS EPROM
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C516 Datasheet(HTML) 5 Page - ATMEL Corporation

  AT27C516 Datasheet HTML 1Page - ATMEL Corporation AT27C516 Datasheet HTML 2Page - ATMEL Corporation AT27C516 Datasheet HTML 3Page - ATMEL Corporation AT27C516 Datasheet HTML 4Page - ATMEL Corporation AT27C516 Datasheet HTML 5Page - ATMEL Corporation AT27C516 Datasheet HTML 6Page - ATMEL Corporation AT27C516 Datasheet HTML 7Page - ATMEL Corporation AT27C516 Datasheet HTML 8Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Pin Capacitance (f = 1 MHz T = 25°C)
(1)
Typ
Max
Units
Conditions
CIN
410
pF
VIN = 0V
COUT
812
pF
VOUT = 0V
Note:
1. Typical values for nominal supply voltage. This parameter is only sampled and is not 100% tested.
AC Waveforms for Read Operation
(1)
Notes: 1. Timing measurement reference level is 1.5V for -45
and -55 devices. Input AC drive levels are VIL =
0.0V and VIH = 3.0V. Timing measurement
reference levels for all other speed grades are VOL
= 0.8V and VOH = 2.0V. Input AC drive levels are
VIL = 0.45V and VIH = 2.4V.
2. OE may be delayed up to tCE - tOE after the falling
edge of CE without impact on tCE .
3. OE may be delayed up to tACC - tOE after the address is valid
without impact on tACC .
4. This parameter is only sampled and is not 100% tested.
5. Output float is defined as the point when data is no longer driven.
Input Test Waveforms and Measurement Levels
tR, tF < 5 ns (10% to 90%)
For -45, -55, and -70
Devices Only:
Output Test Load
Note: CL = 100 pF including jig
capacitance except -45, -55 and -70
devices, where CL = 30 pF.
tR, tF < 20 ns (10% to 90%)
For -85 and -10
Devices Only:
AT27C516
3-149


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn