Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT27C516 Datasheet(PDF) 4 Page - ATMEL Corporation

Part No. AT27C516
Description  512K 32K x 16 OTP CMOS EPROM
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo 

AT27C516 Datasheet(HTML) 4 Page - ATMEL Corporation

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AC Characteristics for Read Operation
AT27C516
-45
-55
-70
-85
-10
Symbol
Parameter
Condition
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Units
tACC (3)
Address to Output Delay
CE = OE = VIL
45
55
70
85
100
ns
tCE (2)
CE to Output Delay
OE = VIL
45
55
70
85
100
ns
tOE (2, 3)
OE to Output Delay
CE = VIL
20
25
25
30
30
ns
tDF (4, 5)
OE or CE High to Output Float,
whichever occurred first
20
25
25
30
30
ns
tOH
Output Hold from Address,
CE or OE, whichever
occurred first
7
7
7
0
0
ns
Notes:
2, 3, 4, 5. - see AC Waveforms for Read Operation.
DC and AC Operating Conditions for Read Operation
AT27C516
-45
-55
-70
-85
-10
Operating
Temperature (Case)
Com.
0°C - 70°C
0°C - 70°C
0°C - 70°C
0°C - 70°C
0°C - 70°C
Ind.
-40°C - 85°C
-40°C - 85°C
-40°C - 85°C
-40°C - 85°C
-40°C - 85°C
VCC Power Supply
5V
± 10%
5V
± 10%
5V
± 10%
5V
± 10%
5V
± 10%
DC and Operating Characteristics for Read Operation
Symbol
Parameter
Condition
Min
Max
Units
ILI
Input Load Current
VIN = 0V to VCC
± 1
µA
ILO
Output Leakage Current
VOUT = 0V to VCC
± 5
µA
IPP1
(2)
VPP
(1)
Read/Standby Current
VPP = VCC
10
µA
ISB
VCC
(1)
Standby Current
ISB1 (CMOS), CE = VCC
± 0.3V
100
µA
ISB2 (TTL), CE = 2.0 to VCC + 0.5V
1mA
ICC
VCC Active Current
f = 5 MHz, IOUT = 0 mA, CE = VIL
30
mA
VIL
Input Low Voltage
-0.6
0.8
V
VIH
Input High Voltage
2.0
VCC + 0.5
V
VOL
Output Low Voltage
IOL = 2.1 mA
0.4
V
VOH
Output High Voltage
IOH = -400
µA
2.4
V
Notes: 1. VCC must be applied simultaneously or before VPP,
and removed simultaneously or after VPP.
2. VPP may be connected directly to VCC, except during pro-
gramming. The supply current would then be the sum of ICC
and IPP.
3-148
AT27C516


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn