Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PX72-270 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PX72-270
Description  PHOTOVOLTAIC MODULE PX72
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PX72-270 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PX72-270 Datasheet HTML 1Page - List of Unclassifed Manufacturers PX72-270 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PX72
260-270-280-290Wp
extra large
0
0
1
2
3
4
5
6
7
8
9
10
10
20
30
40
50
1000 W/m2
800 W/m2
600 W/m2
400 W/m2
200 W/m2
VOLTAGGIO (V) / VOLTAGE (V)
SOLARDAY S.p.A. - IN LIQUIDAZIONE
Società soggetta a direzione e coordinamento
del socio unico MX Group Spa
Via Verdi, 10 - 20861 Brugherio (Monza Brianza) Italia - Tel. (+39) 039 6883188 - (+39) 039 6020617 - Fax (+39) 039 6021069- E-mail: info@solarday.it
VOLTAGE [V]
PHOTOVOLTAIC MODULE
PX72
MECHANICAL SPECIFICATIONS
Lenght
1983 mm
Width
1005 mm
Module depth
50 mm
Glass thickness
4 mm
Area
1,99 m2
Active area
1,75 m2
Weight
28 kg
Maximum mechanical load
240 kg/m2
PV SOLAR CELLS
MULTICRYSTALLINE SILICON
Dimension
6”
Shape
Square
Quantity
72
Layout
12 x 6
Frontal glass
Tempered, prismatic glass with low iron contents
Cell encapsulation
E.V.A. (Ethylen-Vinyl Acetate)
Back-sheet
PVF/PET/PVF or PET/PET
Frame
Extruded anodised aluminium
Junction box
IP65 class with 3 by-pass diodes, n.2 cables Ø 4mm with IP67
polarized connectors included
With frame
ELECTRICAL SPECIFICATIONS
PX72-260
PX72-270
PX72-280
PX72-290
Module class peak power [± 5Wp]
Wp
260
270
280
290
Rated voltage [Vmpp]
V
34,1
34,6
35,0
35,7
Rated current [Impp]
A
7,60
7,81
8,03
8,10
Open circuit voltage [Voc]
V
44,4
44,9
45,2
45,2
Short circuit current [Isc]
A
8,17
8,41
8,54
8,58
Module efficiency [%]
module area
13,05
13,55
14,05
14,55
active area
14,84
15,41
15,98
16,55
Module productivity
W / m2
130
135
140
146
Area per kWp
m2 / kWp
7,7
7,4
7,1
6,9
Maximum system voltage
Vdc
1000
1000
1000
1000
Reverse current load
A
20
20
20
20
Temperature coefficient [Isc]
% / °C 0,063
Temperature coefficient [Voc]
% / °C -0,330
Temperature coefficient [Pmpp]
% / °C -0,479
NOCT [± 3,5 °C]
° C
48
PHOTOVOLTAIC MODULE PX72
(performance at different solar radiations)
GRAPHS OF ENERGETIC BEHAVIOUR
The values refer to the standard test conditions (STC: irradiation 1000 W/m2, spectrum AM
1,5, temperature 25°C)
The above values are measured by laboratories certified IEC 17025
- Fire class: C
- Temperature range: from -40°C to +85°C
- Hail impact: diameter of 25 mm with impact speed
of 83 km/h
- Modules output: not less than 90% in 10 years, and 80% in
25 years
- 10 years warranty for manufacturing defects


Similar Description - PX72-270

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
KS12 KSS-KS12 Datasheet
151Kb / 1P
   MULTICRYSTAL PHOTOVOLTAIC MODULE
KS20 KSS-KS20 Datasheet
151Kb / 1P
   MULTICRYSTAL PHOTOVOLTAIC MODULE
logo
List of Unclassifed Man...
BP365 ETC1-BP365 Datasheet
265Kb / 2P
   65 Watt Photovoltaic Module
logo
G24 Innovations
INDY3050 G24I-INDY3050 Datasheet
984Kb / 1P
   Dye Sensitised Indoor Photovoltaic Module
INDY2100 G24I-INDY2100 Datasheet
1Mb / 1P
   Dye Sensitised Indoor Photovoltaic Module
logo
List of Unclassifed Man...
MSX60 ETC2-MSX60 Datasheet
117Kb / 4P
   60-Watt Multicrystalline Photovoltaic Module
logo
Kyocera Kinseki Corpota...
KC80 KSS-KC80 Datasheet
398Kb / 2P
   HIGH EFFICIENCY MULTICRYSTAL PHOTOVOLTAIC MODULE
logo
G24 Innovations
INDY2050 G24I-INDY2050 Datasheet
992Kb / 1P
   Dye Sensitised Indoor Photovoltaic Module
INDY3200 G24I-INDY3200 Datasheet
984Kb / 1P
   Dye Sensitised Indoor Photovoltaic Module
INDY4050 G24I-INDY4050 Datasheet
1,000Kb / 1P
   Dye Sensitised Indoor Photovoltaic Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com