Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT24C01A-10PI-1.8 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT24C01A-10PI-1.8
Description  2-Wire Serial EEPROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C01A-10PI-1.8 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT24C01A-10PI-1.8 Datasheet HTML 1Page - ATMEL Corporation AT24C01A-10PI-1.8 Datasheet HTML 2Page - ATMEL Corporation AT24C01A-10PI-1.8 Datasheet HTML 3Page - ATMEL Corporation AT24C01A-10PI-1.8 Datasheet HTML 4Page - ATMEL Corporation AT24C01A-10PI-1.8 Datasheet HTML 5Page - ATMEL Corporation AT24C01A-10PI-1.8 Datasheet HTML 6Page - ATMEL Corporation AT24C01A-10PI-1.8 Datasheet HTML 7Page - ATMEL Corporation AT24C01A-10PI-1.8 Datasheet HTML 8Page - ATMEL Corporation AT24C01A-10PI-1.8 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
AT24C01A/02/04/08A/16A
0180V–SEEPR–8/05
Figure 1. Block Diagram
Absolute Maximum Ratings
Operating Temperature..................................–55
°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
Storage Temperature .....................................–65
°C to +150°C
Voltage on Any Pin
with Respect to Ground .................................... –1.0V to +7.0V
Maximum Operating Voltage .......................................... 6.25V
DC Output Current........................................................ 5.0 mA


Similar Part No. - AT24C01A-10PI-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C01A-10PA-2.7C ATMEL-AT24C01A-10PA-2.7C Datasheet
300Kb / 19P
   Two-wire Automotive Serial EEPROM
AT24C01A-10PA-5.0C ATMEL-AT24C01A-10PA-5.0C Datasheet
300Kb / 19P
   Two-wire Automotive Serial EEPROM
AT24C01A-10PU-1.8 ATMEL-AT24C01A-10PU-1.8 Datasheet
617Kb / 26P
   Two-wire Serial EEPROM
AT24C01A-10PU-2.7 ATMEL-AT24C01A-10PU-2.7 Datasheet
617Kb / 26P
   Two-wire Serial EEPROM
More results

Similar Description - AT24C01A-10PI-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C02A ATMEL-AT24C02A Datasheet
182Kb / 13P
   2-Wire Serial EEPROM
AT24C32 ATMEL-AT24C32 Datasheet
237Kb / 15P
   2-Wire Serial EEPROM
AT24C512 ATMEL-AT24C512 Datasheet
249Kb / 12P
   2-wire Serial EEPROM
AT24C32C ATMEL-AT24C32C Datasheet
432Kb / 21P
   2-Wire Serial EEPROM
logo
GTM CORPORATION
GP24BC01 GTM-GP24BC01 Datasheet
264Kb / 9P
   2-WIRE SERIAL EEPROM
logo
ATMEL Corporation
AT24C32 ATMEL-AT24C32_03 Datasheet
207Kb / 19P
   2-Wire Serial EEPROM
AT24C21 ATMEL-AT24C21_03 Datasheet
223Kb / 17P
   2-wire Serial EEPROM
AT24C01 ATMEL-AT24C01 Datasheet
153Kb / 10P
   2-Wire Serial EEPROM
AT24C164 ATMEL-AT24C164 Datasheet
188Kb / 11P
   2-Wire Serial EEPROM
AT24C21 ATMEL-AT24C21 Datasheet
252Kb / 13P
   2-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com