Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

562R10TST22 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 562R10TST22
Description  Lower Voltage Ceramic DC Disc Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

562R10TST22 Datasheet(HTML) 1 Page - Vishay Siliconix

  562R10TST22 Datasheet HTML 1Page - Vishay Siliconix 562R10TST22 Datasheet HTML 2Page - Vishay Siliconix 562R10TST22 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
561R and 562R Series
www.vishay.com
Vishay Cera-Mite
Revision: 15-Feb-13
1
Document Number: 23109
For technical questions, contact: ceramitesupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Lower Voltage Ceramic DC Disc Capacitors
1000 VDC Temperature and Voltage Stabilized
INSULATION RESISTANCE
Min. 1000
F or 50 000 M
TOLERANCE ON CAPACITANCE
± 10 %
DISSIPATION FACTOR
2.0 % max. at 1 kHz; 1 V
CATEGORY TEMPERATURE RANGE
(- 55 to + 125) °C
C0G, U2J, X7R
(- 25 to + 85) °C
X5F
CLIMATIC CATEGORY ACC. TO EN 60068-1
55/125/21
C0G, U2J, X7R
25/085/21
X5F
OPERATING TEMPERATURE RANGE
(- 55 to + 105) °C
FEATURES
• Low losses
• High stability
• High capacitance in small size
• Complete range of capacitance values
• Radial leads
• Ceramic singlelayer capacitor
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Bypassing
• Resonant circuit
•Coupling
DESIGN
The capacitors consist of a ceramic disc of which both sides
are silver-plated. Connection leads are made of tinned
copper or tinned copper clad steel having diameters of
0.020" (0.51 mm) or 0.025" (0.64 mm).
The capacitors may be supplied with radial kinked or
straight leads having lead spacing of 0.250" (6.35 mm) or
0.375" (9.5 mm).
The standard tolerance is ± 10 %.
Coating is made of flame retardant epoxy resin in
accordance with “UL 94 V-0”.
CAPACITANCE RANGE
10 pF to 10 nF
RATED VOLTAGE
1000 VDC
DIELECTRIC STRENGTH BETWEEN LEADS
Component test:
2500 VDC, 2 s
CERAMIC DIELECTRIC
C0G, U2J (Class 1)
X5F, X7R (Class 2)
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Ceramic Class
1
2
Ceramic Dielectric
C0G
U2J
X5F
X7R
Voltage (VDC)
1000
Min. Capacitance (pF)
10
27
56
10 000
Max. Capacitance (pF)
10
39
4700
10 000
Mounting
Radial


Similar Part No. - 562R10TST22

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
562R10TST22 VISHAY-562R10TST22 Datasheet
72Kb / 3P
   Lower Voltage Ceramic Disc Capacitors 1000 VDC Temperature & Voltage Stabilized
Revision: 06-Feb-13
More results

Similar Description - 562R10TST22

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
564R30GAS10 VISHAY-564R30GAS10 Datasheet
80Kb / 5P
   Lower Voltage Ceramic Singlelayer DC Disc Capacitors
Revision: 24-Apr-13
HY935 VISHAY-HY935 Datasheet
152Kb / 3P
   Lower Voltage Disc Capacitors
Revision 14-May-02
562R VISHAY-562R Datasheet
96Kb / 5P
   Lower Voltage Ceramic DC Disc Capacitors 1000 VDC General Purpose
01-Jan-2022
562R5HKZS10 VISHAY-562R5HKZS10 Datasheet
72Kb / 3P
   Lower Voltage Ceramic DC Disc Capacitors 1000 VDC General Purpose
Revision: 07-Feb-13
561R562R VISHAY-561R562R Datasheet
72Kb / 3P
   Lower Voltage Ceramic DC Disc Capacitors 1000 Vdc General Purpose
Revision: 07-Feb-13
564R VISHAY-564R Datasheet
94Kb / 5P
   Lower Voltage Ceramic Singlelayer DC Disc Capacitors 2 kVDC to 7.5 kVDC
Revision: 06-Jul-16
564R VISHAY-564R_V01 Datasheet
117Kb / 8P
   Lower Voltage Ceramic Singlelayer DC Disc Capacitors 2 kVDC to 7.5 kVDC
01-Jan-2022
561R VISHAY-561R Datasheet
72Kb / 3P
   Lower Voltage Ceramic Disc Capacitors 1000 VDC Temperature & Voltage Stabilized
Revision: 06-Feb-13
561R1DF0D10 VISHAY-561R1DF0D10 Datasheet
106Kb / 7P
   Lower Voltage Ceramic Singlelayer DC Disc Capacitors 1 kVDC to 3 kVDC Low Dissipation Factor
01-Jan-2022
HSZ271MAQBRBKR VISHAY-HSZ271MAQBRBKR Datasheet
83Kb / 4P
   Ceramic Singlelayer DC Disc Capacitors
Revision: 08-Oct-13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com