Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT27BV512 Datasheet(PDF) 2 Page - ATMEL Corporation

Part No. AT27BV512
Description  512K 64K x 8 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo 

AT27BV512 Datasheet(HTML) 2 Page - ATMEL Corporation

   
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
System Considerations
Standby mode supply current is typically less than 1
µA at
3V. The AT27BV512 simplifies system design and
stretches battery lifetime even further by eliminating the
need for power supply regulation.
The AT27BV512 is available in industry standard JEDEC-
approved one-time programmable (OTP) plastic PLCC,
SOIC, and TSOP packages. All devices feature two-line
control (CE, OE) to give designers the flexibility to prevent
bus contention.
The AT27BV512 operating with VCC at 3.0V produces TTL
level outputs that are compatible with standard TTL logic
devices operating at VCC = 5.0V. At VCC = 2.7V, the part
is compatible with JEDEC approved low voltage battery
operation (LVBO) interface specifications. The device is
also capable of standard 5-volt operation making it ideally
suited for dual supply range systems or card products that
are pluggable in both 3-volt and 5-volt hosts.
Atmel’s AT27BV512 has additional features to ensure
high quality and efficient production use. The RapidPro-
gramming Algorithm reduces the time required to program
the part and guarantees reliable programming. Program-
ming time is typically only 100
µs/byte. The Integrated
Product Identification Code electronically identifies the de-
vice and manufacturer. This feature is used by industry
standard programming equipment to select the proper
programming algorithms and voltages. The AT27BV512
programs exactly the same way as a standard 5V
AT27C512R and uses the same programming equipment.
Description (Continued)
Switching between active and standby conditions via the
Chip Enable pin may produce transient voltage excur-
sions. Unless accommodated by the system design, these
transients may exceed data sheet limits, resulting in de-
vice non-conformance. At a minimum, a 0.1
µF high fre-
quency, low inherent inductance, ceramic capacitor
should be utilized for each device. This capacitor should
be connected between the VCC and Ground terminals of
the device, as close to the device as possible. Additionally,
to stabilize the supply voltage level on printed circuit
boards with large EPROM arrays, a 4.7
µF bulk electrolytic
capacitor should be utilized, again connected between the
VCC and Ground terminals. This capacitor should be posi-
tioned as close as possible to the point where the power
supply is connected to the array.
3-14
AT27BV512


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn