Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A165L-ARA-5-1P Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # A165L-ARA-5-1P
Description  Separate Construction with Cylindrical 16-dia. Body
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A165L-ARA-5-1P Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button A165L-ARA-5-1P Datasheet HTML 6Page - Omron Electronics LLC A165L-ARA-5-1P Datasheet HTML 7Page - Omron Electronics LLC A165L-ARA-5-1P Datasheet HTML 8Page - Omron Electronics LLC A165L-ARA-5-1P Datasheet HTML 9Page - Omron Electronics LLC A165L-ARA-5-1P Datasheet HTML 10Page - Omron Electronics LLC A165L-ARA-5-1P Datasheet HTML 11Page - Omron Electronics LLC A165L-ARA-5-1P Datasheet HTML 12Page - Omron Electronics LLC A165L-ARA-5-1P Datasheet HTML 13Page - Omron Electronics LLC A165L-ARA-5-1P Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
A16
10
Ordering Information
Units ............................... Select an Operation Unit Set (Operation Unit and Case) and a Socket Unit Set (Lamp and Socket Unit).
Unit Sets....................... Sets that combine an Operation Unit and a Case.
Operation Unit
Insert one of the following symbols into the box (
@).
* Use this pushbutton color if the illumination color of the LED is white or pure white.
Operation Unit
Socket Unit Set with Voltage-reduction Lighting
Socket Unit Set with Screw-less Clamp Connectors
Appearance
Classification
Model
IP40
Momentary
operation
Rectangular (2-way guard)
A16-J
@M
Square (2-way guard)
A16-A
@M
Round (projected)
A16-T
@M
Alternate operation
Rectangular (2-way guard)
A16-J
@A
Square (2-way guard)
A16-A
@A
Round (projected)
A16-T
@A
Oil-resistant IP65
Momentary
operation
Rectangular (2-way guard)
A165-J
@M
Square (2-way guard)
A165-A
@M
Round (projected)
A165-T
@M
Alternate operation
Rectangular (2-way guard)
A165-J
@A
Square (2-way guard)
A165-A
@A
Round (projected)
A165-T
@A
Symbol
Color
Remarks
RRed
LED indicator, incandescent
lamp, or non-lighted
YYellow
PY
Pure yellow
ABlue
W
White*
GY
Green
LED only
G
Green
Incandescent lamp or non-lighted
B
Black
Non-lighted only
Rectangular, square, round
Lighted Models
Lighted/Non-lighted Model
Voltage-reduction
lighting
Lamp
Note: An LED rated 24 VAC/VDC is built-in.
Lighted/Non-lighted
Lamp
Note: Non-lighted models do not include a Lamp.


Similar Part No. - A165L-ARA-5-1P

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A165L-ARA-5-1P OMRON-A165L-ARA-5-1P Datasheet
3Mb / 28P
   Separate Construction with Cylindrical 16-dia. Body
More results

Similar Description - A165L-ARA-5-1P

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A165-CJA OMRON-A165-CJA Datasheet
3Mb / 28P
   Separate Construction with Cylindrical 16-dia. Body
A16L-AG OMRON-A16L-AG Datasheet
3Mb / 28P
   Separate Construction with Cylindrical 16-dia. Body
A165S-A2M OMRON-A165S-A2M Datasheet
1Mb / 17P
   Separate Construction with Cylindrical 16-dia. Body
A16-12DSR OMRON-A16-12DSR Datasheet
3Mb / 28P
   Separate Construction with Cylindrical 16-dia. Body
A16S-2N-2 OMRON-A16S-2N-2 Datasheet
1Mb / 17P
   Separate Construction with Cylindrical 16-dia. Body
A165-JGM-2 OMRON-A165-JGM-2 Datasheet
3Mb / 28P
   Separate Construction with Cylindrical 16-dia. Body
A165K OMRON-A165K Datasheet
1Mb / 14P
   Separate Construction with Cylindrical 16-dia. Body
M16 OMRON-M16 Datasheet
3Mb / 12P
   Cylindrical 16-dia. Indicator
M2BJ-B06 OMRON-M2BJ-B06 Datasheet
569Kb / 6P
   Buzzer Unit Series with Cylindrical 22-mm 횞 16-dia. Body
M2BJ OMRON-M2BJ Datasheet
814Kb / 7P
   Buzzer Unit Series with Cylindrical 22-mm 횞 16-dia. Body
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com