Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E32-T16 Datasheet(PDF) 51 Page - Omron Electronics LLC

Part # E32-T16
Description  Fiber Sensors Best Selection Catalog
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-T16 Datasheet(HTML) 51 Page - Omron Electronics LLC

Back Button E32-T16 Datasheet HTML 47Page - Omron Electronics LLC E32-T16 Datasheet HTML 48Page - Omron Electronics LLC E32-T16 Datasheet HTML 49Page - Omron Electronics LLC E32-T16 Datasheet HTML 50Page - Omron Electronics LLC E32-T16 Datasheet HTML 51Page - Omron Electronics LLC E32-T16 Datasheet HTML 52Page - Omron Electronics LLC E32-T16 Datasheet HTML 53Page - Omron Electronics LLC E32-T16 Datasheet HTML 54Page - Omron Electronics LLC E32-T16 Datasheet HTML 55Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 68 page
background image
51
Long-distance/High-power Models
Ultracompact/Thin-sleeve Models
Special-beam Models
Flexible
Break-resistant
Fluororesin coating
Standard
R
@
Cutting free (Cutter provided)
Two, 3.2 dia. mounting holes
Two, 6 dia. countersinks on both sides
Sensing surface
Lens Two,
5.8 dia lenses
8.5
11
6.5
Two, 2.2 dia.
2,000
22
22
17.5
17.5
9
9
(aluminum)
E32-D16
3
5.2
2,000
Sensing surface
Two, 1.4 dia.
4 dia.
Width 10, thickness 2.4 (nickel-plated brass)
Washer (nickel-plated iron)
Two, 2.2 dia.
20
20
M6×0.75
M6×0.75 (brass/nickel plating)
E32-D11L R25
Sensing surface
Two, 0.9 dia.
Width 7, thickness 2.4 (nickel-plated brass)
Washer (nickel-plated iron)
Two, 1 dia.
3
3.2
2,000
E39-F9: Included
M4×0.7
M4×0.7 (brass/nickel plating)
15
15
E32-D21L R10
3
2,000
2.7 dia.
E39-F9: Included
Sensing surface
Two, 0.9 dia.
Two, 1 dia.
15
15
3 dia.
3 dia. (brass/nickel plating)
E32-D22L R10
Special-beam Models
Stainless-steel tube
0.8 dia. max.
Heat-shrinkable tube
Two, 1 dia.
35
2,000
12
E39-F9: Included
Sensing surface
Two, 0.25 dia.
15
15
15
15
3 dia.
3 dia. (SUS303)
E32-D33
R4
100
2,000
15
Stainless-steel tube
0.5 dia. max.
Brancher: 3.5 dia.
Fiber Attachment*
*The Attachment is attached with adhesive and cannot be removed.
Irraxtube: 1.2 dia.
Sensing surface
Two, 0.125 dia.
15
15
15
15
2 dia.
2 dia. (SUS303)
E32-D331
R4
Mounting hole dimensions (recommended)
<Screw-mounting Model>
(Unit:mm)
Example: Head size of E32-TC200 is M4. Open the mounting holes with 4 to 4.5 dia.
<Cylindrical Model>
(Unit:mm)
Example: Head size of E32-T22 is 2 dia.. Open the mounting holes with 2.2 to 2.4 dia.
Minimum bending radius
(Unit:mm)
Outer diameter of
fiber unit
M3
M4
M6
M14
F dimensions
3
dia.
4
dia.
6
dia.
14 dia.
Outer diameter of
fiber unit
1 dia.
1.5 dia.
2 dia.
3 dia.
F dimensions
1.2
dia. 1.7
dia. 2.2
dia. 3.2
dia.
Outer diameter of
fiber unit
3.5 dia.
4 dia.
5 dia.
6 dia.
F dimensions
4
dia.
4.5
dia. 5.5
dia. 6.5
dia.
F
+0.5
0
+0.5
0
+0.5
0
+1
0
+0.2
0
+0.2
0
+0.2
0
+0.2
0
+0.5
0
+0.5
0
+0.5
0
+0.5
0
Type
A
Minimum bending
radius
B
unbendable
(except E32-C11N, E32-C31N
and E32-CC200)
10
(E32-C11N, E32-C31N,
E32-CC200R)
40
4
10
10
10
25
10
30
10
35
10
40
10
unbendable
B
Minimum bending radius
A
Sensing
head
Flexible
Break-resistant
Fluororesin coating
Standard
R
@
R4
R10
R25
R30
R35
R40


Similar Part No. - E32-T16

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E32-T16 OMRON-E32-T16 Datasheet
17Mb / 67P
   Omron Fiber Sensors continue to support an increasing range of applications
E32-T16 OMRON-E32-T16 Datasheet
17Mb / 67P
   Fiber Sensors Best Selection Catalog
E32-T16 OMRON-E32-T16 Datasheet
1Mb / 108P
   An Extensive Selection of Fiber-Optic Cables
E32-T16J OMRON-E32-T16J Datasheet
17Mb / 67P
   Fiber Sensors Best Selection Catalog
E32-T16JR OMRON-E32-T16JR Datasheet
17Mb / 67P
   Fiber Sensors Best Selection Catalog
More results

Similar Description - E32-T16

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E32-M21 OMRON-E32-M21 Datasheet
17Mb / 67P
   Fiber Sensors Best Selection Catalog
logo
Tyco Electronics
504646-1 MACOM-504646-1 Datasheet
1Mb / 74P
   Fiber Optic Products Catalog
logo
Omron Electronics LLC
E32 OMRON-E32 Datasheet
1Mb / 108P
   An Extensive Selection of Fiber-Optic Cables
KS1AA1T OMRON-KS1AA1T Datasheet
6Mb / 25P
   Static Sensors and Ionizers Series Catalog
logo
AVAGO TECHNOLOGIES LIMI...
ADNB-6002 AVAGO-ADNB-6002 Datasheet
55Kb / 4P
   Agilent Optical Mouse Sensors (LED-based Sensors) Selection Guide
logo
Omron Electronics LLC
E32C312M OMRON-E32C312M Datasheet
17Mb / 67P
   Fiber Sensors
E32T24S OMRON-E32T24S Datasheet
17Mb / 67P
   Fiber Sensors
logo
SICK AG
LL3-DW01 SICK-LL3-DW01 Datasheet
208Kb / 4P
   FIBER-OPTIC SENSORS AND FIBER
logo
Omron Electronics LLC
E3X-DA41RM-S OMRON-E3X-DA41RM-S Datasheet
5Mb / 34P
   Digital Fiber Sensors
E3X-DA-S OMRON-E3X-DA-S Datasheet
1Mb / 28P
   Digital Fiber Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com