Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP1W-40EDT Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # CP1W-40EDT
Description  The CP1E Package PLCs: Economical, Easy to use, and Efficient
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CP1W-40EDT Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button CP1W-40EDT Datasheet HTML 4Page - Omron Electronics LLC CP1W-40EDT Datasheet HTML 5Page - Omron Electronics LLC CP1W-40EDT Datasheet HTML 6Page - Omron Electronics LLC CP1W-40EDT Datasheet HTML 7Page - Omron Electronics LLC CP1W-40EDT Datasheet HTML 8Page - Omron Electronics LLC CP1W-40EDT Datasheet HTML 9Page - Omron Electronics LLC CP1W-40EDT Datasheet HTML 10Page - Omron Electronics LLC CP1W-40EDT Datasheet HTML 11Page - Omron Electronics LLC CP1W-40EDT Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
CP1E-E
@@D@-@ CP1E-N@@D@-@/NA20D@-@
8
General Specifications
* 1 Total of 110 mm with mounting brackets.
* 2 Excluding cables.
* 3 Use the external power supply to power input devices. Do not use it to drive output devices.
* 4 This is the rated value for the maximum system configuration. Use the following formula to calculate power consumption for CPU Units with
DC power.
Formula: DC power consumption = (5V current consumption
✕ 5 V/70% (internal power efficiency) + 24V current consumption) ✕ 1.1(current
fluctuation factor)
The above calculation results show that a DC power supply with a greater capacity is required.
Type
AC power supply models
DC power supply models
Model
CP1E-
@@@D@-A
CP1E-
@@@D@-D
Enclosure
Mounted in a panel
Dimensions (H × D × W)
CPU Unit with 10 I/O points (CP1E-E10D
@-@): 90mm *1 ×85mm *2 × 66 mm
CPU Unit with 14 or 20 I/O points (CP1E-
@14D@-@/@20D@-@): 90mm *1 × 85mm *2 × 86 mm
CPU Unit with 30 I/O points (CP1E-
@30D@-@): 90mm *1 × 85mm *2 × 130 mm
CPU Unit with 40 I/O points (CP1E-
@40D@-@): 90mm *1 × 85mm *2 × 150 mm
CPU Unit with 60 I/O points (CP1E-N60D
@-@): 90mm *1 ×85mm *2 × 195 mm
CPU Unit with 20 I/O points and built-in analog (CP1E-NA20D
@-@): 90mm *1 ×85mm *2 × 130 mm
Weight
CPU Unit with 10 I/O points (CP1E-E10D
@-@): 300g max.
CPU Unit with 14 I/O points (CP1E-
@14D@-@): 360g max.
CPU Unit with 20 I/O points (CP1E-
@20D@-@): 370g max.
CPU Unit with 30 I/O points (CP1E-
@30D@-@): 600g max.
CPU Unit with 40 I/O points (CP1E-
@40D@-@): 660g max.
CPU Unit with 60 I/O points (CP1E-N60D
@-@): 850g max.
CPU Unit with 20 I/O points and built-in analog (CP1E-NA20D
@-@): 680g max.
Electrical
specifications
Supply voltage
100 to 240 VAC 50/60 Hz
24 VDC
Operating voltage
range
85 to 264 VAC
20.4 to 26.4 VDC
Power consumption
15 VA/100 VAC max.
25 VA/240 VAC max.
(CP1E-E10D
@-A/@14D@-A/@20D@-A)
9 W max. (CP1E-E10D
@-D)
13 W max. (CP1E-N14D
@-D/N20D@-D)
50 VA/100 VAC max.
70 VA/240 VAC max.
(CP1E-NA20D
@-A/@30D@-A/@40D@-A/N60D@-A)
20 W max.
(CP1E-NA20D
@-D/N30D@-D/N40D@-D/N60D@-D) *4
Inrush current
120 VAC, 20 A for 8 ms max. for cold start at room
temperature
240 VAC, 40 A for 8 ms max. for cold start at room
temperature
24 VDC, 30 A for 20 ms max. for cold start at room
temperature
External power supply
*3
Not provided.
(CP1E-E10D
@-A/@14D@-A/@20D@-A)
24 VDC, 300 mA
(CP1E-NA20D
@-A/@30D@-A/@40D@-A/N60D@-A)
Not provided
Insulation resistance
20 M
Ω min. (at 500 VDC) between the external AC
terminals and GR terminals
Except between DC primary current and DC
secondary current
Dielectric strength
2,300 VAC 50/60Hz for 1 min between AC external
and GR terminals Leakage current: 5 mA max.
Except between DC primary current and DC
secondary current
Power OFF detection
time
10 ms min.
2 ms min.
Application
environment
Ambient operating
temperature
0 to 55 °C
Ambient humidity
10% to 90%
Atmosphere
No corrosive gas.
Ambient storage
temperature
-20 to 75 °C (excluding battery)
Altitude
2,000 m max.
Pollution degree
2 or less: Conforms to JIS B3502 and IEC 61131-2.
Noise resistance
2 kV on power supply line (Conforms to IEC61000-4-4.)
Overvoltage category
Category II: Conforms to JIS B3502 and IEC 61131-2.
EMC Immunity Level
Zone B
Vibration resistance
Conforms to JIS 60068-2-6.
5 to 8.4 Hz with 3.5-mm amplitude, 8.4 to 150 Hz
Acceleration of 9.8 m/s2 for 100 min in X, Y, and Z directions (10 sweeps of 10 min each = 100 min total)
Shock resistance
Conforms to JIS 60068-2-27.
147 m/s2, 3 times in X, Y, and Z directions
Terminal block
Fixed (not removable)
Terminal screw size
M3
Applicable standards
Conforms to EC Directive
Grounding method
Ground to 100
Ω or less.


Similar Part No. - CP1W-40EDT

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CP1W-40EDT OMRON-CP1W-40EDT Datasheet
1Mb / 9P
   Compact machine controllers
CP1W-40EDT OMRON-CP1W-40EDT Datasheet
3Mb / 36P
   High Performing Programmable Controller with Embedded Ethernet
CP1W-40EDT OMRON-CP1W-40EDT Datasheet
7Mb / 54P
   The CP1E Programmable Controller: Economical, Easy to use, and Efficient
CP1W-40EDT1 OMRON-CP1W-40EDT1 Datasheet
3Mb / 36P
   High Performing Programmable Controller with Embedded Ethernet
CP1W-40EDT1 OMRON-CP1W-40EDT1 Datasheet
7Mb / 54P
   The CP1E Programmable Controller: Economical, Easy to use, and Efficient
More results

Similar Description - CP1W-40EDT

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CP1E OMRON-CP1E Datasheet
7Mb / 54P
   The CP1E Programmable Controller: Economical, Easy to use, and Efficient
logo
International Rectifier
IRDC3838 IRF-IRDC3838 Datasheet
1Mb / 16P
   The IR3838 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DCregulator.
IRDC3839 IRF-IRDC3839 Datasheet
1Mb / 16P
   The IR3839 SupIRBuckTM is an easy-to-use,fully integrated and highly efficient DC/DCregulator.
IRDC3837 IRF-IRDC3837 Datasheet
1Mb / 16P
   The IR3837 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DC regulator.
IRDC3871 IRF-IRDC3871 Datasheet
1Mb / 15P
   The IR3871 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DC voltage regulator.
IRDC3876 IRF-IRDC3876 Datasheet
1Mb / 15P
   The IR3876 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DC voltage regulator.
IRDC3865 IRF-IRDC3865 Datasheet
986Kb / 15P
   The IR3865 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DC voltage regulator.
IRDC3863 IRF-IRDC3863 Datasheet
1,006Kb / 15P
   The IR3863 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DC voltage regulator
logo
Microchip Technology
RN4678 MICROCHIP-RN4678 Datasheet
854Kb / 2P
   The Easy-to-Use, Flexible Solution for BLE and Bluetooth Classic Connectivity
10/16
logo
Generalplus Technology ...
GPES216B2 GENERALPLUS-GPES216B2 Datasheet
423Kb / 14P
   Easy-to-use SOUNDPLUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com