Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E32-T22L Datasheet(PDF) 44 Page - Omron Electronics LLC

Part # E32-T22L
Description  Fiber Sensors Best Selection Catalog
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-T22L Datasheet(HTML) 44 Page - Omron Electronics LLC

Back Button E32-T22L Datasheet HTML 40Page - Omron Electronics LLC E32-T22L Datasheet HTML 41Page - Omron Electronics LLC E32-T22L Datasheet HTML 42Page - Omron Electronics LLC E32-T22L Datasheet HTML 43Page - Omron Electronics LLC E32-T22L Datasheet HTML 44Page - Omron Electronics LLC E32-T22L Datasheet HTML 45Page - Omron Electronics LLC E32-T22L Datasheet HTML 46Page - Omron Electronics LLC E32-T22L Datasheet HTML 47Page - Omron Electronics LLC E32-T22L Datasheet HTML 48Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 67 page
background image
44
Ultracompact/Thin-sleeve Models
Fine-beam (narrow vision field) Models
Area-sensing Models
Through-beam Fiber Units Through-beam models consist of two parts: an emitter and a receiver.
Special-beam Models
Flexible
Break-resistant
Fluororesin coating
Standard
R
@
Cutting free (Cutter provided)
10
10
2,000
Sensing surface
0.5 dia.
1 dia.
1 dia.
1 dia. (stainless steel)
E39-F9: Included
E32-T223R
5
Heat-shrinkable tube
Sensing surface
0.25 dia.
0.5 dia.
10
10
12
1 dia.
1,000
20
3 dia.
3 dia. (SUS303)
E39-F9: Included
E32-T33-S5 R10
Heat-shrinkable tube
Fiber Attachment*
Sensing surface
0.125 dia.
1 dia.
1,000
12
20
10
10
5
0.25 dia.
3 dia.
3 dia. (SUS303)
E32-T333-S5 R10
*The Fiber Attachment is attached with adhesive and cannot be removed.
Heat-shrinkable tube
Sensing surface
0.1 dia.
1 dia.
1,000
12
20
10
10
5
0.22 dia.
3 dia.
3 dia. (SUS303)
Fiber Attachment*
E32-T334-S5 R10
*The Fiber Attachment is attached with adhesive and cannot be removed.
Special-beam Models
15
15
2.2 dia.
2,000
Sensing surface
1.7 dia.
3 dia.
3 dia. (brass/nickel plating)
E32-T22S R10
3.2
10
E39-L83 Mounting Bracket
(SUS) (provided)
2.2 dia.
1.8
20.5
20.5
2 dia.
2
Sensing surface
2,000
11
3
3.5 dia.
3.5 dia.
0.4
17.6
3.2
(brass/nickel plating)
E32-T24S R10
Special-beam Models
Sensing surface
(3×30)(PMMA)
18
69
Two, 3.2 dia. mounting holes
with two, 6 dia. countersinks
2.2 dia.
65
65
45
2,000
12
23
23
18.5
5
(ABS)
E32-T16W
E32-T16WR
R10
28
23
11
11
2,000
Width 5.5, thickness 1.8 (nickel-plated brass)
Washer (nickel-plated brass)
Silicon tube *
Four, 1 dia.
*One set of silicon tubes is black
and the other set is gray.
Usethis difference to distinguish
between the emission and
reception sides.
M3×0.35
M3×0.35
(SUS303)
E32-M21 R25


Similar Part No. - E32-T22L

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E32-T22L OMRON-E32-T22L Datasheet
1Mb / 64P
   Optical Fiber Photoelectric Sensor
E32-T22L OMRON-E32-T22L Datasheet
1Mb / 108P
   An Extensive Selection of Fiber-Optic Cables
More results

Similar Description - E32-T22L

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E32-D24 OMRON-E32-D24 Datasheet
17Mb / 68P
   Fiber Sensors Best Selection Catalog
logo
Tyco Electronics
504646-1 MACOM-504646-1 Datasheet
1Mb / 74P
   Fiber Optic Products Catalog
logo
Omron Electronics LLC
E32 OMRON-E32 Datasheet
1Mb / 108P
   An Extensive Selection of Fiber-Optic Cables
KS1AA1T OMRON-KS1AA1T Datasheet
6Mb / 25P
   Static Sensors and Ionizers Series Catalog
logo
AVAGO TECHNOLOGIES LIMI...
ADNB-6002 AVAGO-ADNB-6002 Datasheet
55Kb / 4P
   Agilent Optical Mouse Sensors (LED-based Sensors) Selection Guide
logo
Omron Electronics LLC
E32C312M OMRON-E32C312M Datasheet
17Mb / 67P
   Fiber Sensors
E32T24S OMRON-E32T24S Datasheet
17Mb / 67P
   Fiber Sensors
logo
SICK AG
LL3-DW01 SICK-LL3-DW01 Datasheet
208Kb / 4P
   FIBER-OPTIC SENSORS AND FIBER
logo
Omron Electronics LLC
E3X-DA41RM-S OMRON-E3X-DA41RM-S Datasheet
5Mb / 34P
   Digital Fiber Sensors
E3X-DA-S OMRON-E3X-DA-S Datasheet
1Mb / 28P
   Digital Fiber Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com