Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL-T5MY1 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # TL-T5MY1
Description  Slim Proximity Sensor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

TL-T5MY1 Datasheet(HTML) 3 Page - Omron Electronics LLC

  TL-T5MY1 Datasheet HTML 1Page - Omron Electronics LLC TL-T5MY1 Datasheet HTML 2Page - Omron Electronics LLC TL-T5MY1 Datasheet HTML 3Page - Omron Electronics LLC TL-T5MY1 Datasheet HTML 4Page - Omron Electronics LLC TL-T5MY1 Datasheet HTML 5Page - Omron Electronics LLC TL-T5MY1 Datasheet HTML 6Page - Omron Electronics LLC TL-T5MY1 Datasheet HTML 7Page - Omron Electronics LLC TL-T5MY1 Datasheet HTML 8Page - Omron Electronics LLC TL-T5MY1 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TL-T
Engineering Data
Operating Range
Sensing Object Size and Material Influence
TL-T2
@/T5@
TL-T2
TL-T5M
Residual Voltage (Typical)
Leakage Current (Typical)
TL-T
@(M)Y@
at 100 VAC
TL-T
@(M)Y@
at 200 VAC
TL-T
@Y
(Typical)
TL-T5M
TL-T2
−8
−6
−4
−20
2
6
5
4
3
2
1
0
468
Y
X
Distance
Y (mm)
Sensing Head
0
5
10
15
20
25
2
1.8
1.6
1.4
1.2
1
0.8
0.6
0.4
@d
t = 1 mm
X
Stainless steel (SUS304)
Iron
Brass
Side length of sensing object: d (mm)
Aluminum
Side length of sensing object: d (mm)
010
20
30
40
35
25
15
5
6
5
4
3
2
1
Aluminum
@d
t = 1 mm
X
Iron
Stainless steel (SUS304)
Brass
ON
OFF
0
10
150
5
200
50
100
100
50
100 VAC
A
V
Residual load
voltage
Load current (mA)
Residual output voltage
ON
OFF
0
10
150
5
200
50
100
200
50
200 VAC
A
V
Residual
load voltage
Load current (mA)
Residual output voltage
6
5
4
3
2
1
0
90
150
200
250
100
R
A
Supply voltage (V)
AC
power
supply
http://www.ia.omron.com/
3
(c)Copyright OMRON Corporation 2008 All Rights Reserved.


Similar Part No. - TL-T5MY1

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
TL-TORQUEDRIVER-01 IRONWOOD-TL-TORQUEDRIVER-01 Datasheet
16Kb / 1P
   Adjustable torquescrewdriver
TL-TORQUEDRIVER-02 IRONWOOD-TL-TORQUEDRIVER-02 Datasheet
16Kb / 1P
   Adjustable torquescrewdriver
TL-TORQUEDRIVER-03 IRONWOOD-TL-TORQUEDRIVER-03 Datasheet
16Kb / 1P
   Adjustable torquescrewdriver
logo
TAITIEN ELECTRONICS CO....
TL-TYPE TAITIEN-TL-TYPE Datasheet
442Kb / 1P
   5.0 x 3.2 mm SMD Voltage Controlled Temperature Compensated Crystal Oscillator
More results

Similar Description - TL-T5MY1

ManufacturerPart #DatasheetDescription
logo
SICK AG
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
logo
OSRAM GmbH
SFH7741 OSRAM-SFH7741 Datasheet
334Kb / 17P
   Proximity Sensor
logo
Festo Corporation.
543876 FESTO-543876 Datasheet
82Kb / 2P
   Proximity sensor
546799 FESTO-546799 Datasheet
81Kb / 2P
   Proximity sensor
574380 FESTO-574380 Datasheet
85Kb / 2P
   Proximity sensor
2427615 FESTO-2427615 Datasheet
87Kb / 2P
   Proximity sensor
2427617 FESTO-2427617 Datasheet
81Kb / 2P
   Proximity sensor
2427618 FESTO-2427618 Datasheet
84Kb / 2P
   Proximity sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com