Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

G7L-2A-BUB-CB Datasheet(PDF) 15 Page - Omron Electronics LLC

Part No. G7L-2A-BUB-CB
Description  General Purpose Relay
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G7L-2A-BUB-CB Datasheet(HTML) 15 Page - Omron Electronics LLC

Back Button G7L-2A-BUB-CB Datasheet HTML 10Page - Omron Electronics LLC G7L-2A-BUB-CB Datasheet HTML 11Page - Omron Electronics LLC G7L-2A-BUB-CB Datasheet HTML 12Page - Omron Electronics LLC G7L-2A-BUB-CB Datasheet HTML 13Page - Omron Electronics LLC G7L-2A-BUB-CB Datasheet HTML 14Page - Omron Electronics LLC G7L-2A-BUB-CB Datasheet HTML 15Page - Omron Electronics LLC G7L-2A-BUB-CB Datasheet HTML 16Page - Omron Electronics LLC G7L-2A-BUB-CB Datasheet HTML 17Page - Omron Electronics LLC G7L-2A-BUB-CB Datasheet HTML 18Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
General Purpose Relay
G7L
15
■ Approvals
• A variety of Safety Standard approved products for standard models.
UL approval
(File No. E41643)
CSA approval
(File No. LR31928)
Reference
UL Approved Type .....................................................
UL508 Industrial Control Devices
UL1950 Information processing equipment
(Including office equipment)
CSA Approved Type ...................................................
CSA C22.2 No.1, 14
Industrial Control Devices
CSA C22.2 No.950 Information processing equipment
(Including office equipment)
TÜV EN/IEC Standard Approved Type.......................
EN61810-1 Relay
EN60950 Information processing equipment
(Including office equipment)
IEC950 Information processing equipment
(Including office equipment)
EN/IEC, TÜV Approval
(File No. R50059083)
VDE recognized type (License no. 1530 UG)
Note: 1. Please consult OMRON for details of VDE approvals.
2. The G7L relay conforms to the following standards:
Electrical safety: DIN IEC 255 Teil 1-00/DIN VDE 0435 Teil 201/05. 83
DIN VDE 0435 Teil 201 A1/05. 90
DIN IEC 255 Teil 0-20/DIN VDE 0435 Teil 120/10. 81
DIN EN 60 950/VDE 0805/11. 93
EMC:
prEN 50082-2, EN 55022
3. The rated values approved by each of the safety standards (e.g., UL and CSA) may be different from the performance characteristics
individually defined in this catalog.
4. In the interest of product improvement, specifications are subject to change.
5. Suffix T130 rated at 130
°C
6. Pollution degree 3, Material Group II & III.
7. CE marking is provide only on non-PCB terminal versions.
Model
Coil ratings
Contact ratings
Number of test
operations
SPST-NO
G7L-1A-T
@
G7L-1A-B
@
G7L-1A-P
G7L-2A-T
@
G7L-2A-B
@
G7L-2A-P
12 to 240 VAC
6 to 220 VDC
30 A, 277 VAC (RES) 40
°C
100,000
1.5 kW, 120 VAC (T) 40
°C
6,000
1.5 HP, 120 VAC 40
°C
1,000
3 HP 277 VAC 40
°C
100,000
20 FLA/120 LRA, 120 VAC 40
°C
30,000
17 FLA/102 LRA, 277 VAC 40
°C
TV-10, 120 VAC 40
°C
25,000
Model
Coil ratings
Contact ratings
Number of test
operations
SPST-NO
G7L-1A-P
12 to 240 VAC
6 to 220 VDC
2.4 kW, 120 VAC (T) 40
°C
6,000
1.5 HP, 120 VAC (T) 40
°C
1,000
3 HP 277 VAC 40
°C
20.5 FLA/105 LRA, 120 VAC 85
°C 100,000
TV-10, 120 VAC 40
°C
25,000
G7L-1A-T
@
G7L-1A-B
@
G7L-2A-T
@
G7L-2A-B
@
G7L-2A-P
12 to 240 VAC
6 to 220 VDC
30 A, 277 VAC (RES) 40
°C
100,000
2.4 kW, 120 VAC (T) 40
°C
6,000
1.5 HP, 120 VAC 40
°C
1,000
3 HP 277 VAC 40
°C
20.5 FLA/105 LRA, 120 VAC 85
°C 100,000
TV-10, 120 VAC 40
°C
25,000
Model
Coil ratings
Contact ratings
Approved
switching
operations
SPST-NO
G7L-1A-B
@
6, 12, 24, 48,
100, 110, 200,
220 VDC
12, 24, 50,
100 to 120,
200 to 240
VAC
30 A, 250 VAC ~ (cos
φ =1)60°C
25 A, 250 VAC ~ (cos
φ = 0.4) 60°C
30 A, 120 VAC ~ (cos
φ = 0.4) 60°C
50,000
G7L-2A-B
@
DPST-NO
50,000
25 A, 277 VAC ~ (cos
φ =1)60°C
25 A, 277 VAC ~ (cos
φ = 0.4) 60°C
G7L-1A-T
@
SPST-NO
50,000
25 A, 240 VAC ~ (cos
φ =1)60°C
25 A, 240 VAC ~ (cos
φ = 0.4) 60°C
25 A, 277 VAC ~ (cos
φ =1)60°C
25 A, 277 VAC ~ (cos
φ = 0.4) 60°C
G7L-2A-T
@
DPST-NO
50,000
25 A, 240 VAC ~ (cos
φ =1)60°C
25 A, 240 VAC ~ (cos
φ = 0.4) 60°C
25 A, 277 VAC ~ (cos
φ =1)60°C
25 A, 277 VAC ~ (cos
φ = 0.4) 60°C
G7L-1A-P
SPST-NO
50,000
20 A, 240 VAC ~ (cos
φ =1)60°C
20 A, 240 VAC ~ (cos
φ = 0.4) 60°C
25 A, 277 VAC ~ (cos
φ =1)60°C
25 A, 277 VAC ~ (cos
φ = 0.4) 60°C
G7L-2A-P
DPST-NO
50,000
20 A, 240 VAC ~ (cos
φ =1)60°C
20 A, 240 VAC ~ (cos
φ = 0.4) 60°C
25 A, 277 VAC ~ (cos
φ =1)60°C
25 A, 277 VAC ~ (cos
φ = 0.4) 60°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn