Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

G7L-2A-BUB-CB Datasheet(PDF) 14 Page - Omron Electronics LLC

Part No. G7L-2A-BUB-CB
Description  General Purpose Relay
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G7L-2A-BUB-CB Datasheet(HTML) 14 Page - Omron Electronics LLC

Back Button G7L-2A-BUB-CB Datasheet HTML 10Page - Omron Electronics LLC G7L-2A-BUB-CB Datasheet HTML 11Page - Omron Electronics LLC G7L-2A-BUB-CB Datasheet HTML 12Page - Omron Electronics LLC G7L-2A-BUB-CB Datasheet HTML 13Page - Omron Electronics LLC G7L-2A-BUB-CB Datasheet HTML 14Page - Omron Electronics LLC G7L-2A-BUB-CB Datasheet HTML 15Page - Omron Electronics LLC G7L-2A-BUB-CB Datasheet HTML 16Page - Omron Electronics LLC G7L-2A-BUB-CB Datasheet HTML 17Page - Omron Electronics LLC G7L-2A-BUB-CB Datasheet HTML 18Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
14
General Purpose Relay
G7L
Mounting track
Note: 1. It is recommended that a panel thickness of 1.60 to 2.00 mm (0.06 to 0.08 in) be used.
2. L = Length
PFP-100N
L=1m (39.00 in)
PFP-50N
L = 50 cm (19.60 in)
PFP-100N2 L=1m (39.00 in)
End plate
PFP-M
Spacer
PFP-S
4.5
15
25
25
25
25 *
10
10
1000 (500)*
7.3
±0.15
35
±0.3
27
±0.15
15
(5)
1
4.5
15
25
25
25
25 15
10
10
1000
±4
35
±0.3 27
24
16
29.2
1
1.5
* The figure in parenthesis is for PFP-50N.
PFP-100N, PFP-50N
(Conforming to EN 50022)
PFP-100N2
(Conforming to EN 50022)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn