Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

G7L-2A-BUB-CB Datasheet(PDF) 12 Page - Omron Electronics LLC

Part No. G7L-2A-BUB-CB
Description  General Purpose Relay
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G7L-2A-BUB-CB Datasheet(HTML) 12 Page - Omron Electronics LLC

Back Button G7L-2A-BUB-CB Datasheet HTML 8Page - Omron Electronics LLC G7L-2A-BUB-CB Datasheet HTML 9Page - Omron Electronics LLC G7L-2A-BUB-CB Datasheet HTML 10Page - Omron Electronics LLC G7L-2A-BUB-CB Datasheet HTML 11Page - Omron Electronics LLC G7L-2A-BUB-CB Datasheet HTML 12Page - Omron Electronics LLC G7L-2A-BUB-CB Datasheet HTML 13Page - Omron Electronics LLC G7L-2A-BUB-CB Datasheet HTML 14Page - Omron Electronics LLC G7L-2A-BUB-CB Datasheet HTML 15Page - Omron Electronics LLC G7L-2A-BUB-CB Datasheet HTML 16Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
12
General Purpose Relay
G7L
Upper Bracket Mounting
PCB Terminal Models
Two, 4.5-dia. hole or
M4 tapped holes
2.5
4.5
68.5 max.
34.5 max.
49 max.
01
46
01
4
26
8
50.5 max.
60
2.5
4.5
68.5 max.
34.5 max.
49 max.
50.5 max.
60
2.5
4.5
68.5 max.
34.5 max.
49 max.
01
46
01
4
26
8
2
2
50.5 max.
60
2.5
68.5 max.
34.5 max.
49 max.
50.5 max.
60
60
±0.2
Test
button
Test
button
2-M3.5 × 6
(coil side)
2-M3.5 × 6
(coil side)
2-M4 × 8
(contact side)
4-M4 × 8
(contact side)
2-M3.5 × 6
(coil side)
2-M4 × 8
(contact side)
2-M3.5 × 6
(coil side)
4-M4 × 8
(contact side)
G7L-1A-BUB
G7L-2A-BUB
Terminal arrangement/
Internal connections
(Top view)
(No coil polarity)
Note: Refer to "Coil Internal Circuit" for the
coil internal connection diagram.
Mounting holes
(No coil polarity)
Note: Refer to "Coil Internal Circuit" for the
coil internal connection diagram.
G7L-1A-BUBJ
(with Test Button)
G7L-2A-BUBJ
(with Test Button)
(No coil polarity)
Note: Refer to "Coil Internal Circuit" for the
coil internal connection diagram.
(No coil polarity)
Note: Refer to "Coil Internal Circuit" for the
coil internal connection diagram.
36.8
14.4
3.2
1.2
4-1.2 × 3.2 square hole
17.7
6
2.8
0.8
52.5 max.
41 max.
35.5 max.
47 max.
01
46
(8.4)
(8.9)
(8.4)
36.8
14.4
3.2
1.2
6-1.2 × 3.2 square hole
17.7
(8.9)
6
2.8
0.8
52.5 max.
41 max.
35.5 max.
47 max.
01
24
8
6
G7L-1A-P
G7L-2A-P
Terminal arrangement/
Internal connections
(Top view)
(No coil polarity)
Note: Refer to "Coil Internal Circuit" for the
coil internal connection diagram.
PCB Mounting holes
(Bottom view)
Tolerance ±0.1 mm
(No coil polarity)
Note: Refer to "Coil Internal Circuit" for the
coil internal connection diagram.
PCB Mounting holes
(Bottom view)
Tolerance ±0.1 mm


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn