Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H3CR-F12DC Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # H3CR-F12DC
Description  Solid-state Twin Timers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H3CR-F12DC Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button H3CR-F12DC Datasheet HTML 5Page - Omron Electronics LLC H3CR-F12DC Datasheet HTML 6Page - Omron Electronics LLC H3CR-F12DC Datasheet HTML 7Page - Omron Electronics LLC H3CR-F12DC Datasheet HTML 8Page - Omron Electronics LLC H3CR-F12DC Datasheet HTML 9Page - Omron Electronics LLC H3CR-F12DC Datasheet HTML 10Page - Omron Electronics LLC H3CR-F12DC Datasheet HTML 11Page - Omron Electronics LLC H3CR-F12DC Datasheet HTML 12Page - Omron Electronics LLC H3CR-F12DC Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
http://www.ia.omron.com/
9
(c)Copyright OMRON Corporation 2007 All Rights Reserved.
H3CR-G
■ Ratings
Note: 1. Do not use an inverter output as the power supply. Refer to Safety Precautions for All Timers for details.
2. Refer to Safety Precautions for All Timers when using the Timer together with a 2-wire AC proximity sensor.
■ Characteristics
Note: Refer to the Life-test Curve.
Rated supply voltage (See notes 1 and 2.) 100 to 120 VAC (50/60 Hz), 200 to 240 VAC (50/60 Hz)
Operating voltage range
85% to 110% of rated supply voltage
Power reset
Minimum power-opening time: 0.5 s
Power consumption
100 to 120 VAC: approx. 6 VA (2.6 W) at 120 VAC
200 to 240 VAC: approx. 12 VA (3.0 W) at 240 VAC
Control outputs
Contact output: 5 A at 250 VAC/30 VDC, resistive load (cos
φ = 1)
Accuracy of operating
time
±0.2% FS max.
Setting error
±5% FS ±50 ms max.
Accuracy of Star-delta
transfer time
±25% FS + 5 ms max.
Reset voltage
10% max. of rated voltage
Influence of voltage
±0.2% FS max.
Influence of temperature
±1% FS max.
Insulation resistance
100 M
Ω min. (at 500 VDC)
Dielectric strength
2,000 VAC, 50/60 Hz for 1 min (between current-carrying metal parts and exposed non-current-carrying metal parts)
2,000 VAC, 50/60 Hz for 1 min (between control output terminals and operating circuit)
2,000 VAC, 50/60 Hz for 1 min (between contacts of different polarities)
1,000 VAC, 50/60 Hz for 1 min (between contacts not located next to each other)
Impulse withstand
voltage
3 kV (between power terminals)
4.5 kV (between current-carrying terminal and exposed non-current-carrying metal parts)
Noise immunity
±1.5 kV (between power terminals), square-wave noise by noise simulator (pulse width: 100 ns/1 μs, 1-ns rise)
Static immunity
Malfunction: 8 kV
Destruction: 15 kV
Vibration resistance
Destruction: 10 to 55 Hz with 0.75-mm single amplitude for 2 hrs each in three directions
Malfunction: 10 to 55 Hz with 0.5-mm single amplitude for 10 min each in three directions
Shock resistance
Destruction: 980 m/s2 three times each in six directions
Malfunction: 294 m/s2 three times each in six directions
Ambient temperature
Operating:
−10°C to 55°C (with no icing)
Storage:
−25°C to 65°C (with no icing)
Ambient humidity
Operating:
35% to 85%
Life expectancy
Mechanical: 20 million operations min. (under no load at 1,800 operations/h)
Electrical:
100,000 operations min. (5 A at 250 VAC, resistive load at 1,800 operations/h) (See note)
EMC
(EMI)
EN61812-1
Emission Enclosure:
EN55011 Group 1 class A
Emission AC Mains:
EN55011 Group 1 class A
(EMS)
EN61812-1
Immunity ESD:
IEC61000-4-2:
6 kV contact discharge (level 3)
8 kV air discharge (level 3)
Immunity RF-interference from AM Radio Waves:
IEC61000-4-3: 10 V/m (80 MHz to 1 GHz) (level 3)
Immunity RF-interference from Pulse-modulated Radio Waves: IEC61000-4-3: 10 V/m (900
±5 MHz) (level 3)
Immunity Conducted Disturbance: IEC61000-4-6:
10 V (0.15 to 80 MHz) (level 3)
Immunity Burst:
IEC61000-4-4:
2 kV power-line (level 3)
2 kV I/O signal-line (level 4)
Immunity Surge:
IEC61000-4-5:
1 kV line to line (level 3)
2 kV line to ground (level 3)
Case color
Light Gray (Munsell 5Y7/1)
Degree of protection
IP40 (panel surface)
Weight
H3CR-G8L: approx. 110 g; H3CR-G8EL: approx. 130 g


Similar Part No. - H3CR-F12DC

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H3CR-A OMRON-H3CR-A Datasheet
401Kb / 22P
   Solid-state Multi-functional Timer
H3CR-A-300 OMRON-H3CR-A-300 Datasheet
401Kb / 22P
   Solid-state Multi-functional Timer
H3CR-A-301 OMRON-H3CR-A-301 Datasheet
401Kb / 22P
   Solid-state Multi-functional Timer
H3CR-A8 OMRON-H3CR-A8 Datasheet
401Kb / 22P
   Solid-state Multi-functional Timer
H3CR-A8-300 OMRON-H3CR-A8-300 Datasheet
401Kb / 22P
   Solid-state Multi-functional Timer
More results

Similar Description - H3CR-F12DC

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H3DK OMRON-H3DK Datasheet
3Mb / 30P
   Solid-state Timers
H3DKFACDC24240 OMRON-H3DKFACDC24240 Datasheet
2Mb / 32P
   Solid-state Timers
logo
Littelfuse
TDU LITTELFUSE-TDU Datasheet
465Kb / 2P
   Encapsulated Solid-State,Delay-on-Make Timers
2016 Rev: 1-A-062116
logo
Omron Electronics LLC
H3CR-AAC100240DC100125 OMRON-H3CR-AAC100240DC100125 Datasheet
3Mb / 22P
   Solid-state Multi-functional Timers H3CR-A
logo
List of Unclassifed Man...
12D1-100SSTB ETC-12D1-100SSTB Datasheet
421Kb / 4P
   STB Series Solid State Triggered Delay-On-Release Timers
SN76477 ETC1-SN76477 Datasheet
357Kb / 4P
   Solid State
logo
COSMO Electronics Corp...
KSD215AC8 COSMO-KSD215AC8 Datasheet
303Kb / 2P
   SOLID STATE RELAY
KSD240AC3 COSMO-KSD240AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSD215AC3 COSMO-KSD215AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
   SOLID STATE RELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com