Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H3CR-F12DC Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # H3CR-F12DC
Description  Solid-state Twin Timers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H3CR-F12DC Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button H3CR-F12DC Datasheet HTML 3Page - Omron Electronics LLC H3CR-F12DC Datasheet HTML 4Page - Omron Electronics LLC H3CR-F12DC Datasheet HTML 5Page - Omron Electronics LLC H3CR-F12DC Datasheet HTML 6Page - Omron Electronics LLC H3CR-F12DC Datasheet HTML 7Page - Omron Electronics LLC H3CR-F12DC Datasheet HTML 8Page - Omron Electronics LLC H3CR-F12DC Datasheet HTML 9Page - Omron Electronics LLC H3CR-F12DC Datasheet HTML 10Page - Omron Electronics LLC H3CR-F12DC Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
http://www.ia.omron.com/
7
(c)Copyright OMRON Corporation 2007 All Rights Reserved.
Solid-state Star-delta Timers
H3CR-G
DIN 48
× 48-mm Star-delta Timer
• A wide star-time range (up to 120 seconds) and star-delta
transfer time range (up to 0.5 seconds).
Model Number Structure
■ Model Number Legend
Ordering Information
■ List of Models
H3CR - G 8
@ L @
1 2 345
1. Classification
G: Star-delta timer
2. Configuration
8: 8-pin socket
3. Outputs
4. Dimensions
L:
Long-body model
5. Supply Voltage
100-120AC: 100 to 120 VAC
200-240AC: 200 to 240 VAC
None: Star-delta operation contact
E:
Star-delta operation contact
and instantaneous contact
Outputs
Supply voltage
8-pin models
Time-limit contact
100 to 120 VAC
H3CR-G8L 100-120AC
200 to 240 VAC
H3CR-G8L 200-240AC
Time-limit contact and instantaneous contact
100 to 120 VAC
H3CR-G8EL 100-120AC
200 to 240 VAC
H3CR-G8EL 200-240AC
Note: Specify both the model number and supply voltage when ordering.
Example: H3CR-G8L 100-120AC
Supply voltage


Similar Part No. - H3CR-F12DC

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H3CR-A OMRON-H3CR-A Datasheet
401Kb / 22P
   Solid-state Multi-functional Timer
H3CR-A-300 OMRON-H3CR-A-300 Datasheet
401Kb / 22P
   Solid-state Multi-functional Timer
H3CR-A-301 OMRON-H3CR-A-301 Datasheet
401Kb / 22P
   Solid-state Multi-functional Timer
H3CR-A8 OMRON-H3CR-A8 Datasheet
401Kb / 22P
   Solid-state Multi-functional Timer
H3CR-A8-300 OMRON-H3CR-A8-300 Datasheet
401Kb / 22P
   Solid-state Multi-functional Timer
More results

Similar Description - H3CR-F12DC

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H3DK OMRON-H3DK Datasheet
3Mb / 30P
   Solid-state Timers
H3DKFACDC24240 OMRON-H3DKFACDC24240 Datasheet
2Mb / 32P
   Solid-state Timers
logo
Littelfuse
TDU LITTELFUSE-TDU Datasheet
465Kb / 2P
   Encapsulated Solid-State,Delay-on-Make Timers
2016 Rev: 1-A-062116
logo
Omron Electronics LLC
H3CR-AAC100240DC100125 OMRON-H3CR-AAC100240DC100125 Datasheet
3Mb / 22P
   Solid-state Multi-functional Timers H3CR-A
logo
List of Unclassifed Man...
12D1-100SSTB ETC-12D1-100SSTB Datasheet
421Kb / 4P
   STB Series Solid State Triggered Delay-On-Release Timers
SN76477 ETC1-SN76477 Datasheet
357Kb / 4P
   Solid State
logo
COSMO Electronics Corp...
KSD215AC8 COSMO-KSD215AC8 Datasheet
303Kb / 2P
   SOLID STATE RELAY
KSD240AC3 COSMO-KSD240AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSD215AC3 COSMO-KSD215AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
   SOLID STATE RELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com