Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A165L-ARM-12-2 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # A165L-ARM-12-2
Description  Separate Construction with Cylindrical 16-dia. Body
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A165L-ARM-12-2 Datasheet(HTML) 5 Page - Omron Electronics LLC

  A165L-ARM-12-2 Datasheet HTML 1Page - Omron Electronics LLC A165L-ARM-12-2 Datasheet HTML 2Page - Omron Electronics LLC A165L-ARM-12-2 Datasheet HTML 3Page - Omron Electronics LLC A165L-ARM-12-2 Datasheet HTML 4Page - Omron Electronics LLC A165L-ARM-12-2 Datasheet HTML 5Page - Omron Electronics LLC A165L-ARM-12-2 Datasheet HTML 6Page - Omron Electronics LLC A165L-ARM-12-2 Datasheet HTML 7Page - Omron Electronics LLC A165L-ARM-12-2 Datasheet HTML 8Page - Omron Electronics LLC A165L-ARM-12-2 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
A16
5
Ordering Information
Ordering as a Set .................The model numbers used to order sets of Units are given in the following tables. One set comprises the
Pushbutton, Lamp (lighted models only), Case, and Switch.
Solder Terminals
*1. Enter the desired color symbol for the Pushbutton in the
@.
*2. Black (“B”) Pushbuttons are only available for non-lighted models.
*1. Enter the desired color symbol for the Pushbutton in the
@.
*2. Black (“B”) Pushbuttons are only available for non-lighted models.
Item
Momentary operation
(Self-resetting)
Alternate operation
(Self-holding)
Pushbutton color
symbol *1
Output
Lighting
Operating
voltage
SPDT
LED without
Voltage
Reduction
Unit
5 VDC
A16L-T
@M-5D-1
A16L-T
@A-5D-1
R: red, Y: yellow
PY: pure yellow
G: green, A: blue
W: white
PW: pure white
12 VAC/VDC
A16L-T
@M-12D-1
A16L-T
@A-12D-1
24 VAC/VDC
A16L-T
@M-24D-1
A16L-T
@A-24D-1
Incandescent
lamp
5 VAC/VDC
A16L-T
@M-5-1
A16L-T
@A-5-1
R: red, Y: yellow
PY: pure yellow
G: green, W: white
A: blue
B: black *2
12 VAC/VDC
A16L-T
@M-12-1
A16L-T
@A-12-1
24 VAC/VDC
A16L-T
@M-24-1
A16L-T
@A-24-1
Non-lighted
A16-T
@M-1
A16-T
@A-1
DPDT
LED without
Voltage
Reduction
Unit
5 VDC
A16L-T
@M-5D-2
A16L-T
@A-5D-2
R: red, Y: yellow
PY: pure yellow
G: green, A: blue
W: white
PW: pure white
12 VAC/VDC
A16L-T
@M-12D-2
A16L-T
@A-12D-2
24 VAC/VDC
A16L-T
@M-24D-2
A16L-T
@A-24D-2
Incandescent
lamp
5 VAC/VDC
A16L-T
@M-5-2
A16L-T
@A-5-2
R: red, Y: yellow
PY: pure yellow
G: green, W: white
A: blue
B: black *2
12 VAC/VDC
A16L-T
@M-12-2
A16L-T
@A-12-2
24 VAC/VDC
A16L-T
@M-24-2
A16L-T
@A-24-2
Non-lighted
A16-T
@M-2
A16-T
@A-2
Item
Momentary operation
(Self-resetting)
Alternate operation
(Self-holding)
Pushbutton color
symbol *1
Output
Lighting
Operating
voltage
SPDT
LED without
Voltage
Reduction
Unit
5 VDC
A165L-T
@M-5D-1
A165L-T
@A-5D-1
R: red, Y: yellow
PY: pure yellow
G: green, A: blue
W: white
PW: pure white
12 VAC/VDC
A165L-T
@M-12D-1
A165L-T
@A-12D-1
24 VAC/VDC
A165L-T
@M-24D-1
A165L-T
@A-24D-1
Incandescent
lamp
5 VAC/VDC
A165L-T
@M-5-1
A165L-T
@A-5-1
R: red, Y: yellow
PY: pure yellow
G: green, W: white
A: blue
B: black *2
12 VAC/VDC
A165L-T
@M-12-1
A165L-T
@A-12-1
24 VAC/VDC
A165L-T
@M-24-1
A165L-T
@A-24-1
Non-lighted
A165-T
@M-1
A165-T
@A-1
DPDT
LED without
Voltage
Reduction
Unit
5 VDC
A165L-T
@M-5D-2
A165L-T
@A-5D-2
R: red, Y: yellow
PY: pure yellow
G: green, A: blue
W: white
PW: pure white
12 VAC/VDC
A165L-T
@M-12D-2
A165L-T
@A-12D-2
24 VAC/VDC
A165L-T
@M-24D-2
A165L-T
@A-24D-2
Incandescent
lamp
5 VAC/VDC
A165L-T
@M-5-2
A165L-T
@A-5-2
R: red, Y: yellow
PY: pure yellow
G: green, W: white
A: blue
B: black *2
12 VAC/VDC
A165L-T
@M-12-2
A165L-T
@A-12-2
24 VAC/VDC
A165L-T
@M-24-2
A165L-T
@A-24-2
Non-lighted
A165-T
@M-2
A165-T
@A-2
A16
@-T
Round Models
IP40
Oil-resistant IP65
Individual models: Refer to pages 9 to 13.
(The Pushbutton, Lamp, Case, and Switch can be ordered
separately.)
■ Ratings: Refer to page 16. ■ Characteristics: Refer to page 16.
■ Accessories: Refer to page 15.


Similar Part No. - A165L-ARM-12-2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A165L-ARM-12-2 OMRON-A165L-ARM-12-2 Datasheet
3Mb / 28P
   Separate Construction with Cylindrical 16-dia. Body
More results

Similar Description - A165L-ARM-12-2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A165-CJA OMRON-A165-CJA Datasheet
3Mb / 28P
   Separate Construction with Cylindrical 16-dia. Body
A16L-AG OMRON-A16L-AG Datasheet
3Mb / 28P
   Separate Construction with Cylindrical 16-dia. Body
A165S-A2M OMRON-A165S-A2M Datasheet
1Mb / 17P
   Separate Construction with Cylindrical 16-dia. Body
A16-12DSR OMRON-A16-12DSR Datasheet
3Mb / 28P
   Separate Construction with Cylindrical 16-dia. Body
A16S-2N-2 OMRON-A16S-2N-2 Datasheet
1Mb / 17P
   Separate Construction with Cylindrical 16-dia. Body
A165-JGM-2 OMRON-A165-JGM-2 Datasheet
3Mb / 28P
   Separate Construction with Cylindrical 16-dia. Body
A165K OMRON-A165K Datasheet
1Mb / 14P
   Separate Construction with Cylindrical 16-dia. Body
M16 OMRON-M16 Datasheet
3Mb / 12P
   Cylindrical 16-dia. Indicator
M2BJ-B06 OMRON-M2BJ-B06 Datasheet
569Kb / 6P
   Buzzer Unit Series with Cylindrical 22-mm 횞 16-dia. Body
M2BJ OMRON-M2BJ Datasheet
814Kb / 7P
   Buzzer Unit Series with Cylindrical 22-mm 횞 16-dia. Body
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com