Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H3CRFAC100240 Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # H3CRFAC100240
Description  Solid-state Twin Timers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H3CRFAC100240 Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button H3CRFAC100240 Datasheet HTML 6Page - Omron Electronics LLC H3CRFAC100240 Datasheet HTML 7Page - Omron Electronics LLC H3CRFAC100240 Datasheet HTML 8Page - Omron Electronics LLC H3CRFAC100240 Datasheet HTML 9Page - Omron Electronics LLC H3CRFAC100240 Datasheet HTML 10Page - Omron Electronics LLC H3CRFAC100240 Datasheet HTML 11Page - Omron Electronics LLC H3CRFAC100240 Datasheet HTML 12Page - Omron Electronics LLC H3CRFAC100240 Datasheet HTML 13Page - Omron Electronics LLC H3CRFAC100240 Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
http://www.ia.omron.com/
10
(c)Copyright OMRON Corporation 2007 All Rights Reserved.
H3CR-G
■ Life-test Curve
Connections
■ Block Diagrams
10,000
5,000
1,000
500
100
Load current (A)
30 VDC L/R = 7 ms
250 VAC (cos
φ = 0.4)
250 VAC/30 VDC
(cos
φ = 1)
Reference:
A maximum current of 0.15 A can be switched at 125 VDC (cos
φ = 1)
and a maximum current of 0.1 A can be switched if L/R is 7 ms. In
both cases, a life of 100,000 operations can be expected.
The minimum applicable load is 10 mA at 5 VDC (failure level: P).
H3CR-G8L
AC input
Star operation
Delta operation
Power
supply
circuit
Star operation
time
oscillation
circuit
Star
operation
time counting
circuit
Star
operation
time range
selector
Star-delta
transfer time
selector
Star-delta
transfer time
oscillation
circuit
Star-delta
transfer time
counting
circuit
Output
circuit
Indicator
circuit
Star
operation
indicator
Delta
operation
indicator
H3CR-G8EL
Star operation
Delta operation
AC input
Power
supply
circuit
Star operation
time
oscillation
circuit
Star
operation
time range
selector
Star
operation
time counting
circuit
Star-delta
transfer time
selector
Star-delta
transfer time
oscillation
circuit
Star-delta
transfer time
counting
circuit
Output
circuit
Indicator
circuit
Instantaneous
output circuit
Star
operation
indicator
Delta
operation
indicator


Similar Part No. - H3CRFAC100240

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H3CR OMRON-H3CR Datasheet
2Mb / 61P
   Solid-state Timer
H3CR-A OMRON-H3CR-A Datasheet
401Kb / 22P
   Solid-state Multi-functional Timer
H3CR-A-300 OMRON-H3CR-A-300 Datasheet
401Kb / 22P
   Solid-state Multi-functional Timer
H3CR-A-301 OMRON-H3CR-A-301 Datasheet
401Kb / 22P
   Solid-state Multi-functional Timer
H3CR-A8 OMRON-H3CR-A8 Datasheet
401Kb / 22P
   Solid-state Multi-functional Timer
More results

Similar Description - H3CRFAC100240

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H3DK OMRON-H3DK Datasheet
3Mb / 30P
   Solid-state Timers
H3DKFACDC24240 OMRON-H3DKFACDC24240 Datasheet
2Mb / 32P
   Solid-state Timers
logo
Littelfuse
TDU LITTELFUSE-TDU Datasheet
465Kb / 2P
   Encapsulated Solid-State,Delay-on-Make Timers
2016 Rev: 1-A-062116
logo
Omron Electronics LLC
H3CR-AAC100240DC100125 OMRON-H3CR-AAC100240DC100125 Datasheet
3Mb / 22P
   Solid-state Multi-functional Timers H3CR-A
logo
List of Unclassifed Man...
12D1-100SSTB ETC-12D1-100SSTB Datasheet
421Kb / 4P
   STB Series Solid State Triggered Delay-On-Release Timers
SN76477 ETC1-SN76477 Datasheet
357Kb / 4P
   Solid State
logo
COSMO Electronics Corp...
KSD215AC8 COSMO-KSD215AC8 Datasheet
303Kb / 2P
   SOLID STATE RELAY
KSD240AC3 COSMO-KSD240AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSD215AC3 COSMO-KSD215AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
   SOLID STATE RELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com