Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G7L-2A-TJ-CB Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # G7L-2A-TJ-CB
Description  General Purpose Relay
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G7L-2A-TJ-CB Datasheet(HTML) 1 Page - Omron Electronics LLC

  G7L-2A-TJ-CB Datasheet HTML 1Page - Omron Electronics LLC G7L-2A-TJ-CB Datasheet HTML 2Page - Omron Electronics LLC G7L-2A-TJ-CB Datasheet HTML 3Page - Omron Electronics LLC G7L-2A-TJ-CB Datasheet HTML 4Page - Omron Electronics LLC G7L-2A-TJ-CB Datasheet HTML 5Page - Omron Electronics LLC G7L-2A-TJ-CB Datasheet HTML 6Page - Omron Electronics LLC G7L-2A-TJ-CB Datasheet HTML 7Page - Omron Electronics LLC G7L-2A-TJ-CB Datasheet HTML 8Page - Omron Electronics LLC G7L-2A-TJ-CB Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
General Purpose Relay
G7L
1
General Purpose Relay
G7L
• Ideally suited for high-inrush fluid pump controls: pool/spa, water
processing, emergency, chemical industry, etc.
• High-capacity, high-withstand voltage relay with no contact chatter-
ing for momentary voltage drops up to 50% of rated voltage.
• UL Class B construction standard.
• Wide-range AC-activated coil that handles 100 to 120 VAC or 200
to 240 VAC at either 50 or 60 Hz.
• Miniature size for maximum switching capacity, particularly for
inductive loads.
• Flame resistant materials (UL94V-0-qualifying) used for
all insulation material.
• Quick-connect, screw, PCB terminals and DIN track mounting available.
• Conforms to UL, CSA, TUV and meets IEC 950.
• Safety design with contact gap of 3 mm.
• RoHS Compliant.
Ordering Information
To Order: Select the part number and add the desired coil voltage rating (e.g., G7L-1A-T-CB-AC100/120).
Note: 1. E bracket or socket must be used for mounting (part number R99-07G7L). Refer to “Accessories” section for options and part numbers.
2. For VDE approved versions, please consult OMRON.
■ List of E-Bracket Mounting Models
Type
Contact form
Model
Quick-connect terminal
Screw terminal
PCB terminal
E bracket (see note 1)
SPST-NO
G7L-1A-T-CB
G7L-1A-B-CB
DPST-NO
G7L-2A-T-CB
G7L-2A-B-CB
E bracket (see note 1)
(with test button)
SPST-NO
G7L-1A-TJ-CB
G7L-1A-BJ-CB
DPST-NO
G7L-2A-TJ-CB
G7L-2A-BJ-CB
Upper bracket
SPST-NO
G7L-1A-TUB-CB
G7L-1A-BUB-CB
DPST-NO
G7L-2A-TUB-CB
G7L-2A-BUB-CB
Upper bracket
(with test button)
SPST-NO
G7L-1A-TUBJ-CB
G7L-1A-BUBJ-CB
DPST-NO
G7L-2A-TUBJ-CB
G7L-2A-BUBJ-CB
PCB mounting
SPST-NO
G7L-1A-P-CB
DPST-NO
G7L-2A-P-CB
Mounting E-brackets
DIN Track
Mounting
Adapter
Front-
connecting
Socket
Terminal
Contact
form
Model
Test button
Quick-
connect
terminals
SPST-NO
G7L-1A-T
-

Note: E-bracket (R99-07), adapter (P7LF-D), surface
connection socket (P7LF-06) are sold separately.
G7L-1A-TJ
With test button

DPST-NO
G7L-2A-T
-

G7L-2A-TJ
With test button

Screw
terminals
SPST-NO
G7L-1A-B
-

G7L-1A-BJ With test button

DPST-NO
G7L-2A-B
-

G7L-2A-BJ With test button



Similar Part No. - G7L-2A-TJ-CB

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G7L-2A-TJ-CB OMRON-G7L-2A-TJ-CB Datasheet
446Kb / 14P
   General Purpose Relay
More results

Similar Description - G7L-2A-TJ-CB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G2RS ETC-G2RS Datasheet
193Kb / 11P
   General-purpose Relay
logo
Omron Electronics LLC
LY2L4N OMRON-LY2L4N Datasheet
438Kb / 15P
   General Purpose Relay
G4B OMRON-G4B Datasheet
137Kb / 5P
   General Purpose Relay
logo
GOOD SKY ELECTRIC CO., ...
EZ-SS-112DMGF GOODSKY-EZ-SS-112DMGF Datasheet
587Kb / 3P
   General Purpose Relay
GSA GOODSKY-GSA Datasheet
362Kb / 2P
   General Purpose Relay
GL-S-112DMPFC GOODSKY-GL-S-112DMPFC Datasheet
420Kb / 2P
   General Purpose Relay
GU-SS-112DMCF1-5 GOODSKY-GU-SS-112DMCF1-5 Datasheet
362Kb / 4P
   General Purpose Relay
logo
Omron Electronics LLC
G7J-2A2B-BAC50 OMRON-G7J-2A2B-BAC50 Datasheet
810Kb / 10P
   General Purpose Relay
PT14-0 OMRON-PT14-0 Datasheet
674Kb / 16P
   General Purpose Relay
PT08QN OMRON-PT08QN Datasheet
300Kb / 13P
   General Purpose Relay
G7L OMRON-G7L Datasheet
446Kb / 14P
   General Purpose Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com