Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E39-L48 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # E39-L48
Description  Special-Purpose Photoelectric Sensors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-L48 Datasheet(HTML) 4 Page - Omron Electronics LLC

  E39-L48 Datasheet HTML 1Page - Omron Electronics LLC E39-L48 Datasheet HTML 2Page - Omron Electronics LLC E39-L48 Datasheet HTML 3Page - Omron Electronics LLC E39-L48 Datasheet HTML 4Page - Omron Electronics LLC E39-L48 Datasheet HTML 5Page - Omron Electronics LLC E39-L48 Datasheet HTML 6Page - Omron Electronics LLC E39-L48 Datasheet HTML 7Page - Omron Electronics LLC E39-L48 Datasheet HTML 8Page - Omron Electronics LLC E39-L48 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
E3C
E3C
5
Part number
E3C-JB4P
E3C-JC4P
E3C-GE4
E3C-GF4
E3C-WH4F
Supply voltage
12 to 24 VDC
±10%; 1 V max. permissible ripple peak-to-peak
Current consumption
50 mA
Operation mode
Light-ON/Dark-ON
Light-ON/Dark-ON,
Light-ON/Dark-ON,
switch selectable
jumper selectable
switch selectable
Sensitivity
Adjustable
Control DC
Type
PNP output
NPN output
NPN output
PNP output
NPN and PNP
output
solid-
with constant
open collector
state
current source
outputs
Max. load
100 mA max.
100 mA max.
Load (relay, sink)
100 mA max.
100 mA, 40 VDC
24 VDC
24 VDC
logic: 80 mA, 24 VDC
24 VDC
(each output)
Voltage logic (source):
1.5 to 4 mA
Max. on-state
0.7 VDC
0.7 VDC
1.2 VDC
0.7 VDC
voltage drop
Alarm
Type
PNP
NPN
output
Max. load
50 mA, 24 VDC 50 mA, 24 VDC
Response
ON
1 ms
1 ms or 2 ms max.,
1 ms or 2 ms max.,
time
selectable
switch selectable
OFF
1 ms or 40 ms, selectable
1 ms or 2 ms max.,
1 ms or 2 ms max.,
selectable
switch selectable
Circuit
Output short-circuit
Yes
Yes
Yes
protection
DC power supply
Yes
Yes
Yes
reverse polarity
s AMPLIFIERS
AC Powered
Part number
E3C-A
E3C-C
Supply voltage
100 to 240 VAC, 50/60 Hz
Power consumption
3 VA max.
Operation mode
Light-ON/Dark-ON, switch selectable
Sensitivity
Adjustable
Control
Relay
Type
SPDT
output
Max. load
1 A, 240 VAC (p.f. = 1)
Min. load
1 mA, 5 VDC
DC
Type
NPN-SPST with constant current source
solid-
Max. load
Load (relay, sink) logic, 80 mA, 24 VDC
state
Voltage logic (source): 1.5 to 4 mA
Max. on-state
1.0 VDC
voltage drop
Response
ON
Solid-state
1 ms or 2 ms max., switch selectable
time
Contact
20 ms max.
OFF
Solid-state
1 ms or 2 ms max., switch selectable
Contact
20 ms max.
Timer functions
Type
ON-delay, OFF-delay, one-shot, switch selectable
Range
0.1 to 1 second or 1 to 10 seconds, switch selectable
Circuit
Output short-
Not available
protection
circuit
Indicators
Light Incident (red LED), Output Stability (green LED), Output Operation (red LED)
Materials
Case
Plastic
Mounting
Requires PF113A-E socket (included); socket mount to DIN rail track
Connections
Terminal screws on socket
Weight
220 g (7.8 oz.), including socket
Enclosure
UL
ratings
NEMA
1
IEC144
IP20
Approvals
UL
CSA
Ambient
Operating
-10
° to 55°C (14° to 131°F)
temperature
Storage
-25
° to 70°C (-13° to 158°F)
DC Powered


Similar Part No. - E39-L48

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E39-L48 OMRON-E39-L48 Datasheet
131Kb / 4P
   Grooved Head Sensor Ideal for Register Mark Detection in Printing and Packaging Equipment
E39-L48 OMRON-E39-L48 Datasheet
883Kb / 18P
   Special-Purpose Photoelectric Sensors
More results

Similar Description - E39-L48

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3C-1 OMRON-E3C-1 Datasheet
883Kb / 18P
   Special-Purpose Photoelectric Sensors
logo
Baumer IVO GmbH & Co. K...
G305 IVO-G305 Datasheet
342Kb / 2P
   Special Encoders & Sensors
GCM2K IVO-GCM2K Datasheet
464Kb / 3P
   Special Encoders & Sensors
G080 IVO-G080 Datasheet
281Kb / 2P
   Special Encoders & Sensors
GCI0L IVO-GCI0L Datasheet
250Kb / 4P
   Special Encoders & Sensors
GNAMG IVO-GNAMG Datasheet
678Kb / 4P
   Special Encoders & Sensors
GCI0K IVO-GCI0K Datasheet
494Kb / 6P
   Special Encoders & Sensors
logo
SICK AG
WL2S-2P3230 SICK-WL2S-2P3230 Datasheet
749Kb / 6P
   Photoelectric sensors
WTB2S-2N3130 SICK-WTB2S-2N3130 Datasheet
655Kb / 6P
   Photoelectric sensors
WTB2S-2N3251 SICK-WTB2S-2N3251 Datasheet
700Kb / 6P
   Photoelectric sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com