Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT27BV040 Datasheet(PDF) 5 Page - ATMEL Corporation

Part No. AT27BV040
Description  4 Megabit 512K x 8 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo 

AT27BV040 Datasheet(HTML) 5 Page - ATMEL Corporation

   
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
0346G–EPROM–12/07
AT27BV040
Notes:
1. V
CC must be applied simultaneously with or before VPP, and removed simultaneously with or after VPP.
2. VPP may be connected directly to VCC, except during programming. The supply current would then be the sum of ICC and IPP.
8.
DC and Operating Characteristics for Read Operation
Symbol
Parameter
Condition
Min
Max
Units
V
CC = 2.7V to 3.6V
ILI
Input Load Current
VIN = 0V to VCC
±1µA
I
LO
Output Leakage Current
V
OUT = 0V to VCC
±5µA
IPP1
(2)
VPP
(1) Read/Standby Current
VPP = VCC
10
µA
ISB
VCC
(1) Standby Current
ISB1 (CMOS), CE = VCC ± 0.3V
20
µA
I
SB2 (TTL), CE = 2.0 to VCC + 0.5V
100
µA
I
CC
V
CC Active Current
f = 5 MHz, IOUT = 0 mA, CE = VIL,
VCC = 3.6V
10
mA
VIL
Input Low Voltage
V
CC = 3.0 to 3.6V
-0.6
0.8
V
VCC = 2.7 to 3.6V
-0.6
0.2 x VCC
V
VIH
Input High Voltage
VCC = 3.0 to 3.6V
2.0
VCC + 0.5
V
V
CC = 2.7 to 3.6V
0.7 x V
CC
V
CC + 0.5
V
VOL
Output Low Voltage
IOL = 2.0 mA
0.4
V
IOL = 100 µA
0.2
V
I
OL = 20 µA
0.1
V
VOH
Output High Voltage
IOH = -2.0 mA
2.4
V
IOH = -100 µA
VCC - 0.2
V
I
OH = -20 µA
V
CC - 0.1
V
VCC = 4.5V to 5.5V
I
LI
Input Load Current
V
IN = 0V to VCC
±1µA
I
LO
Output Leakage Current
V
OUT = 0V to VCC
±5µA
IPP1
(2)
VPP
(1) Read/Standby Current
VPP = VCC
10
µA
ISB
VCC
(1) Standby Current
I
SB1 (CMOS), CE = VCC ± 0.3V
100
µA
I
SB2 (TTL), CE = 2.0 to VCC + 0.5V
1
mA
ICC
VCC Active Current
f = 5 MHz, IOUT = 0 mA, CE = VIL
30
mA
V
IL
Input Low Voltage
-0.6
0.8
V
V
IH
Input High Voltage
2.0
V
CC + 0.5
V
VOL
Output Low Voltage
IOL = 2.1 mA
0.4
V
V
OH
Output High Voltage
I
OH = -400 µA
2.4
V


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn