Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E32-T21R Datasheet(PDF) 50 Page - Omron Electronics LLC

Part # E32-T21R
Description  Fiber Sensors Best Selection Catalog
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-T21R Datasheet(HTML) 50 Page - Omron Electronics LLC

Back Button E32-T21R Datasheet HTML 46Page - Omron Electronics LLC E32-T21R Datasheet HTML 47Page - Omron Electronics LLC E32-T21R Datasheet HTML 48Page - Omron Electronics LLC E32-T21R Datasheet HTML 49Page - Omron Electronics LLC E32-T21R Datasheet HTML 50Page - Omron Electronics LLC E32-T21R Datasheet HTML 51Page - Omron Electronics LLC E32-T21R Datasheet HTML 52Page - Omron Electronics LLC E32-T21R Datasheet HTML 53Page - Omron Electronics LLC E32-T21R Datasheet HTML 54Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 67 page
background image
50
Break-resistant/Coated Models
Fiber Units with Reflective Sensors
Standard Models
Flexible
Break-resistant
Fluororesin coating
Standard
R
@
Cutting free (Cutter provided)
Sensing surface
Two, 1 dia.
Width 10, thickness 2.4 (nickel-plated brass)
Washer (nickel-plated iron)
Protective tube
Two, 2.2 dia.
17
7
15
5.2
2,000
M6×0.75
M6×0.75
(brass/nickel plating)
E32-D11
E32-D11U
Sensing surface
Two, 0.5 dia.
Width 7, thickness 2.4 (nickel-plated brass)
Washer (nickel-plated iron)
Two, 1 dia.
3
15
15
2,000
E39-F9: Included
M4×0.7
M4×0.7 (SUS303)
3.2
E32-D21B
Sensing surface
Four, 0.25 dia.
Two 0.25 dia.
emission fibers
Two, 0.25 dia.
reception fibers
Width 5.5, thickness 1.8 (nickel-plated brass)
Washer (nickel-plated brass)
Two, 1 dia.
15
2.5
11
11
2,000
E39-F9: Included
Protective tube
M3×0.5
M3×0.5 (brass/nickel plating)
Enlarged illustration of sensing surface
E32-D21
2,000
Two, 1 dia.
E39-F9: Included
Sensing surface
Two, 0.5 dia.
3 dia.
3 dia. (brass/nickel plating)
15
15
E32-D221B
100
2,000
15
Sensing surface
Four, 0.25 dia.
1 dia.
Brancher (ABS): 3.5 dia.
Fiber Attachment*
*The Attachment is attached with adhesive and cannot be removed.
1.5 dia.
1.5 dia. (SUS304)
15
15
Two 0.25 dia.
emission fibers
Two, 0.25 dia.
reception fibers
Enlarged illustration of sensing surface
E32-D22B
15
Sensing surface:
Two, 1 dia.
2.5
7.5
7.5
2,000
2.5
Two, 2.2 dia.
Two, 2.2 dia. mounting holes
with two, 4.4 dia. countersinks
on both sides
3
10
10
(aluminum)
E32-D15XB
Note: Mounting screws (countersunk
screw M2
× 8 2 pcs) included
Two, 1 dia.
E39-F9: Included
Sensing surface:
Two, 1 dia.
Two, 2.2 dia. mounting holes with
two, 4.4 dia. countersinks on one side
2.5
1.5
5
12
5.5
2,000
2
2
8
8
(aluminum)
E32-D25XB
Note: Mounting screws (countersunk
screw M2
× 8 2 pcs) included


Similar Part No. - E32-T21R

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E32-T21R OMRON-E32-T21R Datasheet
17Mb / 67P
   These Fibers Units can be used in a variety of applications, such as detecting the presence of workpieces and positioning.
E32-T21R OMRON-E32-T21R Datasheet
17Mb / 68P
   Fiber Sensors Best Selection Catalog
E32-T21R OMRON-E32-T21R Datasheet
1Mb / 108P
   An Extensive Selection of Fiber-Optic Cables
More results

Similar Description - E32-T21R

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E32-D24 OMRON-E32-D24 Datasheet
17Mb / 68P
   Fiber Sensors Best Selection Catalog
logo
Tyco Electronics
504646-1 MACOM-504646-1 Datasheet
1Mb / 74P
   Fiber Optic Products Catalog
logo
Omron Electronics LLC
E32 OMRON-E32 Datasheet
1Mb / 108P
   An Extensive Selection of Fiber-Optic Cables
KS1AA1T OMRON-KS1AA1T Datasheet
6Mb / 25P
   Static Sensors and Ionizers Series Catalog
logo
AVAGO TECHNOLOGIES LIMI...
ADNB-6002 AVAGO-ADNB-6002 Datasheet
55Kb / 4P
   Agilent Optical Mouse Sensors (LED-based Sensors) Selection Guide
logo
Omron Electronics LLC
E32C312M OMRON-E32C312M Datasheet
17Mb / 67P
   Fiber Sensors
E32T24S OMRON-E32T24S Datasheet
17Mb / 67P
   Fiber Sensors
logo
SICK AG
LL3-DW01 SICK-LL3-DW01 Datasheet
208Kb / 4P
   FIBER-OPTIC SENSORS AND FIBER
logo
Omron Electronics LLC
E3X-DA41RM-S OMRON-E3X-DA41RM-S Datasheet
5Mb / 34P
   Digital Fiber Sensors
E3X-DA-S OMRON-E3X-DA-S Datasheet
1Mb / 28P
   Digital Fiber Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com