Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E32-T21R Datasheet(PDF) 35 Page - Omron Electronics LLC

Part # E32-T21R
Description  Fiber Sensors Best Selection Catalog
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-T21R Datasheet(HTML) 35 Page - Omron Electronics LLC

Back Button E32-T21R Datasheet HTML 31Page - Omron Electronics LLC E32-T21R Datasheet HTML 32Page - Omron Electronics LLC E32-T21R Datasheet HTML 33Page - Omron Electronics LLC E32-T21R Datasheet HTML 34Page - Omron Electronics LLC E32-T21R Datasheet HTML 35Page - Omron Electronics LLC E32-T21R Datasheet HTML 36Page - Omron Electronics LLC E32-T21R Datasheet HTML 37Page - Omron Electronics LLC E32-T21R Datasheet HTML 38Page - Omron Electronics LLC E32-T21R Datasheet HTML 39Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 67 page
background image
35
Lens Units
*1. The values for the minimum sensing object are representative values that indicate values obtained in standard mode with the sensing distance and sensitivity set
to optimum values.
*2. The optical fiber is 2 m long on each side, so the sensing distance is 4,000 mm.
Type
Appearance
Dimen-
sions
page
Applicable
Fiber Units
Sensing distance (mm)
Standard
object (min.
sensing
object) (mm)
*1
Features
Model
number
High-
resolution
mode
Standard
mode
High-
speed
mode
Super-
high-
speed
mode
60
E32-T11L
4,000*2
3,200
2,100
840
4 dia.
(0.1 dia.)
Long-dis-
tance
sensing;
opening
angle: 5
° to
40
° (heat
resistant
up to
200
°C)
E39-F1
E32-TC200
4,000*2
4,000*2
2,600
1,500
E32-T11R
4,000*2
3,700
2,400
970
E32-T11
4,000*2
3,600
2,300
930
E32-T11U
4,000*2
3,600
2,300
930
E32-T81R-S
2,650
2,100
1,300
520
E32-T61-S
4,000*2
3,400
2,200
900
60
E32-T11L
910
800
500
180
3 dia.
(0.1 dia.)
Side-view,
space-sav-
ing (heat
resistant
up to
200
°C)
E39-F2
E32-TC200
840
700
450
160
E32-T11R
520
400
250
100
E32-T11
820
660
430
160
E32-T11U
820
660
430
160
E32-T81R-S
360
280
180
70
E32-T61-S
600
450
300
120
60
E32-T11L
E32-TC200
E32-T11R
E32-T11
E32-T11U
E32-T81R-S
E32-T61-S
---
---
Long dis-
tance re-
flection
(heat resis-
tant up to
200
°C)
E39-F3
60
E32-C42
Spot diameter variable in the range 0.1 to 0.6 mm at dis-
tances in the range 6 to 15 mm
Small spot
(variable)
E39-F3A
E32-D32
Spot diameter variable in the range 0.5 to 1 mm at dis-
tances in the range 6 to 15 mm
60
E32-C41
0.1-dia. spot at a distance of 7 mm
Small spot
E39-F3A-5
E32-C31
0.5-dia. spot at a distance of 7 mm
60
E32-C41
0.2-dia. spot at a distance of 17 mm
Long dis-
tance,
small spot
E39-F3B
E32-C31
0.5-dia. spot at a distance of 17 mm
60
E32-C31
E32-C41
Spot diameter of 4 mm max. at distances in the range 0 to
20 mm
Long-dis-
tance
sensing,
parallel
light
E39-F3C
Accessories
*When used in combination with the E3X-DA-S Amplifier Unit (general-purpose).


Similar Part No. - E32-T21R

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E32-T21R OMRON-E32-T21R Datasheet
17Mb / 67P
   These Fibers Units can be used in a variety of applications, such as detecting the presence of workpieces and positioning.
E32-T21R OMRON-E32-T21R Datasheet
17Mb / 68P
   Fiber Sensors Best Selection Catalog
E32-T21R OMRON-E32-T21R Datasheet
1Mb / 108P
   An Extensive Selection of Fiber-Optic Cables
More results

Similar Description - E32-T21R

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E32-D24 OMRON-E32-D24 Datasheet
17Mb / 68P
   Fiber Sensors Best Selection Catalog
logo
Tyco Electronics
504646-1 MACOM-504646-1 Datasheet
1Mb / 74P
   Fiber Optic Products Catalog
logo
Omron Electronics LLC
E32 OMRON-E32 Datasheet
1Mb / 108P
   An Extensive Selection of Fiber-Optic Cables
KS1AA1T OMRON-KS1AA1T Datasheet
6Mb / 25P
   Static Sensors and Ionizers Series Catalog
logo
AVAGO TECHNOLOGIES LIMI...
ADNB-6002 AVAGO-ADNB-6002 Datasheet
55Kb / 4P
   Agilent Optical Mouse Sensors (LED-based Sensors) Selection Guide
logo
Omron Electronics LLC
E32C312M OMRON-E32C312M Datasheet
17Mb / 67P
   Fiber Sensors
E32T24S OMRON-E32T24S Datasheet
17Mb / 67P
   Fiber Sensors
logo
SICK AG
LL3-DW01 SICK-LL3-DW01 Datasheet
208Kb / 4P
   FIBER-OPTIC SENSORS AND FIBER
logo
Omron Electronics LLC
E3X-DA41RM-S OMRON-E3X-DA41RM-S Datasheet
5Mb / 34P
   Digital Fiber Sensors
E3X-DA-S OMRON-E3X-DA-S Datasheet
1Mb / 28P
   Digital Fiber Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com