Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E32-T21R Datasheet(PDF) 31 Page - Omron Electronics LLC

Part # E32-T21R
Description  Fiber Sensors Best Selection Catalog
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-T21R Datasheet(HTML) 31 Page - Omron Electronics LLC

Back Button E32-T21R Datasheet HTML 27Page - Omron Electronics LLC E32-T21R Datasheet HTML 28Page - Omron Electronics LLC E32-T21R Datasheet HTML 29Page - Omron Electronics LLC E32-T21R Datasheet HTML 30Page - Omron Electronics LLC E32-T21R Datasheet HTML 31Page - Omron Electronics LLC E32-T21R Datasheet HTML 32Page - Omron Electronics LLC E32-T21R Datasheet HTML 33Page - Omron Electronics LLC E32-T21R Datasheet HTML 34Page - Omron Electronics LLC E32-T21R Datasheet HTML 35Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 67 page
background image
31
*1. The sensing distances are for white paper.
*2. The values for the minimum sensing object are representative values that indicate values obtained in standard mode with the sensing distance and sensitivity set
to optimum values.
*3.
Indicates models that allow free cutting.
*4. For continuous operation, use the products within a temperature range of
−40°C to 90°C.
Type
Appearance (mm) *3
Dimen-
sions
page
Sensing distance (mm) *1
(Min. sensing
object) (mm) *2
Min.
bending
radius
(mm)
Features
Model number
54
(0.005 dia.)
R25
Small level dif-
ferences, high
power, side-view
E32-L25
54
Small level dif-
ferences, top-
view
E32-L25A
54
R10
Ultracompact,
flat-view
E32-L24S
54
Heat resistant
up to 105
°C *4,
top-view
E32-L24L
54
Heat resistant
up to 105
°C *4,
top-view
E32-L25L
55
R25
Heat resistant
up to 200
°C, flat-
view
E32-L86
55
Soda glass
with reflection
factor of 7%
Heat resistant
up to 300
°C
E32-L64
55
Ideal for detect-
ing glass stock.
E32-A10
Special-beam models
High-resolution mode
High-speed mode
*When used in combination with the E3X-DA-S Amplifier Unit (general-purpose).
Standard mode
Super-high-speed mode)
(
3.3
3.3
3.3 (3.3)
0 to 4
0 to 4
0 to 4 (0 to 4)
2 to 6 (center: 4)
2 to 6 (center: 4)
2 to 6 (2 to 6) (center: 4)
5.4 to 9 (center: 7.2)
5.4 to 9 (center: 7.2)
5.4 to 9 (5.4 to 9) (center: 7.2)
4 to 10
4 to 10
4 to 10 (4 to 10)
1 to 5
1 to 5
1 to 5
0 to 8
0 to 8
0 to 6
0 to 4


Similar Part No. - E32-T21R

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E32-T21R OMRON-E32-T21R Datasheet
17Mb / 67P
   These Fibers Units can be used in a variety of applications, such as detecting the presence of workpieces and positioning.
E32-T21R OMRON-E32-T21R Datasheet
17Mb / 68P
   Fiber Sensors Best Selection Catalog
E32-T21R OMRON-E32-T21R Datasheet
1Mb / 108P
   An Extensive Selection of Fiber-Optic Cables
More results

Similar Description - E32-T21R

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E32-D24 OMRON-E32-D24 Datasheet
17Mb / 68P
   Fiber Sensors Best Selection Catalog
logo
Tyco Electronics
504646-1 MACOM-504646-1 Datasheet
1Mb / 74P
   Fiber Optic Products Catalog
logo
Omron Electronics LLC
E32 OMRON-E32 Datasheet
1Mb / 108P
   An Extensive Selection of Fiber-Optic Cables
KS1AA1T OMRON-KS1AA1T Datasheet
6Mb / 25P
   Static Sensors and Ionizers Series Catalog
logo
AVAGO TECHNOLOGIES LIMI...
ADNB-6002 AVAGO-ADNB-6002 Datasheet
55Kb / 4P
   Agilent Optical Mouse Sensors (LED-based Sensors) Selection Guide
logo
Omron Electronics LLC
E32C312M OMRON-E32C312M Datasheet
17Mb / 67P
   Fiber Sensors
E32T24S OMRON-E32T24S Datasheet
17Mb / 67P
   Fiber Sensors
logo
SICK AG
LL3-DW01 SICK-LL3-DW01 Datasheet
208Kb / 4P
   FIBER-OPTIC SENSORS AND FIBER
logo
Omron Electronics LLC
E3X-DA41RM-S OMRON-E3X-DA41RM-S Datasheet
5Mb / 34P
   Digital Fiber Sensors
E3X-DA-S OMRON-E3X-DA-S Datasheet
1Mb / 28P
   Digital Fiber Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com