Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP1E-N30DT1-A Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # CP1E-N30DT1-A
Description  The CP1E Package PLCs: Economical, Easy to use, and Efficient
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CP1E-N30DT1-A Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button CP1E-N30DT1-A Datasheet HTML 7Page - Omron Electronics LLC CP1E-N30DT1-A Datasheet HTML 8Page - Omron Electronics LLC CP1E-N30DT1-A Datasheet HTML 9Page - Omron Electronics LLC CP1E-N30DT1-A Datasheet HTML 10Page - Omron Electronics LLC CP1E-N30DT1-A Datasheet HTML 11Page - Omron Electronics LLC CP1E-N30DT1-A Datasheet HTML 12Page - Omron Electronics LLC CP1E-N30DT1-A Datasheet HTML 13Page - Omron Electronics LLC CP1E-N30DT1-A Datasheet HTML 14Page - Omron Electronics LLC CP1E-N30DT1-A Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
CP1E-E
@@D@-@ CP1E-N@@D@-@/NA20D@-@
11
Function Specifications
Function
Function description
Cycle time
management
Minimum cycle time
Makes the cycle time consistent.
Monitoring the cycle time
Monitors the cycle time.
CPU Unit
built-in
functions
Inputs
High-speed
counter
inputs
High-speed pulse inputs
High-speed pulses from devices such as a rotary encoder are counted.
The counted values are stored in the Auxiliary Area.
Interrupt tasks can be executed when target is reached or by range comparison.
Input pulse frequency
measurement
The frequency of pulses input by the PRV instruction is measured.
Interrupt inputs
Relevant interrupt tasks are executed during the cycle when the CPU Unit built-in inputs
turn ON or turn OFF.
Quick-response inputs
Inputs can be read without being affected by cycle time.
Use the quick-response inputs to read signals shorter than the cycle time.
Normal
inputs
I/O
refreshing
Cyclic
refreshing
The CPU Unit’s built-in I/O are cyclically refreshed.
Immediate
refreshing
I/O refreshing by immediate refreshing instructions
Input response times
Input constants can be set for Basic I/O Units.
The response time can be increased to reduce the effects of chattering and noise at input
contacts. The response time can be decreased to enable detecting shorter input pulses.
Outputs
Pulse
outputs
(Models
with
transistor
outputs
only)
Pulse control
A pulse signal is output and positioning or speed control is performed with a servo driver
that accepts a pulse input.
Continuous mode for speed control or independent mode for position control can be used.
There are functions for changing to positioning during speed control and for changing the
target value during positioning.
Origin positioning
Origin searches and origin returns
PWM outputs
(Models with transistor outputs only)
Pulses for which the duty ratio (ratio between ON time and OFF time during one pulse
cycle) can be set are output.
Normal
outputs
Load OFF function
All of the outputs on the CPU Unit’s I/O can be turned OFF when an error occurs in RUN
or MONITOR mode.
Built-in
analog
Analog input
Convert analog signal into digital value range from 0 to 6,000.
Analog output
Convert digital value range from 0 to 6,000 into analog signal.
Expansion
I/O Units
and
Expansion
Units
Functions
supported
by both
Expansion
I/O Unit and
Expansion
Unit
I/O
refreshing
Cyclic refreshing
The Expansion I/O Units and Expansion Units are cyclically refreshed.
Refreshing by IORF
I/O refreshing by IORF instruction
Load OFF function
All of the outputs on Expansion I/O Units and Expansion Units are turned OFF (0000 hex)
when an error occurs in RUN or MONITOR mode.
Expansion
I/O Units
Input response times
The response time can be increased to reduce the effects of chattering and noise at input
contacts. The response time can be decreased to enable detecting shorter input pulses.
Expansion
Units
Unit error detection
Errors in Expansion Units are detected. The CPU Unit is notified that the Expansion Unit
stopped due to an error.
Memory
management
functions
Holding I/O memory when changing operating modes
The status of I/O memory can be held when the operating mode is changed.
The forced-set/reset status can be held when the operating mode is changed.
Automatic backup to the backup memory
(built-in EEPROM)
Automatic backup of ladder programs and parameter area to the backup memory
(built-in EEPROM)
Communic
ations
Peripheral
USB port
Peripheral bus (toolbus)
For communications with programming device (CX-Programmer).
Serial port (N/NA-type only)
--
Host Link (SYSWAY) communications
Host Link commands can be sent from a PT or a computer to read/write I/O memory, and
perform other operations for PLC.
No-protocol communications
I/O instructions for communications ports (TXD/RXD instructions) can be used for data
transfer with peripheral devices such as bar code readers.
NT Link communications
I/O memory in the PLC can be allocated and directly linked to various PT functions,
including status control areas, status notification areas, touch switches, lamps, memory
tables, and other objects.
Serial PLC Links
Up to ten words per Unit can be shared by up to nine CPU Units, including one Polling Unit
and eight Polled Units.
Note: Programmable Terminal (PT) cannot be connected.
Modbus-RTU Easy Master function
Modbus-RTU commands are sent by the Modbus-RTU Master function. Modbus slaves,
such as inverters, can be easily controlled with serial communications.
Interrupt
Scheduled interrupts
Tasks can be executed at a specified interval (1.0 ms min., Unit: 0.1 ms).
Interrupt inputs
Interrupt tasks are processed when the built-in input turns ON or OFF.
High-speed counter interrupts
This function counts input pulses with the CPU Unit’s built-in high-speed counter and
executes an interrupt task when the count reaches the preset value or falls within a preset
range (target value or zone comparison).


Similar Part No. - CP1E-N30DT1-A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CP1E-N30DT1-A OMRON-CP1E-N30DT1-A Datasheet
7Mb / 54P
   The CP1E Programmable Controller: Economical, Easy to use, and Efficient
More results

Similar Description - CP1E-N30DT1-A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CP1E OMRON-CP1E Datasheet
7Mb / 54P
   The CP1E Programmable Controller: Economical, Easy to use, and Efficient
logo
International Rectifier
IRDC3838 IRF-IRDC3838 Datasheet
1Mb / 16P
   The IR3838 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DCregulator.
IRDC3839 IRF-IRDC3839 Datasheet
1Mb / 16P
   The IR3839 SupIRBuckTM is an easy-to-use,fully integrated and highly efficient DC/DCregulator.
IRDC3837 IRF-IRDC3837 Datasheet
1Mb / 16P
   The IR3837 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DC regulator.
IRDC3871 IRF-IRDC3871 Datasheet
1Mb / 15P
   The IR3871 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DC voltage regulator.
IRDC3876 IRF-IRDC3876 Datasheet
1Mb / 15P
   The IR3876 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DC voltage regulator.
IRDC3865 IRF-IRDC3865 Datasheet
986Kb / 15P
   The IR3865 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DC voltage regulator.
IRDC3863 IRF-IRDC3863 Datasheet
1,006Kb / 15P
   The IR3863 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DC voltage regulator
logo
Microchip Technology
RN4678 MICROCHIP-RN4678 Datasheet
854Kb / 2P
   The Easy-to-Use, Flexible Solution for BLE and Bluetooth Classic Connectivity
10/16
logo
Generalplus Technology ...
GPES216B2 GENERALPLUS-GPES216B2 Datasheet
423Kb / 14P
   Easy-to-use SOUNDPLUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com