Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E3T-ST14 Datasheet(PDF) 8 Page - Omron Electronics LLC

Part No. E3T-ST14
Description  Subminiature Photoelectric Sensor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3T-ST14 Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button E3T-ST14 Datasheet HTML 4Page - Omron Electronics LLC E3T-ST14 Datasheet HTML 5Page - Omron Electronics LLC E3T-ST14 Datasheet HTML 6Page - Omron Electronics LLC E3T-ST14 Datasheet HTML 7Page - Omron Electronics LLC E3T-ST14 Datasheet HTML 8Page - Omron Electronics LLC E3T-ST14 Datasheet HTML 9Page - Omron Electronics LLC E3T-ST14 Datasheet HTML 10Page - Omron Electronics LLC E3T-ST14 Datasheet HTML 11Page - Omron Electronics LLC E3T-ST14 Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
E3T
E3T
8
J
TIMING CHART
Diffuse and convergent beam
Light-ON
Dark-ON
g
Operation
indicator
(orange)
Target present
Target not present
ON
OFF
Output
transistor
ON
OFF
Load
Energized
De-energized
Operation
indicator
(orange)
Target present
Target not present
ON
OFF
Output
transistor
ON
OFF
Load
Energized
De-energized
Retroreflective/through-beam
Light-ON
Dark-ON
/
g
Operation
indicator
(orange)
Target present
Target not present
ON
OFF
Output
transistor
ON
OFF
Load
Energized
De-energized
Operation
indicator
(orange)
Target present
Target not present
ON
OFF
Output
transistor
ON
OFF
Load
Energized
De-energized
Dimensions
Unit: mm (inch)
J
SIDE-VIEW SENSORS
Through-Beam Models
E3T-ST11
E3T-ST12
E3T-ST13
E3T-ST14
Lens: 1.7 dia.
Emitter
7(0.28)
Lens: 2 dia.
Operation
indicator
Stability
indicator
Receiver
7 (0.28)
Mounting Holes
Two, M2
(0.59)
Emitter
Receiver
Two, 2.2 dia.
9.5
(0.37)
14.6
(0.57)
18.5
(0.73)
Polyvinyl chloride-covered cable,
2.4-mm dia. (7/0.127 dia.),
Robotic cable (20/0, 0.08-mm dia.),
2 conductors, emitter
3 conductors, receivers
Standard length: 2 m


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn