Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D24 Datasheet(PDF) 63 Page - Omron Electronics LLC

Part No. E32-D24
Description  Fiber Sensors Best Selection Catalog
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D24 Datasheet(HTML) 63 Page - Omron Electronics LLC

Back Button E32-D24 Datasheet HTML 59Page - Omron Electronics LLC E32-D24 Datasheet HTML 60Page - Omron Electronics LLC E32-D24 Datasheet HTML 61Page - Omron Electronics LLC E32-D24 Datasheet HTML 62Page - Omron Electronics LLC E32-D24 Datasheet HTML 63Page - Omron Electronics LLC E32-D24 Datasheet HTML 64Page - Omron Electronics LLC E32-D24 Datasheet HTML 65Page - Omron Electronics LLC E32-D24 Datasheet HTML 66Page - Omron Electronics LLC E32-D24 Datasheet HTML 67Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 68 page
background image
63
Safety Precautions
Refer to Warranty and Limitations of Liability.
This product is not designed or rated for ensuring
safety of persons either directly or indirectly.
Do not use it for such purposes.
Do not use the product in atmospheres or environments that exceed
product ratings.
Fiber Units
● Mounting
Tightening Force
The tightening force used to mount the Fiber Unit must not be
more than the value given in Ratings/Characteristics.
Chemical-resistive Models
The following method is recommended to prevent the fluororesin case
from cracking when the Sensor is being secured. Be especially
careful not to crack the case when using screws to secure the Sensor.
Fiber Cutting Procedure
Cut a thin fiber as follows:
Connection
• Do not excessively pull or press the Fiber Unit. Use a pulling
force no higher than what is given in Ratings/Characteris-
tics.
• Do not bend the Fiber Unit beyond the permissible bending
radius given under Ordering Information.
• Do not bend the edge of the Fiber Units
(excluding the E32-T
@R and E32-D@R).
• Do not apply excess force on the Fiber Units.
The Fiber Head could be broken by excessive vibration. To
prevent this, the following is effective:
WARNING
Precautions for Correct Use
Screw-mounting Model
Cylindrical Model
Toothed washers
Spring mounting clip
Nuts
(attachment)
Use a proper-sized wrench.
Retaining screw
(flat head or sunken head)
(M3 max.)
Fiber Sensing Head
(1)
The fiber is shipped
loosely tightened as
shown in the figure
at the right.
(2)
Adjust the fiber to
the desired length
and then tighten it
securely.
(3)
Insert the fiber to be
cut into the E39-F4.
(4)
Finished state
(proper cutting
state)
Thin fiber attachment
(E39-F9)
Temporarily fitted
Cutter
(E39-F4)
Two holes for
thin fiber
Three holes for
standard fiber
(2.2-mm dia.)
Approx. 0.5 mm
Insertion direction
Note: Insert the fiber into the amplifier
the direction indicated by the
arrow.
Amplifier Unit
Fiber Unit
10 mm min.
10 mm min.
Correct
Incorrect
Fiber Unit
Nylon wireholder
Correct
Incorrect
Tape
A one-turn loop can
absorb vibrations.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn