Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D24 Datasheet(PDF) 60 Page - Omron Electronics LLC

Part No. E32-D24
Description  Fiber Sensors Best Selection Catalog
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D24 Datasheet(HTML) 60 Page - Omron Electronics LLC

Back Button E32-D24 Datasheet HTML 56Page - Omron Electronics LLC E32-D24 Datasheet HTML 57Page - Omron Electronics LLC E32-D24 Datasheet HTML 58Page - Omron Electronics LLC E32-D24 Datasheet HTML 59Page - Omron Electronics LLC E32-D24 Datasheet HTML 60Page - Omron Electronics LLC E32-D24 Datasheet HTML 61Page - Omron Electronics LLC E32-D24 Datasheet HTML 62Page - Omron Electronics LLC E32-D24 Datasheet HTML 63Page - Omron Electronics LLC E32-D24 Datasheet HTML 64Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 68 page
background image
60
Lens Units
Accessories
Lens Units
E39-F1
Material:
Brass for the body and optical glass for the lens itself.
Note: Two per set.
4 dia.
8.9
M2.6×0.45
Effective depth: 3.
Spot-facing depth
Side-view Units
E39-F2
Material:
Brass for the body and optical glass for the lens itself.
Note: Two per set.
4 dia.
2.8 dia.
9.2
5.7
M2.6
Effective depth: 3.2
Spot-facing depth: 0.9
3
18
8.5
3.6
12
8±0.2
6.5
6.4
M3 × 6
angle-settingscrew
6.4
Two, 3.2 dia.
M3 internally
toothed washer
Two, 4 dia.
Two, M3
×3
slotted-head set screws*
20.7
Reflection Unit with Lens
E39-F3
Material:
Brass for the body and aluminum for the base.
* Secure the fiber head with the slotted-head set screws. Do not insert a
lens (E39-F1).
Lens Unit for Reflective Fiber Units
E39-F3A
Note: This is the Lens Unit for the E32-D32 and E32-
C42.
Material:
Aluminum for body and
optical glass for lens.
23
13
3
M2×2 Allen-head set screw
(for securing the fiber)
2.1 dia.
6 dia.4 dia.
Lens surface
(lens diameter: 3.7 mm)
Lens Unit for Reflective Fiber Units
E39-F3A-5
Material:
Aluminum for body and optical
glass for lens
Note: This is the Lens Unit for the
E32-C31 and E32-C41.
6.5
16.5
Lens surface
(lens diameter: 3.7 mm)
Straight knurling
5 dia.
4 dia.
2.1 dia.
M3×0.5
Effective screw
length: 3
Lens Unit for Reflective Fiber Units
E39-F3B
Material:
Aluminum for body and
optical glass for lens.
Note: This is the Lens Unit for the
E32-C31 and E32-C41.
25.2
Lens surface
(lens diameter: 4.8 mm)
M3×0.5
Depth: 4.4
24.1
5.5 dia.
6 dia.
Lens Unit for Reflective Fiber Units
E39-F3C
Material:
Aluminum for body and
optical glass for lens.
Note: This is the Lens Unit for the
E32-C31 and E32-C41.
Straight knurling
Lens surface
(lens diameter: 3.7 mm)
M3×0.5
Effective screw
length: 3
10.9
5.8
4.3 dia.
5 dia.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn