Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D24 Datasheet(PDF) 56 Page - Omron Electronics LLC

Part No. E32-D24
Description  Fiber Sensors Best Selection Catalog
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D24 Datasheet(HTML) 56 Page - Omron Electronics LLC

Back Button E32-D24 Datasheet HTML 52Page - Omron Electronics LLC E32-D24 Datasheet HTML 53Page - Omron Electronics LLC E32-D24 Datasheet HTML 54Page - Omron Electronics LLC E32-D24 Datasheet HTML 55Page - Omron Electronics LLC E32-D24 Datasheet HTML 56Page - Omron Electronics LLC E32-D24 Datasheet HTML 57Page - Omron Electronics LLC E32-D24 Datasheet HTML 58Page - Omron Electronics LLC E32-D24 Datasheet HTML 59Page - Omron Electronics LLC E32-D24 Datasheet HTML 60Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 68 page
background image
56
Heat-resistant Models
Chemical-resistant Models
Fiber Units with Reflective Sensors
Environment-resistant Models
Flexible
Break-resistant
Fluororesin coating
Standard
R
@
Cutting free (Cutter provided)
Sensing surface
Two, 1.5 dia.
4.9
Two 2.2 dia.
13
3
17
17
2,000
M6×0.75
M6×0.75 (brass/nickel plating)
3.1
Width 10, thickness 2.4 (nickel-plated brass)
Washer (nickel-plated iron)
E32-D51 R35
Note: The maximum allowable temperature is 150
°C. The maximum
allowable temperature for continuous operation is 130
°C.
Sensing surface
1.2 dia.
25(B)
2.2 dia.
Fluororesin tube
*
4.5
5
8.5
SUS303
M4×0.7
2.2 dia.
6.4
3
2
8 15
*
20
20
5
(70)
A
2,000
Protective tube
29.5(B)
M6×0.75
M6×0.75 (SUS303)
Width 10, thickness 2.4 (SUS303)
Washer (SUS)
E32-D81R-S
E32-D81R
R10
R10
Note 1. The maximum allowable temperatures
for sections A and B are 200
°C and
110
°C, respectively. The section in-
serted into the Amplifier Unit (indicated
by *), however, must stay within the
Amplifier Unit's operating temperature
range.
2. Order the Fiber Unit based on the Amplifier
Unit. Use the E32-D81R-S if the E3X-
DA
@-S, E3X-MDA@, or E3X-DAC@-S is
used. Use the E32-D81R if any other
Amplifier is used.
Using the E32-D81R-S
Using the E32-D81R
A
25(B)
20
20
5 *3
2,000
2.2 dia.
5 dia. *2
SUS flexible tube 3.5 dia.
M4×0.7
*1
4.5
5
8.5
3
2
*2. The diameter is 6 dia. if the fiber length exceeds 10 m.
*3. The diameter is 10 if the fiber length exceeds 10 m.
29.5(B)
Hexagonal caulking
SUS316L
*1
8
6.4
15
M6×0.75
M6×0.75 (SUS303)
Sensing surface 1.4 dia.
Width 10, thickness 2.4 (SUS303)
Washer (SUS)
E32-D61-S
E32-D61
R25
R25
Note 1. The maximum allowable temperatures
for sections A and B are 350
°C and
110
°C, respectively. The section insert-
ed into the Amplifier Unit (indicated by
*1), however, must stay within the Ampli-
fier Unit's operating temperature range.
2. Order the Fiber Unit based on the Amplifier
Unit. Use the E32-D61-S if the E3X-DA
@-S,
E3X-MDA
@, or E3X-DAC@-S is used. Use
the E32-D61 if any other Amplifier is used.
Using the E32-D61-S
Using the E32-D61
5
60
60
20
20
10
2,000
*
5
A
B
29.5(C)
6.4
15
8
4 dia.
Hexagonal caulking
SUS316L
SUS flexible tube 2.8 dia.
2.5 dia.
1.65 dia.
Stainless-steel tube
1.25 dia.
25(C)
2.2 dia.
*
4.5
5
8.5
Sensing surface
1 dia.
M4×0.7
M4×0.7 (SUS303)
Width 7, thickness 2.4 (SUS304)
Washer (SUS)
E32-D73-S
E32-D73
R25
R25
Note 1. The maximum allowable tempera-
tures for sections A, B, and C are
400
°C, 300°C, and 110°C, respec-
tively. The section inserted into the
Amplifier Unit (indicated by *), how-
ever, must stay within the Amplifier
Unit's operating temperature range.
2. Order the Fiber Unit based on the
Amplifier Unit. Use the E32-D
@-S if the
E3X-DA
@-S, E3X-MDA@, or
E3XDAC
@-S is used. Use the E32-D@ if
any other Amplifier is used.
Using the E32-D73-S
Using the E32-D73
Environment-resistant Models
2,000
16
16
100
6 dia.
6 dia. (Fluororesin)
5 dia.
Two, 2.2 dia.
E32-D12F R40
100
2,000
4.5
26
26
Optical axis confirmation mark (red)
7 dia.
7 dia. (fluororesin)
Two, 2.2 dia.
E32-D14F R40


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn