Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D24 Datasheet(PDF) 52 Page - Omron Electronics LLC

Part No. E32-D24
Description  Fiber Sensors Best Selection Catalog
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D24 Datasheet(HTML) 52 Page - Omron Electronics LLC

Back Button E32-D24 Datasheet HTML 48Page - Omron Electronics LLC E32-D24 Datasheet HTML 49Page - Omron Electronics LLC E32-D24 Datasheet HTML 50Page - Omron Electronics LLC E32-D24 Datasheet HTML 51Page - Omron Electronics LLC E32-D24 Datasheet HTML 52Page - Omron Electronics LLC E32-D24 Datasheet HTML 53Page - Omron Electronics LLC E32-D24 Datasheet HTML 54Page - Omron Electronics LLC E32-D24 Datasheet HTML 55Page - Omron Electronics LLC E32-D24 Datasheet HTML 56Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 68 page
background image
52
Coaxial/Small-spot Models
Fiber Units with Reflective Sensors
Special-beam Models
Flexible
Break-resistant
Fluororesin coating
Standard
R
@
Cutting free (Cutter provided)
Sixteen, 0.265 dia.
reception fibers
2,000
3
6
18
8
(45)
1 dia. emission fibers
12 dia.
12 dia.
Two, 2.2 dia.
M6 nuts (brass/nickel plating)
Washer (nickel-plated iron)
included (2 of each)
24
24
M6×0.75
M6×0.75 (brass/nickel plating)
Model display tube
E32-C11N
6.5 dia.
6.5 dia.
13.5
20.5
20.5
7
5
Two, 1 dia.
M3×0.5
M3×0.5 (brass/nickel plating)
E39-F9: Included
Model display tube
2,000
(45)
0.5 dia. emission fibers
Four, 0.25 dia.
reception fibers
Note: The Emitter fiber is shown with a white line.
M3 nuts (brass/nickel plating)
Washer (brass/nickel plating) included (2 of each)
E32-C31N
1 dia.
emission fibers
2.5 dia.
Two, 2.2 dia.
Sixteen, 0.25 dia. reception fibers
23
23
3
5.2
2,000
M6×0.75
M6×0.75 (brass/nickel plating)
Width 10, thickness 2.4 (nickel-plated brass)
Washer (nickel-plated iron)
Note: There is a white line on the fiber that is inserted in the emitter-side port.
E32-CC200
E32-CC200R
R25
1 dia. emission fibers
Sixteen, 0.265 dia.
reception fibers
Brancher (heat-resistant,
ABS, black): 6 dia.
Two, 2.2 dia.
15
15
400
15
1,570
2,000
3 dia.
3 dia. (SUS304)
Note: There is a yellow dotted line on the fiber that is inserted in the emitter-side
port.
E32-D32L R25
E39-F9: Included
25
25
12
20
2.5
Heat-shrinkable tube
Two, 1 dia.
0.5 dia.
emission fibers
Four, 0.25 dia.
reception fibers
M3×0.5
M3×0.5 (SUS303)
2,000
Width 5.5, thickness 1.8 (nickel-plated brass)
Washer (nickel-plated brass)
E32-C31 R25
Note: There is a white line on the cable fiber that is inserted in the emit-
ter-side port.
E39-F9: Included
15
0.5 dia.
emission fibers
Four, 0.25 dia.
reception fibers
22
22
2,000
12
2
Heat-shrinkable tube
Two, 1 dia.
3 dia.
2 dia.
2 dia. (SUS303)
Note: There is a white line on the cable fiber that is inserted in the emitter-side
port.
E32-D32 R25
17
22
22
1,000
15
Irraxtube: 2.6 dia.
Brancher (ABS resin):3.5 dia.
Two, 1.2 dia.
White markings:Emission side
(heat-shrinkable tube)
0.175 dia.
emission fibers
(100)
M3×0.5
M3×0.5 (SUS303)
Width 5.5,
thickness 1.8 (nickel-plated brass)
Washer (nickel-plated brass)
Fiber Attachment*
Six, 0.175 dia.
reception fibers
E32-C41 R25
* The Fiber Attachment is attached with
adhesive and cannot be removed.
15
0.175 dia.
emission fibers
2
Irraxtube: 2.6 dia.
Two, 1.2 dia.
Brancher
(ABS resin):
3.5 dia.
White markings:
Emission side
(heat-shrinkable tube)
3 dia.
1,000
15
(100)
22
22
2 dia.
2 dia. (SUS303)
Fiber Attachment*
Six, 0.175 dia.
reception fibers
E32-C42 R25
* The Fiber Attachment is attached with
adhesive and cannot be removed.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn