Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D24 Datasheet(PDF) 50 Page - Omron Electronics LLC

Part No. E32-D24
Description  Fiber Sensors Best Selection Catalog
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D24 Datasheet(HTML) 50 Page - Omron Electronics LLC

Back Button E32-D24 Datasheet HTML 46Page - Omron Electronics LLC E32-D24 Datasheet HTML 47Page - Omron Electronics LLC E32-D24 Datasheet HTML 48Page - Omron Electronics LLC E32-D24 Datasheet HTML 49Page - Omron Electronics LLC E32-D24 Datasheet HTML 50Page - Omron Electronics LLC E32-D24 Datasheet HTML 51Page - Omron Electronics LLC E32-D24 Datasheet HTML 52Page - Omron Electronics LLC E32-D24 Datasheet HTML 53Page - Omron Electronics LLC E32-D24 Datasheet HTML 54Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 68 page
background image
50
Break-resistant/Coated Models
Fiber Units with Reflective Sensors
Standard Models
Flexible
Break-resistant
Fluororesin coating
Standard
R
@
Cutting free (Cutter provided)
Sensing surface
Two, 1 dia.
Width 10, thickness 2.4 (nickel-plated brass)
Washer (nickel-plated iron)
Protective tube
Two, 2.2 dia.
17
7
15
5.2
2,000
M6×0.75
M6×0.75
(brass/nickel plating)
E32-D11
E32-D11U
Sensing surface
Two, 0.5 dia.
Width 7, thickness 2.4 (nickel-plated brass)
Washer (nickel-plated iron)
Two, 1 dia.
3
15
15
2,000
E39-F9: Included
M4×0.7
M4×0.7 (SUS303)
3.2
E32-D21B
Sensing surface
Four, 0.25 dia.
Two 0.25 dia.
emission fibers
Two, 0.25 dia.
reception fibers
Width 5.5, thickness 1.8 (nickel-plated brass)
Washer (nickel-plated brass)
Two, 1 dia.
15
2.5
11
11
2,000
E39-F9: Included
Protective tube
M3×0.5
M3×0.5 (brass/nickel plating)
Enlarged illustration of sensing surface
E32-D21
2,000
Two, 1 dia.
E39-F9: Included
Sensing surface
Two, 0.5 dia.
3 dia.
3 dia. (brass/nickel plating)
15
15
E32-D221B
100
2,000
15
Sensing surface
Four, 0.25 dia.
1 dia.
Brancher (ABS): 3.5 dia.
Fiber Attachment*
*The Attachment is attached with adhesive and cannot be removed.
1.5 dia.
1.5 dia. (SUS304)
15
15
Two 0.25 dia.
emission fibers
Two, 0.25 dia.
reception fibers
Enlarged illustration of sensing surface
E32-D22B
15
Sensing surface:
Two, 1 dia.
2.5
7.5
7.5
2,000
2.5
Two, 2.2 dia.
Two, 2.2 dia. mounting holes
with two, 4.4 dia. countersinks
on both sides
3
10
10
(aluminum)
E32-D15XB
Note: Mounting screws (countersunk
screw M2
× 8 2 pcs) included
Two, 1 dia.
E39-F9: Included
Sensing surface:
Two, 1 dia.
Two, 2.2 dia. mounting holes with
two, 4.4 dia. countersinks on one side
2.5
1.5
5
12
5.5
2,000
2
2
8
8
(aluminum)
E32-D25XB
Note: Mounting screws (countersunk
screw M2
× 8 2 pcs) included


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn