Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D24 Datasheet(PDF) 49 Page - Omron Electronics LLC

Part No. E32-D24
Description  Fiber Sensors Best Selection Catalog
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D24 Datasheet(HTML) 49 Page - Omron Electronics LLC

Back Button E32-D24 Datasheet HTML 45Page - Omron Electronics LLC E32-D24 Datasheet HTML 46Page - Omron Electronics LLC E32-D24 Datasheet HTML 47Page - Omron Electronics LLC E32-D24 Datasheet HTML 48Page - Omron Electronics LLC E32-D24 Datasheet HTML 49Page - Omron Electronics LLC E32-D24 Datasheet HTML 50Page - Omron Electronics LLC E32-D24 Datasheet HTML 51Page - Omron Electronics LLC E32-D24 Datasheet HTML 52Page - Omron Electronics LLC E32-D24 Datasheet HTML 53Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 68 page
background image
49
Flexible
Break-resistant
Fluororesin coating
Standard
R
@
Cutting free (Cutter provided)
5.7
5.7
6 dia.
6 dia.
2
Sensing surface
Light baffle
Two, 2.2 dia.
Heat-shrinkable tube
(SUS304)
30
35
35
12
2,000
E32-D14L
E32-D14LR
R25
35
12
15
15
15
15
1.25
2,000
E39-F9: Included
Heat-shrinkable tube
Two, 1 dia.
3 dia.
3 dia. (SUS304)
Stainless-steel tube
2 dia. max.
Light baffle
Sensing surface
E32-D24
E32-D24R
R10
Sensing surface
7.5
2.5
2,000
15
15
2.8
3
3
2.4
7.5
Two, 2.2 dia.
Mounting holes Two, 2.2 dia.
Two, 4.4 dia. countersinks on both sides
10
10
(aluminum)
E32-D15Y
E32-D15YR
R25
Note: Mounting screws (countersunk screw M2
× 8 2 pcs) included
Two, 2.2 dia. mounting holes with
two, 4.4 dia. countersinks on one side
Two, 1 dia.
Sensing surface
2.5
5
2,000
1.4
2.3
2
12
12
8
E39-F9: Included
5.5
(aluminum)
E32-D25Y
E32-D25YR
R10
Note: Mounting screws (countersunk screw M2
× 8 2 pcs) included
Sensing surface
7.5
2.5
4
2,000
1.4
2.2
7.5
Two, 2.2 dia.
Two, 2.2 dia. mounting holes
with two, 4.4 dia. countersinks
on both sides
3
3
15
15
10
10
(aluminum)
E32-D15Z
E32-D15ZR
R25
Note: Mounting screws (countersunk screw M2
× 8 2 pcs) included
Sensing surface
Two, 2.2 dia. mounting holes
with two, 4.4 dia. countersinks
on one side
E39-F9: Included
Two, 1 dia.
2,000
3
5
2.5
0.9
1.2
5.5
2
8
12
12
(aluminum)
E32-D25Z
E32-D25ZR
R10
Note: Mounting screws (countersunk screw M2
× 8 2 pcs) included
Mounting hole dimensions (recommended)
<Screw-mounting Model>
(Unit:mm)
Example: Head size of E32-TC200 is M4. Open the mounting holes with 4 to 4.5 dia.
<Cylindrical Model>
(Unit:mm)
Example: Head size of E32-T22 is 2 dia.. Open the mounting holes with 2.2 to 2.4 dia.
Minimum bending radius
(Unit:mm)
Outer diameter of
fiber unit
M3
M4
M6
M14
F dimensions
3
dia.
4
dia.
6
dia.
14 dia.
Outer diameter of
fiber unit
1 dia.
1.5 dia.
2 dia.
3 dia.
F dimensions
1.2
dia. 1.7
dia. 2.2
dia. 3.2
dia.
Outer diameter of
fiber unit
3.5 dia.
4 dia.
5 dia.
6 dia.
F dimensions
4
dia.
4.5
dia. 5.5
dia. 6.5
dia.
F
+0.5
0
+0.5
0
+0.5
0
+1
0
+0.2
0
+0.2
0
+0.2
0
+0.2
0
+0.5
0
+0.5
0
+0.5
0
+0.5
0
Type
A
Minimum bending
radius
B
unbendable
(except E32-C11N, E32-C31N
and E32-CC200)
10
(E32-C11N, E32-C31N,
E32-CC200R)
40
4
10
10
10
25
10
30
10
35
10
40
10
unbendable
B
Minimum bending radius
A
Sensing
head
Flexible
Break-resistant
Fluororesin coating
Standard
R
@
R4
R10
R25
R30
R35
R40


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn