Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D24 Datasheet(PDF) 46 Page - Omron Electronics LLC

Part No. E32-D24
Description  Fiber Sensors Best Selection Catalog
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D24 Datasheet(HTML) 46 Page - Omron Electronics LLC

Back Button E32-D24 Datasheet HTML 42Page - Omron Electronics LLC E32-D24 Datasheet HTML 43Page - Omron Electronics LLC E32-D24 Datasheet HTML 44Page - Omron Electronics LLC E32-D24 Datasheet HTML 45Page - Omron Electronics LLC E32-D24 Datasheet HTML 46Page - Omron Electronics LLC E32-D24 Datasheet HTML 47Page - Omron Electronics LLC E32-D24 Datasheet HTML 48Page - Omron Electronics LLC E32-D24 Datasheet HTML 49Page - Omron Electronics LLC E32-D24 Datasheet HTML 50Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 68 page
background image
46
Heat-resistant Models
Chemical-resistant Models
Through-beam Fiber Units Through-beam models consist of two parts: an emitter and a receiver.
Environment-resistant Models
Flexible
Break-resistant
Fluororesin coating
Standard
R
@
Cutting free (Cutter provided)
15
2.85 dia.
1
Sensing surface
1.5 dia.
17
17
2,000
2.2 dia.
Width 7, thickness 2.4 (nickel-plated brass)
Washer (nickel-plated iron)
M4×0.7
M4×0.7 (brass/nickel plating)
E32-T51 R35
Note: The maximum allowable temperature is 150
°C. The maximum al-
lowable temperature for continuous operation is 130
°C.
E32-T54 R35
Note: The maximum allowable temperature is 150
°C. The maximum
allowable temperature for continuous operation is 130
°C.
2.45
2 dia.
45
Sensing surface
25
25
20
20
2.2 dia.
2,000
3 dia.
3 dia. (SUS303)
Sensing surface
0.7 dia.
20
20
3
4 dia.
10
2,000
30(B)
*
A
4 dia.
Fluororesin tube 2 dia.
Protective tube
M2.6×0.45
2.2 dia.
(75)
M4×0.7
M4×0.7 (
SUS303)
Width 7,
thickness 2.4 (SUS304)
Washer (SUS)
Note: The maximum allowable temperatures for sec-
tions A and B are 200
°C and 110°C, respective-
ly. The section inserted into the Amplifier Unit
(indicated by *), however, must stay within the
Amplifier Unit's operating temperature range.
E32-T81R-S R10
E32-T84S-S R25
Sensing surface
Lens (2 dia.)
*
25(B)
A
12
12
14.2
14.2
6
30 max.
30 max.
12
2,000
4 dia.
4 dia.
4 dia.
3 dia.
3.5 dia.
R5
90°
Flexible tube:
2.9 dia.
(stainless steel)
2.2 dia.
3 dia.
3 dia. (SUS303)
30
Note: The maximum allowable temperatures
for sections A and B are 200
°C and
110
°C, respectively. The section in-
serted into the Amplifier Unit (indicated
by *), however, must stay within the
Amplifier Unit's operating temperature
range.
E32-T61-S R25
20
20
3
4 dia.
*2
10
2,000
25(B)
*1
A
4 dia.
2.8 dia. flexible tubes
(SUS304)
M2.6×0.45
*2 The diameter is 6 mm if the fiberlength exceeds 10 m.
2.2 dia.
M4×0.7
M4×0.7 (SUS303)
Sensing surface
1 dia.
Width 7, thickness 2.4 (SUS304)
Washer (SUS)
30
Note: The maximum allowable temperatures for sections A and B are 200
°C
and 110
°C, respectively. The section inserted into the Amplifier Unit (in-
dicated by *1), however, must stay within the Amplifier Unit's operating
temperature range.
Environment-resistant Models
nut (PFA)
2.2 dia. (Fluororesin)
lens diameter: 3.7 mm
10
10
(10.7)
35
35
19.8
3
10
2,000
R3.6
7.2 dia.
7.2 dia. (PFA)
E32-T11F
R4
E32-T12F R40
20
20
2,000
5 dia.
5 dia. (Fluororesin)
4 dia.
2.2 dia.
Sensing surface
Lens 4 dia.
100
21
21
2,000
5 dia.
5 dia. (Fluororesin)
4 dia.
2.2 dia.
100
4.5
E32-T14F R40
100
20
20
2,000
Sensing surface
lens diameter:
3.7 dia.
2.2 dia.
5 dia.
5 dia. (Fluororesin)
E32-T51F R40
Sensing surface:
3.7 dia
30
30
(0.8)
2,000
*
(70)
30(B)
A
4 dia.
2.2 dia.
Protective tube
2 dia. (PFA tube)
PFA cover
(R6)
6 dia.
6 dia.
E32-T81F-S R10
Note: The maximum allowable temperatures for sec-
tions A and B are 200
°C and 110°C, respective-
ly. The section inserted into the Amplifier Unit
(indicated by *), however, must stay within the
Amplifier Unit's operating temperature range.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn