Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D24 Datasheet(PDF) 40 Page - Omron Electronics LLC

Part No. E32-D24
Description  Fiber Sensors Best Selection Catalog
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D24 Datasheet(HTML) 40 Page - Omron Electronics LLC

Back Button E32-D24 Datasheet HTML 36Page - Omron Electronics LLC E32-D24 Datasheet HTML 37Page - Omron Electronics LLC E32-D24 Datasheet HTML 38Page - Omron Electronics LLC E32-D24 Datasheet HTML 39Page - Omron Electronics LLC E32-D24 Datasheet HTML 40Page - Omron Electronics LLC E32-D24 Datasheet HTML 41Page - Omron Electronics LLC E32-D24 Datasheet HTML 42Page - Omron Electronics LLC E32-D24 Datasheet HTML 43Page - Omron Electronics LLC E32-D24 Datasheet HTML 44Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 68 page
background image
40
Dimensions
Standard/Flexible Models
(Unit: mm)
Tolerance class IT16 applies to dimensions in this data sheet unless otherwise specified.
Through-beam Fiber Units Through-beam models consist of two parts: an emitter and a receiver.
Standard
Flexible
Break-resistant
Fluororesin coating
Standard
R
@
Cutting free (Cutter provided)
M4 nuts (brass/nickel plating)
Washer (nickel-plated iron)
included (4 of each)
2,000
M2.6×0.45
M4×0.7
M4×0.7 (brass/nickel plating)
3
10
(45)
5.5
4.7
14.7
14.7
8.4 dia.
8.4 dia.
Sensing surface:
1 dia.
2.2 dia.
Model display tube
E32-T11N
M2.6×0.45
Sensing surface:
1 dia.
Width 7, thickness 2.4 (nickel-plated brass)
Washer (nickel-plated iron)
2.2 dia.
3
14
14
2,000
M4×0.7
M4×0.7 (brass/nickel plating)
3.2
E32-TC200
E32-T11R
R25
E32-TC200E R10
2.5
1 dia.
11
11
2,000
E39-F9: Included
Sensing surface:
0.5 dia.
M3×0.5
M3×0.5 (brass/nickel plating)
Width 5.5, thickness 1.8 (nickel-plated brass)
Washer (nickel-plated brass)
2,000
9.5
13.5
13.5
3 dia.
2.2 dia.
*E32-T21R: 0.5 dia.
Sensing surface:
1 dia. *
Width 5.5, thickness 1.8 (nickel-plated brass)
Washer (nickel-plated brass)
M3×0.5
M3×0.5 (brass/nickel plating)
E32-TC200A
E32-T21R
R25
Sensing surface:
0.5 dia.
2 dia.
2 dia. (SUS303)
17
22
22
2,000
12
E39-F9: Included
1 dia.
1.4 dia.
Heat-shrinkable tube
E32-T22
E32-T22R
R10
Sensing surface:
1 dia.
3
2.4 dia.
3 dia.
3 dia. (brass/nickel plating)
2.2 dia.
11
14
14
2,000
E32-T12
E32-T12R
R25
10
10
2,000
E39-F9: Included
1.5 dia.
1.5 dia.
(brass/nickel plating)
Sensing surface:
0.5 dia.
1 dia.
E32-T222
E32-T222R
R10
2.2 dia.
Two, 2.2 dia. mounting holes with
two, 4.4 dia. countersinks on both sides
(aluminum)
2,000
8
3
2.5
1.5
Sensing surface:
1 dia.
15
15
7.5
5.5
E32-T15X
E32-T15XR
R25
Note: 1. Set of two symmetrical parts.
2. Mounting screws (countersunk screw M2
× 8 4 pcs)
included
1 dia.
(aluminum)
Mounting holes Two 2.2 dia.
Two, 4.4 dia. countersinks on one side
7
1
Sensing surface:
0.5 dia.
2,000
E39-F9: Included
2
12
12
5
2.5
4.5
E32-T25X
E32-T25XR
R10
Note: 1. Set of two symmetrical parts.
2. Mounting screws (countersunk
screw M2
× 8 4 pcs) included
3.2
Stainless-steel tube
1.2 dia. max.
(SUS304)
* ( ): E32-TC200B4/E32TC200B4R
2.2 dia.
11
11
90
90
(
40
40)*
2,000
Sensing surface: 1 dia.
M4×0.7
M4×0.7 (coarse thread)
(brass/nickel plating)
Width 7,
thickness 2.4 (nickel-plated brass)
Washer (nickel-plated iron)
E32-TC200B
E32-TC200B4
E32-TC200BR
E32-TC200B4R
R25
R25
2.5
2,000
11
11
Sensing surface:
0.5 dia.
Stainless-steel tube
0.9 dia. max. (SUS304)
Width 5.5, thickness 1.8 (nickel-plated brass)
Washer (nickel-plated brass)
1 dia.
90
90
(
40
40)*
E39-F9: Included
* ( ):E32-TC200F4/E32TC200F4R
M3×0.5
M3×0.5 (brass/nickel plating)
E32-TC200F
E32-TC200F4
E32-TC200FR
E32-TC200F4R
R10
R10
35
35
Sensing surface
30
2
3 dia.
2.8
3 dia.
3 dia. (SUS303)
Heat-shrinkable tube
2.2 dia.
12
2,000
E32-T14L
E32-T14LR
R25


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn