Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D24 Datasheet(PDF) 39 Page - Omron Electronics LLC

Part No. E32-D24
Description  Fiber Sensors Best Selection Catalog
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D24 Datasheet(HTML) 39 Page - Omron Electronics LLC

Back Button E32-D24 Datasheet HTML 35Page - Omron Electronics LLC E32-D24 Datasheet HTML 36Page - Omron Electronics LLC E32-D24 Datasheet HTML 37Page - Omron Electronics LLC E32-D24 Datasheet HTML 38Page - Omron Electronics LLC E32-D24 Datasheet HTML 39Page - Omron Electronics LLC E32-D24 Datasheet HTML 40Page - Omron Electronics LLC E32-D24 Datasheet HTML 41Page - Omron Electronics LLC E32-D24 Datasheet HTML 42Page - Omron Electronics LLC E32-D24 Datasheet HTML 43Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 68 page
background image
39
Models
Ambient operating
temperature range
Ambient hu-
midity range
Fiber core material
(sheath material)
Permissible bend-
ing radius
Tightening
force (N·m)
Pulling
force (N)
IEC standard de-
gree of protection
E32-D12F
−40 to +70°C
35% to 85%
Plastic (fluororesin coating)
R40
0.78
29.4 IP67
E32-D14F
−40 to +70°C
Plastic (fluororesin coating)
R40
0.78
29.4 IP67
E32-D51
−40 to +150°C
Plastic (fluororesin coating)
R35
0.98
29.4 IP67
E32-D61
−60 to +350°C
Glass (SUS spiral coating)
R25
0.98
29.4 IP67
E32-D61-S
−60 to +350°C
Glass (SUS spiral coating)
R25
0.98
29.4 IP67
E32-D73
−40 to +400°C
Glass (SUS spiral coating)
R25
0.78
29.4 IP67
E32-D73-S
−40 to +400°C
Glass (SUS spiral coating)
R25
0.78
29.4 IP67
E32-D81R
−40 to +200°C
Glass (fluororesin coating)
R10
0.78
9.8 IP67
E32-D81R-S
−40 to +200°C
Glass (fluororesin coating)
R10
0.78
9.8 IP67
E32-T11F
−40 to +70°C
Plastic (fluororesin coating)
R4
0.29
29.4 IP67
E32-T12F
−40 to +70°C
Plastic (fluororesin coating)
R40
0.78
29.4 IP67
E32-T14F
−40 to +70°C
Plastic (fluororesin coating)
R40
0.78
29.4 IP67
E32-T51
−40 to +150°C
Plastic (fluororesin coating)
R35
0.78
29.4 IP67
E32-T51F
−40 to +150°C
Plastic (fluororesin coating)
R40
0.78
29.4 IP67
E32-T51V
−25 to +120°C
Glass (fluororesin coating)
R30
0.29
29.4 ---
E32-T54
−40 to +150°C
Plastic (fluororesin coating)
R35
0.29
29.4 IP67
E32-T54V
−25 to +120°C
Glass (fluororesin coating)
R30
0.29
29.4 ---
E32-T61-S
−60 to +350°C
Glass (SUS spiral coating)
R25
0.78
29.4 IP67
E32-T81F-S
−40 to +200°C
Glass (fluororesin coating)
R10
0.78
9.8 IP67
E32-T81R-S
−40 to +200°C
Glass (fluororesin coating)
R10
0.78
9.8 IP67
E32-T84S-S
−40 to +200°C
Glass (fluororesin coating)
R25
0.29
9.8 IP67
E32-T84SV
−25 to +200°C
Glass (SUS spiral coating)
R25
0.29
29.4 ---
Models
Ambient operating
temperature range
Ambient hu-
midity range
Fiber core material
(sheath material)
Permissible bend-
ing radius
Tightening
force (N·m)
Pulling
force (N)
IEC standard de-
gree of protection
E32-A01
−40 to +70°C
35% to 85%
Plastic (fluororesin coating)
R4
---
9.8 IP50
E32-A02
−40 to +70°C
Plastic (fluororesin coating)
R4
---
9.8 IP50
E32-A03
−40 to +70°C
Plastic (polyethylene coating)
R1
0.29
9.8 IP50
E32-A03-1
−40 to +70°C
Plastic (polyethylene coating)
R10
0.29
9.8 IP50
E32-A04
−40 to +70°C
Plastic (polyethylene coating)
R10
0.29
9.8 IP50
E32-A04-1
−40 to +70°C
Plastic (polyethylene coating)
R10
0.29
9.8 IP50
E32-A07E1(E2)
−40 to +70°C
Plastic (polyethylene coating)
R25
0.53
9.8 IP40
E32-A08
−40 to +70°C
Plastic (polyethylene coating)
R25
0.53
9.8 IP40
E32-A08H2
−40 to +300°C
Glass (SUS spiral coating)
R25
0.53
29.4 IP30
E32-A09
−40 to +70°C
Plastic (polyethylene coating)
R25
0.53
9.8 IP40
E32-A09H
−40 to +150°C
Plastic (fluororesin coating)
R35
0.53
9.8 IP40
E32-A09H2
−40 to +300°C
Glass (SUS spiral coating)
R25
0.53
9.8 IP40
E32-D36T
−40 to +70°C
Plastic (polyethylene coating)
R4
---
29.4 IP67
E32-D82F1
−40 to +200°C
Tip: Glass and fluororesin coating
Amplifier insert: Plastic (fluororesin coat-
ing)
R40
0.29
29.4 IP68
E32-D82F2
−40 to +200°C
(Fluororesin coating)
R40
0.29
29.4 IP68
E32-G14
−40 to +70°C
Plastic (polyethylene coating)
R25
0.49
29.4 IP67
E32-L16-N
−40 to +70°C
Plastic (polyethylene coating)
R25
0.29
29.4 IP40
E32-L25T
−40 to +70°C
Plastic (polyethylene coating)
R10
---
9.8 IP50
E32-L66
−40 to +300°C
Glass (SUS spiral coating)
R25
0.53
9.8 IP40
E32-T14
−40 to +70°C
Plastic (polyethylene coating)
R25
0.49
29.4 IP67
Environment-resistant models
Application-corresponding models


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn