Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D24 Datasheet(PDF) 36 Page - Omron Electronics LLC

Part No. E32-D24
Description  Fiber Sensors Best Selection Catalog
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D24 Datasheet(HTML) 36 Page - Omron Electronics LLC

Back Button E32-D24 Datasheet HTML 32Page - Omron Electronics LLC E32-D24 Datasheet HTML 33Page - Omron Electronics LLC E32-D24 Datasheet HTML 34Page - Omron Electronics LLC E32-D24 Datasheet HTML 35Page - Omron Electronics LLC E32-D24 Datasheet HTML 36Page - Omron Electronics LLC E32-D24 Datasheet HTML 37Page - Omron Electronics LLC E32-D24 Datasheet HTML 38Page - Omron Electronics LLC E32-D24 Datasheet HTML 39Page - Omron Electronics LLC E32-D24 Datasheet HTML 40Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 68 page
background image
36
Protective Spiral Tube
Note: Before using a Protective Spiral Tube, remove the protective tube that protects the area between the head and the optical fiber provided with some models.
The Lens Unit and Spiral Tube cannot be used at the same time.
Other Accessories
Appearance
Dimen-
sions page
Application
Applicable Fiber Units
Tube length Model number
61
Fiber protection
M3-screw models
E32-D21/E32-D21R
E32-DC200E
E32-DC200F
@
E32-C31
500 mm
E39-F32A5
1 m
E39-F32A
M3-screw models
E32-T21
@
(Except the E32-T21R.)
E32-TC200E
E32-TC200F
@
500 mm
E39-F32B5
1 m
E39-F32B
61
M4-screw models
E32-T11
@ (except the E32-T11N Right-angle Model)
E32-TC200
E32-TC200B
@
E32-T51
E32-D21L/E32-D21B
500 mm
E39-F32C5
1 m
E39-F32C
61
M6-screw models
E32-D11
@ (except the E32-D11N Right-angle Model)
E32-DC200
E32-DC200B
E32-CC200
@
E32-D51
500 mm
E39-F32D5
1 m
E39-F32D
Appearance
Dimensions
page
Application
Name
Applicable Fiber Units
Remarks
Model
number
62
Used to cut the fi-
ber.
Cutter
Fiber Units that allow
free cutting
Provided with applicable Fiber
Units.
E39-F4
62
Attachments for in-
serting thin fibers
into Amplifier Units
Thin-fiber
Attach-
ments
Fiber Units that allow
free cutting and have a
1.0-dia. sheath
• 2 per set
• Provided with applicable Fi-
ber Units.
E39-F9
62
Used to extend fi-
bers.
Fiber Con-
nectors
Fiber Units that allow
free cutting and have a
2.2-dia. sheath
---
E39-F10
62
Easy-to-use, one-
touch relay con-
nectors
Fiber Units that allow
free cutting
E39-F13: Used for Fiber Units
with a 2.2-dia. sheath.
E39-F14: Used for Fiber Units
with a 1.0-dia. sheath.
E39-F15: Used to connect Fi-
ber Units with different sheath
diameters, 1.0 mm and 2.2 mm.
E39-F13
E39-F14
E39-F15
62
Used to bends in
sleeves.
Sleeve
Bender
E32-TC200B(4)
E32-TC200F(4)
E32-DC200F(4)
---
E39-F11
62
Used to secure the
3.5-dia. Fiber
Head
Mounting
Bracket
E32-T24S
E32-A03
Provided with applicable Fiber
Units.
E39-L83
Accessories


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn