Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D24 Datasheet(PDF) 34 Page - Omron Electronics LLC

Part No. E32-D24
Description  Fiber Sensors Best Selection Catalog
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D24 Datasheet(HTML) 34 Page - Omron Electronics LLC

Back Button E32-D24 Datasheet HTML 30Page - Omron Electronics LLC E32-D24 Datasheet HTML 31Page - Omron Electronics LLC E32-D24 Datasheet HTML 32Page - Omron Electronics LLC E32-D24 Datasheet HTML 33Page - Omron Electronics LLC E32-D24 Datasheet HTML 34Page - Omron Electronics LLC E32-D24 Datasheet HTML 35Page - Omron Electronics LLC E32-D24 Datasheet HTML 36Page - Omron Electronics LLC E32-D24 Datasheet HTML 37Page - Omron Electronics LLC E32-D24 Datasheet HTML 38Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 68 page
background image
34
*1. The values for the minimum sensing object are representative values that indicate values obtained in standard mode with the sensing distance and sensitivity set
to optimum values.
*2.
Indicates models that allow free cutting.
*3. For continuous operation, use the products within a temperature range of
−40°C to 130°C.
*4. The maximum temperature that can be withstood varies with the location. Refer to dimensions diagrams for details.
*5. These values are based on the assumption that there are no repeated sudden changes in temperature.
Type
Appearance (mm) *2
Dimen-
sions
page
Sensing distance (mm)
Standard object
(min. sensing
object) (mm)*1
Min.
bending
radius
(mm)
Features
Model
number
59
Edge of soda
glass with re-
flection factor
of 7%
(t = 0.5 mm,
rounded edge)
R25
Resistant to tilting
E32-A09
59
R35
Heat resistant up to
150
°C *3
E32-A09H
59
R25
Heat resistant up to
300
°C *4, *5
E32-A09H2
59
2 dia. (0.1 dia.)
R1
Opening angle: 1.5
°;
optical axis adjusted
before delivery
E32-A03
59
R10
Opening angle: 1.5
°;
with mounting
flange; optical axis
adjusted before de-
livery
E32-A03-1
44
Long distance;
opening angle: 4
°
E32-T24S
59
1.2 dia.
(0.1 dia.)
Ultraslim (t = 2 mm);
opening angle: 3
°;
optical axis adjusted
before delivery
E32-A04
59
Ultraslim (t = 2 mm);
opening angle: 3
°;
with mounting
flange; optical axis
adjusted before de-
livery
E32-A04-1
Application-corresponding Fiber Units
High-resolution mode
High-speed mode
*When used in combination with the E3X-DA-S Amplifier Unit (general-purpose).
Standard mode
Super-high-speed mode)
(
15 to 38 (center: 25)
15 to 38 (center: 25)
15 to 38 (center: 25)
(-)
20 to 30 (center: 25)
20 to 30 (center: 25)
20 to 30 (center: 25)
(-)
3 dia.
1,150
890
600 (250)
R
3 dia.
3.5 dia.
1,750
1,300
870 (350)
2 dia.
460
340
225 (100)
2 dia.
Flexible
Break-resistant
Fluororesin coating


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn