Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D24 Datasheet(PDF) 32 Page - Omron Electronics LLC

Part No. E32-D24
Description  Fiber Sensors Best Selection Catalog
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D24 Datasheet(HTML) 32 Page - Omron Electronics LLC

Back Button E32-D24 Datasheet HTML 28Page - Omron Electronics LLC E32-D24 Datasheet HTML 29Page - Omron Electronics LLC E32-D24 Datasheet HTML 30Page - Omron Electronics LLC E32-D24 Datasheet HTML 31Page - Omron Electronics LLC E32-D24 Datasheet HTML 32Page - Omron Electronics LLC E32-D24 Datasheet HTML 33Page - Omron Electronics LLC E32-D24 Datasheet HTML 34Page - Omron Electronics LLC E32-D24 Datasheet HTML 35Page - Omron Electronics LLC E32-D24 Datasheet HTML 36Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 68 page
background image
32
*1. The sensing distances are for white paper.
*2. The values for the minimum sensing object are representative values that indicate values obtained in standard mode with the sensing distance and sensitivity set
to optimum values.
*3.
Indicates models that allow free cutting.
*4. For continuous operation, use the products within a temperature range of
−40°C to 90°C.
*5. The maximum temperature that can be withstood varies with the location. Refer to dimensions diagrams for details.
*6. Order the Fiber Unit based on the Amplifier Unit. Use the E32-D
@-S if the E3X-DA@-S, E3X-MDA@, or E3X-DAC@-S is used. Use the E32-D@ if any other Amplifier
is used.
Type
Appearance (mm) *3
Dimen-
sions
page
Sensing distance (mm) *1
(Min. sensing
object) (mm) *2
Min.
bending
radius
(mm)
Features
Model num-
ber
150
°C
*4
56
(0.005 dia.)
R35
Heat resistant
up to 150
°C
E32-D51
200
°C
*5
56
R10
Heat resistant
up to 200
°C
E32-D81R-S
E32-D81R*6
350
°C
*5
56
R25
Heat resistant
up to 350
°C
E32-D61-S
E32-D61*6
400
°C
*5
56
Heat resistant
up to 400
°C,
with sleeve
E32-D73-S
E32-D73*6
56
(0.005 dia.)
R40
Fluororesin
cover, long
distance
E32-D12F
56
Fluororesin
cover, side-
view
E32-D14F
Fiber Units with Reflective Sensors
Environment-resistant models
High-resolution mode
High-speed mode
*When used in combination with the E3X-DA-S Amplifier Unit (general-purpose).
Standard mode
Super-high-speed mode)
(
M6
400
230
160 (72)
M6
150
90
60 (27)
M6
M4
1.25 dia.
Min. bending radius
of sleeve: 10
100
60
40 (18)
6 dia.
160
95
65 (30)
7 dia.
70
40
30 (10)
Flexible
Break-resistant
Fluororesin coating


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn