Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D24 Datasheet(PDF) 25 Page - Omron Electronics LLC

Part No. E32-D24
Description  Fiber Sensors Best Selection Catalog
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D24 Datasheet(HTML) 25 Page - Omron Electronics LLC

Back Button E32-D24 Datasheet HTML 21Page - Omron Electronics LLC E32-D24 Datasheet HTML 22Page - Omron Electronics LLC E32-D24 Datasheet HTML 23Page - Omron Electronics LLC E32-D24 Datasheet HTML 24Page - Omron Electronics LLC E32-D24 Datasheet HTML 25Page - Omron Electronics LLC E32-D24 Datasheet HTML 26Page - Omron Electronics LLC E32-D24 Datasheet HTML 27Page - Omron Electronics LLC E32-D24 Datasheet HTML 28Page - Omron Electronics LLC E32-D24 Datasheet HTML 29Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 68 page
background image
25
* The values for the minimum sensing object are representative values that indicate values obtained in standard mode with the sensing distance and sensitivity set to
optimum values.
Flanges
Fiber Units for Atmospheric-pressure Side
*
Indicates models that allow free cutting.
Lens Units
Mounting Brackets
Type
Appearance (mm)
Dimen-
sions
page
Sensing distance (mm)
Standard object
(min. sensing ob-
ject) (mm) *
Min. bending
radius (mm)
Features
Model number
47
1.2 dia. (0.01 dia.)
R30
M4 screw,
heat-resistant
up to 120
°C
E32-T51V 1M
47
47
4 dia. (0.1 dia.)
M4 screw,
heat-resistant
up to 120
°C,
long distance
E32-T51V 1M+
E39-F1V
47
1.2 dia. (0.01 dia.)
L-shaped,
heat-resistant
up to 120
°C
E32-T54V 1M
47
47
4 dia. (0.1 dia.)
L-shaped,
heat-resistant
up to 120
°C,
long distance
E32-T54V 1M+
E39-F1V
47
2 dia. (0.1 dia.)
R25
L-shaped,
heat-resistant
up to 200
°C,
long distance
E32-T84SV 1M
Environment-resistant models
High-resolution mode
High-speed mode
*When used in combination with the E3X-DA-S Amplifier Unit (general-purpose).
Standard mode
Super-high-speed mode)
(
260
200
130 (50)
1,350
1,000
680 (260)
130
210
100 (35)
500
660
330 (180)
480
630
320 (130)
Appearance (mm)
Dimensions
page
Type
Model
number
47
4-channel
flange
E32-VF4
47
1-channel
flange
E32-VF1
Appearance (mm)
Dimen-
sions
page
Type
Model number
47
Amplifier-Flange
Connection Fiber
E32-T10V 2M
Appear-
ance (mm)
Dimen-
sions
page
Type
Quan-
tity
Remarks
47
E39-F1V
2
Long-distance
Lens
Unit
Can be used for the
E32-T51V
and
the
E32-T54V.
Appear-
ance (mm)
Dimen-
sions
page
Type
Quan-
tity
Remarks
47
E39-L54V
2
Can be used for
the E32-T54V.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn