Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D24 Datasheet(PDF) 22 Page - Omron Electronics LLC

Part No. E32-D24
Description  Fiber Sensors Best Selection Catalog
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D24 Datasheet(HTML) 22 Page - Omron Electronics LLC

Back Button E32-D24 Datasheet HTML 18Page - Omron Electronics LLC E32-D24 Datasheet HTML 19Page - Omron Electronics LLC E32-D24 Datasheet HTML 20Page - Omron Electronics LLC E32-D24 Datasheet HTML 21Page - Omron Electronics LLC E32-D24 Datasheet HTML 22Page - Omron Electronics LLC E32-D24 Datasheet HTML 23Page - Omron Electronics LLC E32-D24 Datasheet HTML 24Page - Omron Electronics LLC E32-D24 Datasheet HTML 25Page - Omron Electronics LLC E32-D24 Datasheet HTML 26Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 68 page
background image
22
*1. The values for the minimum sensing object are representative values that indicate values obtained in standard mode with the sensing distance and sensitivity set
to optimum values.
*2.
Indicates models that allow free cutting.
*3. The optical fiber is 10 m long on each side, so the sensing distance is 20,000 mm.
*4. The optical fiber is 2 m long on each side, so the sensing distance is 4,000 mm.
Type
Appearance (mm) *2
Dimen-
sions
page
Sensing distance (mm)
Standard object
(min. sensing
object) (mm) *1
Min.
bending
radius
(mm)
Features
Model num-
ber
43
10 dia.
R25
Large built-in
lens, M14
screw
E32-T17L
40
60
4 dia. (0.1 dia.)
R1
M4 right angle
E32-T11N+
E39-F1
40
60
R25
M4 screw
E32-TC200+
E39-F1
40
60
R1
M4 screw,
flexible fiber
E32-T11R+
E39-F1
42
60
R4
M4 screw,
break-resistant
E32-T11+
E39-F1
43
R25
Screw mount-
ing, side-view
E32-T14
43
1.4 dia.
(0.01 dia.)
M4 screw
E32-T11L
43
3-dia. cylinder
E32-T12L
43
60
3 dia. (0.1 dia.)
R25
M4 screw,
side-view
E32-T11L+
E39-F2
40
60
R1
M4 screw,
side-view, flex-
ible fiber
E32-T11R+
E39-F2
42
60
R4
M4 screw,
side-view,
break-resistant
E32-T11+
E39-F2
43
0.9 dia.
(0.005 dia.)
R10
M3 screw
(small)
E32-T21L
43
2-dia. cylinder
(small)
E32-T22L
Through-beam Fiber Units
Special-beam models
High-resolution mode
High-speed mode
*When used in combination with the E3X-DA-S Amplifier Unit (general-purpose).
Standard mode
Super-high-speed mode)
(
M14
20,000*3
20,000*3
10,000 (4,000)
M4
4,000
3,700
2,400
(970)
R
M4
4,000*4
4,000*4
2,600 (1,500)
4,000*4
3,700
2,400 (970)
R
4,000*4
3,600
2,300 (930)
B
4,000*4
3,400
2,250 (900)
M4
1,700
1,330
870 (350)
3 dia.
M4
500 (180)
910
800
520
400
250 (100)
R
430 (160)
660
820
B
M3
540
440
250 (100)
2 dia.
Flexible
Break-resistant
Fluororesin coating


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn