Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D24 Datasheet(PDF) 17 Page - Omron Electronics LLC

Part No. E32-D24
Description  Fiber Sensors Best Selection Catalog
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D24 Datasheet(HTML) 17 Page - Omron Electronics LLC

Back Button E32-D24 Datasheet HTML 13Page - Omron Electronics LLC E32-D24 Datasheet HTML 14Page - Omron Electronics LLC E32-D24 Datasheet HTML 15Page - Omron Electronics LLC E32-D24 Datasheet HTML 16Page - Omron Electronics LLC E32-D24 Datasheet HTML 17Page - Omron Electronics LLC E32-D24 Datasheet HTML 18Page - Omron Electronics LLC E32-D24 Datasheet HTML 19Page - Omron Electronics LLC E32-D24 Datasheet HTML 20Page - Omron Electronics LLC E32-D24 Datasheet HTML 21Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 68 page
background image
17
ì¡í²ÅEÉAÉvÉäÉPÅ[ÉVÉáÉì
■ Overview of Model Variations
*The sensing distances apply for use in combination with the E3X-DA-S Amplifier Unit (general-purpose, standard mode).
■ Overview of Model Variations
*The sensing distances apply for use in combination with the E3X-DA-S Amplifier Unit (general-purpose, standard mode).
■ Engineering Data (E32-A07/A08/L16-N)
Type
Features
Shape, sensing distance (mm)*
Model number
0 to 15 mm, wide-range sensing
0 to 15
E32-L16-N
Long-distance sensing
10 to 20
E32-A08
15 to 25
E32-A07E1
E32-A07E2
Heat-resistant up to 300
°C
5 to 18
E32-L66
■ Engineering Data (E32-A09)
Type
Features
Shape, sensing distance (mm)*
Model number
Large-diameter lens ensures re-
sistance to tilting
15 to 38 (center: 25)
E32-A09
Heat-resistant up to 150
°C
E32-A09H
Heat-resistant up to 300
°C
20 to 30 (center: 25)
E32-A09H2
Application-corresponding Models
Glass-substrate Alignment
• There is little variation of detection position within the
detection range (
±0.1 mm max.)
• The different model variations can handle a variety of
sensing distances and temperature conditions.
E32-L16-N
Detection-Position Characteristic (Typical Examples)
Sensing object: Raw glass
(t = 0.7 mm, rounded edge)
2.5
0
5
10
15
20
25
3.0
3.5
4.5
5.0
6.0
E32-A07
E32-A08
E32-L16-N
Y
X
Glass-substrate Mapping
• These models can reliably detect thin glass-substrate
end faces (t = 0.5 mm, beveled edge).
• Using a large-diameter lens makes it possible to cope
with tilting of the glass substrates.
E32-A09
X mm
Angle Characteristics in Left and Right Directions
(Typical Example)
Angle,
θ (o)
Sensing object: Raw glass
(t = 0.5 mm, beveled/rounded edge)
Sensing object: Raw glass
(t = 0.5 mm, rounded edge)
−θ
+
θ
25 mm
−10 −8
−6 −4
−20
2
4
6
8
10
0
100
75
25
50
Emission side
Reception side
Sensing distance, X (mm)
300
250
200
150
100
50
0
0
10203040506070
Digital Light-intensity Value vs Sensing Distance
(Typical Examples)
Rounded
edge
Beveled
edge


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn