Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D24 Datasheet(PDF) 13 Page - Omron Electronics LLC

Part No. E32-D24
Description  Fiber Sensors Best Selection Catalog
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D24 Datasheet(HTML) 13 Page - Omron Electronics LLC

Back Button E32-D24 Datasheet HTML 9Page - Omron Electronics LLC E32-D24 Datasheet HTML 10Page - Omron Electronics LLC E32-D24 Datasheet HTML 11Page - Omron Electronics LLC E32-D24 Datasheet HTML 12Page - Omron Electronics LLC E32-D24 Datasheet HTML 13Page - Omron Electronics LLC E32-D24 Datasheet HTML 14Page - Omron Electronics LLC E32-D24 Datasheet HTML 15Page - Omron Electronics LLC E32-D24 Datasheet HTML 16Page - Omron Electronics LLC E32-D24 Datasheet HTML 17Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 68 page
background image
13
ì¡í²ÅEÉAÉvÉäÉPÅ[ÉVÉáÉì
■ Overview of Model Variations
*The sensing distances apply for use in combination with the E3X-DA-S Amplifier Unit (general-purpose, standard mode).
■ Overview of Model Variations
*The sensing distances apply for use in combination with the E3X-DA-S Amplifier Unit (general-purpose, standard mode).
■ Applications
■ Ratings/Characteristics
Type
Features
Shape, sensing distance (mm)*
Model number
MSR function, M6 screw
250
E32-R21
MSR function, screw mounting, long
distance
1,500 E32-R16
■ Applications
■ Ratings/Characteristics
Type
Features
Shape, sensing distance (mm)*
Model number
Ultracompact, flat-view
Ideal for checking stocks of glass sub-
strates
0 to 4
E32-L24S
Heat-resistant up to 105
°C,
top-view
5.4 to 9
(center: 7.2)
E32-L25L
Wide sensing range,
flat-view
0 to 15 E32-A10
Heat-resistant up to 200
°C,
flat-view
4 to 10 E32-L86
Special-beam Models
Retroreflective
• The return optical path ensures that more light is
interrupted by transparent workpieces than with
through-beam models.
• Equipped with MSR function to eliminate light
reflected directly from the workpiece.
E32-R16
E32-R21
Detecting
translucent
medicine
Ambient
temperature
range
E32-R21:
−40°C to 70°C
E32-R16:
−25°C to 55°C
(with no icing or condensation)
Fiber material
Plastic
Limited-reflective
Detection range
Non-detection range
• Limited-reflective models eliminate light reflected
from distant objects.
• Small level differences can be reliably detected.
• The optical-axis direction can be selected according
to the installation space.
E32-L24L
E32-L25L
E32-L24L
Detecting connector
pins
Detecting wafers
(glass substrates)
Min. sensing
object
0.005-mm dia.
Fiber material
Plastic
200
°C models only: Glass


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn