Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D24 Datasheet(PDF) 9 Page - Omron Electronics LLC

Part No. E32-D24
Description  Fiber Sensors Best Selection Catalog
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D24 Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button E32-D24 Datasheet HTML 5Page - Omron Electronics LLC E32-D24 Datasheet HTML 6Page - Omron Electronics LLC E32-D24 Datasheet HTML 7Page - Omron Electronics LLC E32-D24 Datasheet HTML 8Page - Omron Electronics LLC E32-D24 Datasheet HTML 9Page - Omron Electronics LLC E32-D24 Datasheet HTML 10Page - Omron Electronics LLC E32-D24 Datasheet HTML 11Page - Omron Electronics LLC E32-D24 Datasheet HTML 12Page - Omron Electronics LLC E32-D24 Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 68 page
background image
9
ì¡í²ÅEÉAÉvÉäÉPÅ[ÉVÉáÉì
Overview of Model Variations
Note 1. The sensing distances apply for use in combination with the E3X-DA-S Amplifier Unit (general-purpose, standard mode).
2. These symbols are defined as follows.
: Flexible fiber,
: Bendable fiber,
: Fluorine-coated fiber.
Type
(See note 2.)
Flexible (New Standard)
Standard
Break-resistant
Fluorine coating
Shape of head
[For dimensions, refer to page 40.]
Flexible and pliable
Withstands repeated
bending
Cable protected against
oil
M6
170
E32-D11N
M6
170
E32-C11N
M3
25
E32-C31N
Screw-shaped
(top-view)
M6
170
300
170
170
E32-D11R
E32-DC200
E32-D11
E32-D11U
M3
30
80
30
E32-D21R
E32-DC200E
E32-D21
(with sleeve)
M6
(2.5-dia.
sleeve)
170
300
E32-DC200BR
E32-DC200B
M3
(1.2-dia.
sleeve)
30
80
E32-DC200FR
E32-DC200F
Cylindrical
(top-view)
3 dia.
170
230
70
E32-D12R
E32-D12
E32-D221B
3 dia.
(1.5 dia.)
30
80
30
E32-D22R
E32-D22
E32-D22B
(side-view)
6 dia.
45
110
E32-D14LR
E32-D14L
2 dia.
15
30
E32-D24R
E32-D24
Flat
(top-view)
15
× 10 × 3
170
300
170
E32-D15XR
E32-D15X
E32-D15XB
12
× 7 × 230
80
50
E32-D25X
E32-D25X
E32-D25XB
(side-view)
15
× 10 × 3
40
100
E32-D15YR
E32-D15Y
12
× 8 × 28
20
E32-D25YR
E32-D25Y
(flat-view)
15
× 10 × 3
40
100
E32-D15ZR
E32-D15Z
12
× 8 × 28
20
E32-D25ZR
E32-D25Z
Standard Models
Fiber Units with Reflective Sensors
R
B
(Cross section)
Fluororesin coating
U
R
B
U
Sensing distance (mm)
(See note 1)
Model


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn