Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E3T-ST13 Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # E3T-ST13
Description  Subminiature Photoelectric Sensor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3T-ST13 Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button E3T-ST13 Datasheet HTML 4Page - Omron Electronics LLC E3T-ST13 Datasheet HTML 5Page - Omron Electronics LLC E3T-ST13 Datasheet HTML 6Page - Omron Electronics LLC E3T-ST13 Datasheet HTML 7Page - Omron Electronics LLC E3T-ST13 Datasheet HTML 8Page - Omron Electronics LLC E3T-ST13 Datasheet HTML 9Page - Omron Electronics LLC E3T-ST13 Datasheet HTML 10Page - Omron Electronics LLC E3T-ST13 Datasheet HTML 11Page - Omron Electronics LLC E3T-ST13 Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
E3T
E3T
8
J
TIMING CHART
Diffuse and convergent beam
Light-ON
Dark-ON
g
Operation
indicator
(orange)
Target present
Target not present
ON
OFF
Output
transistor
ON
OFF
Load
Energized
De-energized
Operation
indicator
(orange)
Target present
Target not present
ON
OFF
Output
transistor
ON
OFF
Load
Energized
De-energized
Retroreflective/through-beam
Light-ON
Dark-ON
/
g
Operation
indicator
(orange)
Target present
Target not present
ON
OFF
Output
transistor
ON
OFF
Load
Energized
De-energized
Operation
indicator
(orange)
Target present
Target not present
ON
OFF
Output
transistor
ON
OFF
Load
Energized
De-energized
Dimensions
Unit: mm (inch)
J
SIDE-VIEW SENSORS
Through-Beam Models
E3T-ST11
E3T-ST12
E3T-ST13
E3T-ST14
Lens: 1.7 dia.
Emitter
7(0.28)
Lens: 2 dia.
Operation
indicator
Stability
indicator
Receiver
7 (0.28)
Mounting Holes
Two, M2
(0.59)
Emitter
Receiver
Two, 2.2 dia.
9.5
(0.37)
14.6
(0.57)
18.5
(0.73)
Polyvinyl chloride-covered cable,
2.4-mm dia. (7/0.127 dia.),
Robotic cable (20/0, 0.08-mm dia.),
2 conductors, emitter
3 conductors, receivers
Standard length: 2 m


Similar Part No. - E3T-ST13

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3T-ST13 OMRON-E3T-ST13 Datasheet
2Mb / 21P
   Photoelectric Sensor with Built-in Amplifier (Ultracompact and Thin Type)
E3T-ST132M OMRON-E3T-ST132M Datasheet
2Mb / 21P
   Photoelectric Sensor with Built-in Amplifier (Ultracompact and Thin Type)
E3T-ST132M OMRON-E3T-ST132M Datasheet
3Mb / 24P
   The Improved E3T Series with Easier, Smoother Mounting and Installation
E3T-ST13M2M OMRON-E3T-ST13M2M Datasheet
3Mb / 24P
   The Improved E3T Series with Easier, Smoother Mounting and Installation
More results

Similar Description - E3T-ST13

ManufacturerPart #DatasheetDescription
logo
SICK AG
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
logo
Omron Electronics LLC
E3S-5LE41 OMRON-E3S-5LE41 Datasheet
256Kb / 12P
   Photoelectric Sensor
logo
SICK AG
GRSE18S-N2421V SICK-GRSE18S-N2421V Datasheet
332Kb / 6P
   PHOTOELECTRIC SENSOR
logo
Contrinex AG Industrial...
LRR-M18PA-NMS-101 CONTRINEX-LRR-M18PA-NMS-101 Datasheet
482Kb / 6P
   PHOTOELECTRIC SENSOR
logo
Omron Electronics LLC
E3S-LS3C1D OMRON-E3S-LS3C1D Datasheet
186Kb / 8P
   Photoelectric Sensor
E3SLS10XE4 OMRON-E3SLS10XE4 Datasheet
186Kb / 8P
   Photoelectric Sensor
E3S-R2E41 OMRON-E3S-R2E41 Datasheet
256Kb / 12P
   Photoelectric Sensor
logo
SICK AG
GRSE18S-F2336 SICK-GRSE18S-F2336 Datasheet
1Mb / 7P
   PHOTOELECTRIC SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com