Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E3C-S30T Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # E3C-S30T
Description  Special-Purpose Photoelectric Sensors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3C-S30T Datasheet(HTML) 2 Page - Omron Electronics LLC

  E3C-S30T Datasheet HTML 1Page - Omron Electronics LLC E3C-S30T Datasheet HTML 2Page - Omron Electronics LLC E3C-S30T Datasheet HTML 3Page - Omron Electronics LLC E3C-S30T Datasheet HTML 4Page - Omron Electronics LLC E3C-S30T Datasheet HTML 5Page - Omron Electronics LLC E3C-S30T Datasheet HTML 6Page - Omron Electronics LLC E3C-S30T Datasheet HTML 7Page - Omron Electronics LLC E3C-S30T Datasheet HTML 8Page - Omron Electronics LLC E3C-S30T Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
E3C
E3C
3
s ACCESSORIES
Description
Part number
Mounting brackets
U-shaped, for E3C-S10, with 10 mm (0.394 in) sensing distance gap
OAC-T1
U-shaped, for E3C-S10, with 20 mm (0.787 in) sensing distance gap
OAC-T2
U-shaped, for E3C-S10, with 30 mm (1.181 in) sensing distance gap
OAC-T3
L-shaped, for E3C-DS10
E39-L42
L-shaped, for E3C-S50
E39-L31
Sockets required for
Bottom surface mount socket
PYF08M
E3C-G❑4 amplifier
Combination bottom surface and track-mount socket
PYF08A-E
Mounting track
DIN rail, 50 cm (1.64 ft) length
PFP-50N
DIN rail, 1 m (3.28 ft) length
PFP-100N
End plate
PFP-M
Spacer
PFP-S
s REPLACEMENT PARTS
Description
Part number
Track-mount socket for E3C-A and E3C-C amplifiers
PF113A-E
Mounting bracket for E3C-1
E39-L41
Mounting bracket for E3C-2
E39-L42
Mounting bracket for E3C-J❑4P
E39-L48
s TYPICAL APPLICATIONS
E3C-S50
Detect parts coming from a bowl feeder
in a space-confined location
Space-saving flat sensors can detect small parts
in tight spaces
E3C-S20W
E3C
E3C


Similar Part No. - E3C-S30T

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3C-S30T OMRON-E3C-S30T Datasheet
302Kb / 16P
   Photoelectric Sensor
More results

Similar Description - E3C-S30T

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3C-1 OMRON-E3C-1 Datasheet
883Kb / 18P
   Special-Purpose Photoelectric Sensors
logo
Baumer IVO GmbH & Co. K...
G305 IVO-G305 Datasheet
342Kb / 2P
   Special Encoders & Sensors
GCM2K IVO-GCM2K Datasheet
464Kb / 3P
   Special Encoders & Sensors
G080 IVO-G080 Datasheet
281Kb / 2P
   Special Encoders & Sensors
GCI0L IVO-GCI0L Datasheet
250Kb / 4P
   Special Encoders & Sensors
GNAMG IVO-GNAMG Datasheet
678Kb / 4P
   Special Encoders & Sensors
GCI0K IVO-GCI0K Datasheet
494Kb / 6P
   Special Encoders & Sensors
logo
SICK AG
WL2S-2P3230 SICK-WL2S-2P3230 Datasheet
749Kb / 6P
   Photoelectric sensors
WTB2S-2N3130 SICK-WTB2S-2N3130 Datasheet
655Kb / 6P
   Photoelectric sensors
WTB2S-2N3251 SICK-WTB2S-2N3251 Datasheet
700Kb / 6P
   Photoelectric sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com