Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E3C-S30W Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # E3C-S30W
Description  Special-Purpose Photoelectric Sensors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3C-S30W Datasheet(HTML) 3 Page - Omron Electronics LLC

  E3C-S30W Datasheet HTML 1Page - Omron Electronics LLC E3C-S30W Datasheet HTML 2Page - Omron Electronics LLC E3C-S30W Datasheet HTML 3Page - Omron Electronics LLC E3C-S30W Datasheet HTML 4Page - Omron Electronics LLC E3C-S30W Datasheet HTML 5Page - Omron Electronics LLC E3C-S30W Datasheet HTML 6Page - Omron Electronics LLC E3C-S30W Datasheet HTML 7Page - Omron Electronics LLC E3C-S30W Datasheet HTML 8Page - Omron Electronics LLC E3C-S30W Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
E3C
E3C
4
Specifications
Part number
E3C-S10
E3C-S20W
E3C-S30❑
E3C-S50
E3C-1
E3C-2
Sensing distance
10 cm (3.94 in)
20 cm (7.87 in)
50 cm (1.64 ft)
1 m (3.28 ft)
2 m (3.28 ft)
Light source
Pulse modulated infrared LED
Detectable
Type
Opaque materials
object
Size
2 mm (0.08 in)
2 mm (0.09 in)
3 mm (1.18 in)
4 mm (0.16 in)
8 mm (0.32 in)
min. dimension
min. dimension
min. dimension
min. dimension
min. dimension
Required amplifier
E3C-A, E3C-C, E3C-GE4, E3C-GF4, E3C-JC4P, E3C-JB4P, E3C-WH4F
Indicators
Emitter
Light Incident (red LED)
Receiver
None
Materials
Lens
Plastic, polycarbonate
Case
Plastic, polycarbonate
Zinc die-cast
Cable sheath Plastic, polyethylene
Mounting
Side surface
Side surface
Side surface with two
Side surface
Side surface
with two through
with two through through holes. Bracket
with two through with two through
holes. Brackets
holes.
E39-L31 optional, see
holes. Bracket
holes. Bracket
OAC-T1, OAC-T2,
Accessories
E39-L41 and
E39-L42 and
OAC-T3 optional,
hardware
hardware
see Accessories
included.
included.
Connections Prewired
Emitter: 2-conductor cable, 2 m (6.56 ft) length
Receiver: 2-conductor cable, 2 m (6.56 ft) length
Weight
Emitter
25 g (0.9 oz.)
30 g (1.1 oz.)
60 g (2.2 oz.)
Receiver
25 g (0.9 oz.)
30 g (1.1 oz.)
60 g (2.2 oz.)
Enclosure
UL
ratings
NEMA
1, 2, 12
1
1
1, 2, 12
1, 2, 4, 4X, 12
IEC 144
IP64
IP50
IP60
IP64
IP66
Approvals
UL
CSA
Ambient
Operating
-25
° to 70°C (-13° to 158°F)
temperature
Storage
-25
° to 70°C (-13° to 158°F)
Part number
E3C-DS5W
E3C-DS10
Sensing distance
5 cm (1.97 in) with 10 X 10 cm
10 cm (3.94 in) with 5 X 5 cm (1.97 in)
(3.94 in) 90% reflectance white mat paper
90% reflectance white mat paper
Detectable object type
Opaque and transparent materials
Required amplifier
E3C-A, E3C-C, E3C-GE4, E3C-GF4, E3C-JC4P, E3C-JB4P, E3C-WH4F
Indicators
Light Incident (red LED)
Materials
Lens
Plastic, polycarbonate
Case
Plastic, polycarbonate
Cable sheath
Plastic, polyethylene
Mounting
Side surface with two through holes.
Side surface with two through holes.
Bracket E39-L42 optional, see Accessories.
Connections
Prewired
4-conductor cable, 2 m (6.56 ft) length
Weight
50 g (1.8 oz.)
Enclosure
UL
ratings
NEMA
1
1, 2, 12
IEC 144
IP50
IP64
Approvals
UL
CSA
Ambient
Operating
-25
° to 70°C (-13° to 158°F)
temperature
Storage
-25
° to 70°C (-13° to 158°F)
s THROUGH-BEAM TYPE
s DIFFUSE REFLECTIVE TYPE


Similar Part No. - E3C-S30W

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3C-S30W OMRON-E3C-S30W Datasheet
302Kb / 16P
   Photoelectric Sensor
More results

Similar Description - E3C-S30W

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3C-1 OMRON-E3C-1 Datasheet
883Kb / 18P
   Special-Purpose Photoelectric Sensors
logo
Baumer IVO GmbH & Co. K...
G305 IVO-G305 Datasheet
342Kb / 2P
   Special Encoders & Sensors
GCM2K IVO-GCM2K Datasheet
464Kb / 3P
   Special Encoders & Sensors
G080 IVO-G080 Datasheet
281Kb / 2P
   Special Encoders & Sensors
GCI0L IVO-GCI0L Datasheet
250Kb / 4P
   Special Encoders & Sensors
GNAMG IVO-GNAMG Datasheet
678Kb / 4P
   Special Encoders & Sensors
GCI0K IVO-GCI0K Datasheet
494Kb / 6P
   Special Encoders & Sensors
logo
SICK AG
WL2S-2P3230 SICK-WL2S-2P3230 Datasheet
749Kb / 6P
   Photoelectric sensors
WTB2S-2N3130 SICK-WTB2S-2N3130 Datasheet
655Kb / 6P
   Photoelectric sensors
WTB2S-2N3251 SICK-WTB2S-2N3251 Datasheet
700Kb / 6P
   Photoelectric sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com