Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E3C-S20W Datasheet(PDF) 15 Page - Omron Electronics LLC

Part # E3C-S20W
Description  Special-Purpose Photoelectric Sensors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3C-S20W Datasheet(HTML) 15 Page - Omron Electronics LLC

Back Button E3C-S20W Datasheet HTML 10Page - Omron Electronics LLC E3C-S20W Datasheet HTML 11Page - Omron Electronics LLC E3C-S20W Datasheet HTML 12Page - Omron Electronics LLC E3C-S20W Datasheet HTML 13Page - Omron Electronics LLC E3C-S20W Datasheet HTML 14Page - Omron Electronics LLC E3C-S20W Datasheet HTML 15Page - Omron Electronics LLC E3C-S20W Datasheet HTML 16Page - Omron Electronics LLC E3C-S20W Datasheet HTML 17Page - Omron Electronics LLC E3C-S20W Datasheet HTML 18Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
E3C
E3C
16
s E3C-C AMPLIFIER
Selecting timer function
ON D.
(ON-delay)
operation
OFF D.
(OFF-delay)
operation
O.S.D.
(One-shot
delay)
operation
Gate input operation
When the gate input terminal 9 is opened at HIGH level (6 to 30
VDC), the output relay performs the timer operation according
to the input signal (light incident or light interrupted).
When the gate input terminal 9 is short-circuited with the 0 V
terminal 2 at LOW level (0 to 2 VDC), the output relay releases
without regard to the input signal or output state. The terminal
generates an inhibit signal.
Selection of operation mode
Selection of response time
Setting the delay time


Similar Part No. - E3C-S20W

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3C-S20W OMRON-E3C-S20W Datasheet
302Kb / 16P
   Photoelectric Sensor
More results

Similar Description - E3C-S20W

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3C-1 OMRON-E3C-1 Datasheet
883Kb / 18P
   Special-Purpose Photoelectric Sensors
logo
Baumer IVO GmbH & Co. K...
G305 IVO-G305 Datasheet
342Kb / 2P
   Special Encoders & Sensors
GCM2K IVO-GCM2K Datasheet
464Kb / 3P
   Special Encoders & Sensors
G080 IVO-G080 Datasheet
281Kb / 2P
   Special Encoders & Sensors
GCI0L IVO-GCI0L Datasheet
250Kb / 4P
   Special Encoders & Sensors
GNAMG IVO-GNAMG Datasheet
678Kb / 4P
   Special Encoders & Sensors
GCI0K IVO-GCI0K Datasheet
494Kb / 6P
   Special Encoders & Sensors
logo
SICK AG
WL2S-2P3230 SICK-WL2S-2P3230 Datasheet
749Kb / 6P
   Photoelectric sensors
WTB2S-2N3130 SICK-WTB2S-2N3130 Datasheet
655Kb / 6P
   Photoelectric sensors
WTB2S-2N3251 SICK-WTB2S-2N3251 Datasheet
700Kb / 6P
   Photoelectric sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com