Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSL2550 Datasheet(PDF) 10 Page - ams AG

Part # TSL2550
Description  AMBIENT LIGHT SENSOR WITH SMBus INTERFACE
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL2550 Datasheet(HTML) 10 Page - ams AG

Back Button TSL2550 Datasheet HTML 6Page - ams AG TSL2550 Datasheet HTML 7Page - ams AG TSL2550 Datasheet HTML 8Page - ams AG TSL2550 Datasheet HTML 9Page - ams AG TSL2550 Datasheet HTML 10Page - ams AG TSL2550 Datasheet HTML 11Page - ams AG TSL2550 Datasheet HTML 12Page - ams AG TSL2550 Datasheet HTML 13Page - ams AG TSL2550 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
TSL2550
AMBIENT LIGHT SENSOR
WITH SMBus INTERFACE
TAOS029L − OCTOBER 2007
9
The LUMENOLOGY r Company
r
r
Copyright E 2007, TAOS Inc.
www.taosinc.com
The specific ADC value register read depends on the last read command written to the command register, as
described above and in the Operation section, below.
The MSB of the ADC register (VALID bit B7) is used to indicate that data has been written to the ADC register
after the device is powered up as described in Command Register section.
Bits 6 through 0 contain the 7-bit code representing the ADC count value, which is proportional to a
photodetector current. In this code, the ADC count value is represented by a piece-wise linear approximation
to a log function. The transfer function is broken into 8 chords of 16 steps each. (This code is very similar to μ-law
code used in audio compression — it differs in that it does not have a sign bit and it is not inverted.) Table 3 shows
the relationship between the CHORD and STEP bits and the CHORD and STEP numbers and values. These
are used to calculate the ADC count value.
Table 3. CHORD and STEP Numbers and Values vs Register Bits
CHORD
BITS
B6, B5, B4
C, CHORD
NUMBER
CHORD
VALUE
(Note A)
STEP
VALUE
(Note B)
STEP
BITS
B3, B2, B1, B0
S, STEP
NUMBER
000
0
0
1
0000
0
001
1
16
2
0001
1
010
2
49
4
0010
2
011
3
115
8
0011
3
100
4
247
16
0100
4
101
5
511
32
0101
5
110
6
1039
64
0110
6
111
7
2095
128
0111
7
1000
8
1001
9
1010
10
1011
11
1100
12
1101
13
1110
14
1111
15
NOTES: A. CHORD VALUE = INT (16.5
× ((2C) − 1))
B. STEP VALUE = 2C
The ADC count value is obtained by adding the CHORD VALUE and the product of the STEP NUMBER and
STEP VALUE (which depends on CHORD NUMBER).
ADC Count Value + ((Chord Value) ) (Step Value)
(Step Number))
The ADC count value can also be expressed as a formula:
ADC Count Value + (INT (16.5
((2C * 1))) ) (S
(2C))
where:
C
is the CHORD NUMBER (0 to 7)
S
is the STEP NUMBER (0 to 15)
as defined in Table 3.


Similar Part No. - TSL2550

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSL2550 ETC-TSL2550 Datasheet
147Kb / 14P
   AMBIENT LIGHT SENSOR WITH SMBus INTERFACE
logo
TEXAS ADVANCED OPTOELEC...
TSL2550 TAOS-TSL2550 Datasheet
272Kb / 20P
   AMBIENT LIGHT SENSOR WITH SMBus INTERFACE
TSL2550D TAOS-TSL2550D Datasheet
272Kb / 20P
   AMBIENT LIGHT SENSOR WITH SMBus INTERFACE
TSL2550T TAOS-TSL2550T Datasheet
272Kb / 20P
   AMBIENT LIGHT SENSOR WITH SMBus INTERFACE
More results

Similar Description - TSL2550

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TSL2550 TAOS-TSL2550 Datasheet
272Kb / 20P
   AMBIENT LIGHT SENSOR WITH SMBus INTERFACE
logo
List of Unclassifed Man...
TSL2550 ETC-TSL2550 Datasheet
147Kb / 14P
   AMBIENT LIGHT SENSOR WITH SMBus INTERFACE
logo
Microsemi Corporation
LX1977 MICROSEMI-LX1977 Datasheet
527Kb / 23P
   SMBus Ambient Light Sensor
logo
ON Semiconductor
NOA1302 ONSEMI-NOA1302 Datasheet
226Kb / 9P
   Ambient Light Sensor with I2C Interface
August, 2009 ??Rev. 1
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9303 AVAGO-APDS-9303 Datasheet
771Kb / 21P
   Miniature Ambient Light Photo Sensor with Digital (SMBus) Output
logo
ON Semiconductor
LV0104CS ONSEMI-LV0104CS Datasheet
225Kb / 9P
   Ambient Light Sensor, I2C Interface
April 2015- Rev. 2
logo
Broadcom Corporation.
APDS-9303 BOARDCOM-APDS-9303 Datasheet
771Kb / 21P
   Miniature Ambient Light Photo Sensor with Digital (SMBus) Output
logo
AMIC Technology
ASR8601 AMICC-ASR8601 Datasheet
40Kb / 1P
   Ambient Light Sensor with I2C digital interface
logo
Everlight Electronics C...
EAAPMST3923A3 EVERLIGHT-EAAPMST3923A3 Datasheet
726Kb / 23P
   Ambient Light Sensor and Proximity Sensor with I2C Interface
EAAPMST3923A2 EVERLIGHT-EAAPMST3923A2 Datasheet
836Kb / 20P
   Ambient Light Sensor and Proximity Sensor with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com