Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT25128 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT25128
Description  SPI Serial E2PROMs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25128 Datasheet(HTML) 3 Page - ATMEL Corporation

  AT25128 Datasheet HTML 1Page - ATMEL Corporation AT25128 Datasheet HTML 2Page - ATMEL Corporation AT25128 Datasheet HTML 3Page - ATMEL Corporation AT25128 Datasheet HTML 4Page - ATMEL Corporation AT25128 Datasheet HTML 5Page - ATMEL Corporation AT25128 Datasheet HTML 6Page - ATMEL Corporation AT25128 Datasheet HTML 7Page - ATMEL Corporation AT25128 Datasheet HTML 8Page - ATMEL Corporation AT25128 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DC Characteristics
Applicable over recommended operating range from: TAI = -40°C to +85°C, VCC = +1.8V to +5.5V,
TAC = 0°C to +70°C, VCC = +1.8V to +5.5V (unless otherwise noted).
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
VCC1
Supply Voltage
1.8
3.6
V
VCC2
Supply Voltage
2.7
5.5
V
VCC3
Supply Voltage
4.5
5.5
V
ICC1
Supply Current
VCC = 5.0V at 1 MHz,
SO = Open
3.0
mA
ICC2
Supply Current
VCC = 5.0V at 2 MHz,
SO = Open
5.0
mA
ISB1
Standby Current
VCC = 1.8V
CS = VCC
0.1
µA
ISB2
Standby Current
VCC = 2.7V
CS = VCC
0.2
0.5
µA
ISB3
Standby Current
VCC = 5.0V
CS = VCC
0.5
2.0
µA
IIL
Input Leakage
VIN = 0V to VCC
-3.0
3.0
µA
IOL
Output Leakage
VIN = 0V to VCC,
TAC = 0
°C to 70°C
-3.0
3.0
µA
VIL (1)
Input Low Voltage
-1.0
VCC x 0.3
V
VIH (1)
Input High Voltage
VCC x 0.7
VCC + 0.5
V
VOL1
Output Low Voltage
4.5V
≤ VCC ≤ 5.5V
IOL = 3.0 mA
0.4
V
VOH1
Output High Voltage
IOH = -1.6 mA
VCC - 0.8
V
VOL2
Output Low Voltage
1.8V
≤ VCC ≤ 3.6V
IOL = 0.15 mA
0.2
V
VOH2
Output High Voltage
IOH = -100
µAVCC - 0.2
V
Note:
1. VIL min and VIH max are reference only and are not tested.
Pin Capacitance
(1)
Applicable over recommended operating range from TA = 25°C, f = 1.0 MHz, VCC = +5.0V (unless otherwise noted).
Test Conditions
Max
Units
Conditions
COUT
Output Capacitance (SO)
8
pF
VOUT = 0V
CIN
Input Capacitance (CS, SCK, SI, WP, HOLD)
6
pF
VIN = 0V
Note:
1. This parameter is characterized and is not 100% tested.
AT25128
3


Similar Part No. - AT25128

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25128 ATMEL-AT25128 Datasheet
230Kb / 12P
   SPI Serial EEPROMs
AT25128 ATMEL-AT25128 Datasheet
432Kb / 22P
   SPI Serial EEPROMs
AT25128-10CC ATMEL-AT25128-10CC Datasheet
230Kb / 12P
   SPI Serial EEPROMs
AT25128-10CC-1.8 ATMEL-AT25128-10CC-1.8 Datasheet
230Kb / 12P
   SPI Serial EEPROMs
AT25128-10CC-2.7 ATMEL-AT25128-10CC-2.7 Datasheet
230Kb / 12P
   SPI Serial EEPROMs
More results

Similar Description - AT25128

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C46B ATMEL-AT93C46B Datasheet
143Kb / 10P
   3-Wire Serial E2PROMs
AT25010 ATMEL-AT25010_03 Datasheet
155Kb / 17P
   SPI Serial EEPROMs
AT25HP256 ATMEL-AT25HP256_06 Datasheet
414Kb / 21P
   SPI Serial EEPROMs
AT25080A ATMEL-AT25080A_07 Datasheet
448Kb / 24P
   SPI Serial EEPROMs
AT25010 ATMEL-AT25010 Datasheet
165Kb / 15P
   SPI Serial EEPROMs
AT25128 ATMEL-AT25128 Datasheet
230Kb / 12P
   SPI Serial EEPROMs
logo
List of Unclassifed Man...
FT25C32A ETC2-FT25C32A Datasheet
195Kb / 16P
   SPI Serial EEPROM
logo
ABLIC Inc.
S-25C010A ABLIC-S-25C010A Datasheet
703Kb / 48P
   SPI SERIAL E2PROM
Rev.4.3_02_C
logo
ATMEL Corporation
AT25128A ATMEL-AT25128A_05 Datasheet
437Kb / 21P
   SPI Serial EEPROMs
AT25040B-SSHL-B ATMEL-AT25040B-SSHL-B Datasheet
1Mb / 27P
   SPI Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com