Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSL1401CL Datasheet(PDF) 13 Page - ams AG

Part # TSL1401CL
Description  128X1 LINEAR SENSOR ARRAY WITH HOLD
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL1401CL Datasheet(HTML) 13 Page - ams AG

Back Button TSL1401CL Datasheet HTML 9Page - ams AG TSL1401CL Datasheet HTML 10Page - ams AG TSL1401CL Datasheet HTML 11Page - ams AG TSL1401CL Datasheet HTML 12Page - ams AG TSL1401CL Datasheet HTML 13Page - ams AG TSL1401CL Datasheet HTML 14Page - ams AG TSL1401CL Datasheet HTML 15Page - ams AG TSL1401CL Datasheet HTML 16Page - ams AG TSL1401CL Datasheet HTML 17Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
TSL1401CL
128 × 1 LINEAR SENSOR ARRAY WITH HOLD
TAOS136 − JULY 2011
12
r
r
Copyright
E 2011, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
CARRIER TAPE AND REEL INFORMATION
TOP VIEW
DETAIL B
DETAIL A
3.45
Ao
9.85
Bo
1.53
Ko
0.30
+ 0.02
8
5 Max
8.00
2.00
4.00
j 1.50
+ 0.10
− 0.00
j 1.50
+ 0.25
− 0.00
16.00
+ 0.30
− 0.10
1.75
7.50
AA
B
B
7
5 Max
NOTES: A. All linear dimensions are in millimeters. Dimension tolerance is
± 0.10 mm unless otherwise noted.
B. The dimensions on this drawing are for illustrative purposes only. Dimensions of an actual carrier may vary slightly.
C. Symbols on drawing Ao, Bo, and Ko are defined in ANSI EIA Standard 481−B 2001.
D. Each reel is 178 millimeters in diameter and contains 1000 parts.
E. TAOS packaging tape and reel conform to the requirements of EIA Standard 481−B.
F. In accordance with EIA standard, device pin 1 is located next to the sprocket holes in the tape.
G. This drawing is subject to change without notice.
Figure 11. Package CL Carrier Tape


Similar Part No. - TSL1401CL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSL1401CL ETC2-TSL1401CL Datasheet
188Kb / 16P
   128 횞 1 LINEAR SENSOR ARRAY WITH HOLD
logo
TEXAS ADVANCED OPTOELEC...
TSL1401CL TAOS-TSL1401CL Datasheet
647Kb / 17P
   LINEAR SENSOR ARRAY WITH HOLD
More results

Similar Description - TSL1401CL

ManufacturerPart #DatasheetDescription
logo
ams AG
TSL1401CS-LF AMSCO-TSL1401CS-LF Datasheet
686Kb / 19P
   128X1 LINEAR SENSOR ARRAY WITH HOLD
logo
TEXAS ADVANCED OPTOELEC...
TSL1401CL TAOS-TSL1401CL Datasheet
647Kb / 17P
   LINEAR SENSOR ARRAY WITH HOLD
logo
ams AG
TSL1410R AMSCO-TSL1410R Datasheet
635Kb / 13P
   1280X1 LINEAR SENSOR ARRAY WITH HOLD
TSL1406R AMSCO-TSL1406R Datasheet
655Kb / 15P
   768X1 LINEAR SENSOR ARRAY WITH HOLD
TSL1412S AMSCO-TSL1412S Datasheet
636Kb / 13P
   1536X1 LINEAR SENSOR ARRAY WITH HOLD
TSL1402R AMSCO-TSL1402R Datasheet
819Kb / 17P
   256X1 LINEAR SENSOR ARRAY WITH HOLD
logo
IC-Haus GmbH
IC-LF1401 ICHAUS-IC-LF1401 Datasheet
324Kb / 10P
   128x1 LINEAR IMAGE SENSOR
logo
List of Unclassifed Man...
IC-LF1401 ETC1-IC-LF1401 Datasheet
331Kb / 9P
   128x1 Linear Image Sensor
TSL1401CS ETC-TSL1401CS Datasheet
169Kb / 14P
   128 1 LINEAR SENSOR ARRAY WITH HOLD
TSL1402R ETC-TSL1402R Datasheet
145Kb / 12P
   256 X 1 LINEAR SENSOR ARRAY WITH HOLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com